PART |
Description |
Maker |
ISL95210 |
High Efficiency 5V, 10A Buck Regulator
|
Intersil
|
LTC3632EDDTRPBF |
LTC3632 - High Efficiency, High Voltage 20mA Synchronous Step-Down Converter; Package: DFN; Number of Pins: 8; Temperature Range: –40°C to 125°C 0.02 A SWITCHING REGULATOR, PDSO8
|
Linear Technology, Corp.
|
LTC3250-1.2 3250FA LTC3250ES6-1.5 LTC3250ES6-1.2 L |
From old datasheet system High Efficiency, Low Noise,
Inductorless Step-Down
DC/DC Converter High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 0.35 A SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO6
|
Cypress Semiconductor Corp. Linear Technology, Corp.
|
LTC3727EG LTC3727EUH-1 LTC3727EG-1 LTC3727 LTC3727 |
From old datasheet system High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器
|
LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
MP8720 MP8720GQ |
26V,10A, High Efficiency, Fast Transient, Synchronous, Buck Converter with adjustable CLM
|
Monolithic Power System...
|
LTC1142-ADJ LTC1142HV-ADJ LTC1142HVCG-ADJ LTC1142L |
Dual High Efficiency Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS OCTAL BUS TRANSCEIVER O.C. 20-SO 0 to 70
|
Linear Technology Corporation
|
MP8714 MP8714GLE |
High-Efficiency, 10A, 17V, Synchronous, Step-Down Converter With External Soft Start and Power Good
|
Monolithic Power System...
|
MTN3630-AHR MTN3630-AUR MTN3620-CHR MTN3620-CUR MT |
High efficiency & ultra bright numeric. .53 inches digit size - R.H.D.P.. Emitted color red. HIGH EFFICIENCY & ULTRA BRIGHT NUMERICS RECTIFIER STANDARD SINGLE 1A 200V 200 30A-ifsm 5uA-ir 1V-vf A405 5K/REEL-13 HIGH EFFICIENCY & ULTRA BRIGHT NUMERICS 高效 High efficiency & ultra bright numeric. .56 inches digit size - R.H.D.P.. Emitted color red.
|
Marktech Optoelectronics MARKTECH[Marktech Corporate] Atmel, Corp.
|
LTC1503CMS8-1.8 LTC1503IS8-1.8 LTC1503CS8-1.8 LTC1 |
High Efficiency Inductorless Step-Down DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1-OUTPUT DC-DC REG PWR SUPPLY MODULE High Efficiency Inductorless Step-Down DC/DC Converter; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C 1-OUTPUT DC-DC REG PWR SUPPLY MODULE High Efficiency Inductorless Step-Down DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 1-OUTPUT DC-DC REG PWR SUPPLY MODULE High Efficiency Inductorless Step-Down DC/DC Converters
|
Linear Technology, Corp.
|
MSK5045-5.0HG MSK5045-2.5 MSK5045-2.5E MSK5045-2.5 |
HIGH EFFICIENCY, HIGH VOLTAGE 4 AMP SURFACE MOUNT SWITCHING REGULATORS
|
MSK[M.S. Kennedy Corporation]
|
VCN60BADJTU-1C MDCVCN6070 |
High Efficiency, High Current Density, 60 or 70 Amp Single Inline Package DC/DC Converters
|
Murata Manufacturing Co., Ltd.
|
LT1371CRPBF LT1371HVIRPBF |
500kHz High Efficiency 3A Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: -40°C to 85°C
|
NXP Semiconductors N.V. LINEAR TECHNOLOGY CORP
|