PART |
Description |
Maker |
TK97 |
POLYSTYRENE/ POLYCARBONATE ENCLOSURE TK 97
|
Altech corporation
|
EK024 |
POLYSTYRENE/ POLYCARBONATE ENCLOSURE EK024
|
Altech corporation
|
AK421 |
POLYSTYRENE/ POLYCARBONATE ENCLOSURE AK 421
|
Altech corporation
|
MB3828PFV-G-BND |
BOX, POLYCARBONATE IP67 CLEAR LIDBOX, POLYCARBONATE IP67 CLEAR LID; Length / Height, external:65mm; Width, external:230mm; Depth, external:80mm; Material:Polycarbonate; Colour:Grey; Approval Bodies:GL, CSA, Fimko, Gost R, EN 50298 Pentium DC/DC Converter IC
|
Fujitsu Limited Fujitsu Component Limited.
|
ENC911D ENC560D ENC151D ENC471D |
(ENC Series) Metal Ocide Varistor
|
Fuji Semiconductors
|
AED30A |
M-NARA ULTRA LOW POWER MPEG LAYER3 AUDIO ENC/DECODER
|
ETC[ETC]
|
ABOX025AB |
POLYSTYRENE ENCLOSURE ABOX 025AB
|
Altech corporation
|
735-470 |
AK 14 ?Polystyrene ?300x300mm (11.81x11.81in.)
|
Altech corporation
|
FKC2PCM50.01/10/100VDCREEL18/360 FKC2PCM52200/10/2 |
CAPACITOR, FILM/FOIL, POLYCARBONATE, 100 V, 0.01 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, FILM/FOIL, POLYCARBONATE, 250 V, 0.0022 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, FILM/FOIL, POLYCARBONATE, 100 V, 0.00022 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, FILM/FOIL, POLYCARBONATE, 400 V, 0.00022 uF, THROUGH HOLE MOUNT RADIAL LEADED
|
IRC Advanced Film Kingbright, Corp.
|
PMR64L10UF/-1040V PMA64C10UF/-1040V |
CAPACITOR, METALLIZED FILM, POLYCARBONATE, 40 V, 10 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYCARBONATE, 40 V, 10 uF, THROUGH HOLE MOUNT AXIAL LEADED
|
HIROSE ELECTRIC Co., Ltd.
|
CLP-126 |
Polycarbonate
|
Visual Communications Compa...
|
|