PART |
Description |
Maker |
AS7C4096A-12TCN AS7C4096A-15JI |
IC,AS7C4096A-12TCN,TSOP-44 II, SRAM,12NS,512K X 8,5V 512K X 8 STANDARD SRAM, 12 ns, PDSO44 512K X 8 STANDARD SRAM, 15 ns, PDSO36
|
Alliance Memory, Inc. ALLIANCE MEMORY INC
|
GS74108J-15 GS74108TP-8I GS74108J-8I GS74108TP-15 |
512K x 8 4Mb Asynchronous SRAM 12k × 8 4Mb的异步SRAM 512K X 8 STANDARD SRAM, 8 ns, PDSO36 0.400 INCH, SOJ-36 512K X 8 STANDARD SRAM, 8 ns, PDSO44 0.400 INCH, TSOP2-44
|
GSI Technology, Inc. Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
AS7C34096A AS7C34096A-20TIN AS7C34096A-10JC AS7C34 |
SRAM - 3.3V Fast Asynchronous DUAL MONOSTABLE MULTIVIBRATORS 16-SOIC -40 to 85 DUAL MONOSTABLE MULTIVIBRATORS 16-TSSOP -40 to 85 512K X 8 STANDARD SRAM, 20 ns, PDSO36 DUAL MONOSTABLE MULTIVIBRATORS 16-TSSOP -40 to 85 512K X 8 STANDARD SRAM, 20 ns, PDSO44 DUAL MONOSTABLE MULTIVIBRATORS 16-TVSOP -40 to 85 512K X 8 STANDARD SRAM, 12 ns, PDSO44 DUAL MONOSTABLE MULTIVIBRATORS 16-SO -40 to 85 512K X 8 STANDARD SRAM, 15 ns, PDSO44 3.3V 512K x 8 CMOS SRAM 512K X 8 STANDARD SRAM, 10 ns, PDSO36
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp. ALLIANCE MEMORY INC
|
AS7C33512FT32_36A AS7C33512FT32_36A.V1.4 AS7C33512 |
3.3V 512K x 32/36 Flow-through synchronous SRAM 512K X 36 STANDARD SRAM, 10 ns, PQFP100 3.3V 512K x 32/36 Flow-through synchronous SRAM 512K X 32 STANDARD SRAM, 8.5 ns, PQFP100 3.3V 512K x 32/36 Flow-through synchronous SRAM 512K X 36 STANDARD SRAM, 7.5 ns, PQFP100 DIODE ZENER SINGLE 1000mW 39Vz 6.5mA-Izt 0.05 5uA-Ir 29.7Vr DO41-GLASS 5K/AMMO DIODE ZENER SINGLE 1000mW 27Vz 9.5mA-Izt 0.05 5uA-Ir 20.6Vr DO41-GLASS 5K/AMMO From old datasheet system Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
M5M5408P-55 M5M5408TP-85LLT |
512K X 8 STANDARD SRAM, 55 ns, PDIP32 0.600 INCH, PLASTIC, DIP-32 512K X 8 STANDARD SRAM, 85 ns, PDSO32
|
HIROSE ELECTRIC Co., Ltd.
|
AS7C4096A AS7C4096A-20TIN AS7C4096A-10JC AS7C4096A |
SRAM - 5V Fast Asynchronous 5.0V 512K x 8 CMOS SRAM 512K X 8 STANDARD SRAM, 10 ns, PDSO36 High Speed CMOS Logic Quad Buffers with 3-State Outputs 14-PDIP -55 to 125 512K X 8 STANDARD SRAM, 12 ns, PDSO44 High Speed CMOS Logic Quad Buffers with 3-State Outputs 14-SOIC -55 to 125 512K X 8 STANDARD SRAM, 12 ns, PDSO44
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
P4C1049L-70L36MB P4C1049-45JMB P4C1049-55JMB P4C10 |
HIGH SPEED 512K x 8 STATIC CMOS RAM 高速为512k × 8静态CMOS存储 HIGH SPEED 512K x 8 STATIC CMOS RAM 512K X 8 STANDARD SRAM, 25 ns, PDFP36 HIGH SPEED 512K x 8 STATIC CMOS RAM 512K X 8 STANDARD SRAM, 20 ns, PDFP36 HIGH SPEED 512K x 8 STATIC CMOS RAM 512K X 8 STANDARD SRAM, 35 ns, PDFP36 HIGH SPEED 512K x 8 STATIC CMOS RAM 512K X 8 STANDARD SRAM, 35 ns, CDSO36 HIGH SPEED 512K x 8 STATIC CMOS RAM 512K X 8 STANDARD SRAM, 35 ns, PDSO36 HIGH SPEED 512K x 8 STATIC CMOS RAM 512K X 8 STANDARD SRAM, 15 ns, PDSO36 HIGH SPEED 512K x 8 STATIC CMOS RAM 512K X 8 STANDARD SRAM, 25 ns, CDSO36 HIGH SPEED 512K x 8 STATIC CMOS RAM 512K X 8 STANDARD SRAM, 70 ns, CDSO36 HIGH SPEED 512K x 8 STATIC CMOS RAM 512K X 8 STANDARD SRAM, 45 ns, PDFP36 HIGH SPEED 512K x 8 STATIC CMOS RAM 512K X 8 STANDARD SRAM, 70 ns, PDFP36
|
Pyramid Semiconductor Corporation Pyramid Semiconductor, Corp.
|
GS78116AGB-8I GS78116AB-10 GS78116AB-10I GS78116AB |
512K X 16 STANDARD SRAM, 10 ns, PBGA119 512K x 16 8Mb Asynchronous SRAM
|
GSI[GSI Technology]
|
CY7C1366B-200BGI CY7C1366B-200BGC CY7C1366B-225BGI |
Low Cost, 300 MHz Rail-to-Rail Amplifier (Single); Package: SOT-23; No of Pins: 5; Temperature Range: Industrial 512K X 18 CACHE SRAM, 3.5 ns, PQFP100 CONNECTOR ACCESSORY 512K X 18 CACHE SRAM, 3 ns, PQFP100 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 512K X 18 CACHE SRAM, 2.8 ns, PBGA119 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 256K X 36 CACHE SRAM, 2.8 ns, PBGA165 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 9 - MB的(256 × 36/512K × 18)流水线双氰胺同步静态存储器
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
IS61NSCS51236-200B IS61NSCS25672-200B IS61NSCS5123 |
512K X 36 STANDARD SRAM, 3.1 ns, PBGA209 14 X 22 MM, 1 MM PITCH, BGA-209 256K X 72 STANDARD SRAM, 3.1 ns, PBGA209 14 X 22 MM, 1 MM PITCH, BGA-209 RAM 256K x 72, 512K x 36 18Mb Synchronous SRAM 512K X 36 STANDARD SRAM, 2.1 ns, PBGA209 RAM 256K x 72, 512K x 36 18Mb Synchronous SRAM 512K X 36 STANDARD SRAM, 1.6 ns, PBGA209 RAM 256K x 72, 512K x 36 18Mb Synchronous SRAM 256K X 72 STANDARD SRAM, 1.6 ns, PBGA209 RAM 256K x 72, 512K x 36 18Mb Synchronous SRAM 256K X 72 STANDARD SRAM, 1.8 ns, PBGA209 RAM 256K x 72, 512K x 36 18Mb Synchronous SRAM 512K X 36 STANDARD SRAM, 1.8 ns, PBGA209
|
Integrated Silicon Solution, Inc.
|
CXK77P36E160GB-43BE CXK77P18E160GB-4BE CXK77P18E16 |
1M X 18 STANDARD SRAM, 3.7 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, BGA-119 1M X 18 STANDARD SRAM, 4.5 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, BGA-119 1M X 18 STANDARD SRAM, 3.8 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, BGA-119 1M X 18 STANDARD SRAM, 4.1 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, BGA-119 16Mb LW R-L HSTL High Speed Synchronous SRAMs (512K x 36 or 1M x 18) 16Mb的龙运RL HSTL高速同步静态存储器(为512k × 3600万18 CAP 820PF 50V 20% X7R SMD-0603 TR-7 PLATED-NI/SN
|
http:// Yuasa Battery, Inc. Integrated Circuit Technology Corp Microsemi, Corp. Sony, Corp. Sony Corporation
|
CY7C1049B-15VXC CY7C1049B-15VXI |
512K x 8 Static RAM 512K X 8 STANDARD SRAM, 15 ns, PDSO36
|
Cypress Semiconductor, Corp.
|
|