PART |
Description |
Maker |
2SB892-R 2SD1207-S 2SD1207S |
2000 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR 2000 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR PNP / NPN Epitaxial Planar Silicon Transistors
|
SANYO SEMICONDUCTOR CO LTD ON Semiconductor
|
2SB1236ATV3 2SD1866TV6C 2SD1866TV3C 2SC4016TV2 2SD |
1500 mA, 160 V, PNP, Si, SMALL SIGNAL TRANSISTOR 2000 mA, 70 V, NPN, Si, SMALL SIGNAL TRANSISTOR 500 mA, 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR 5000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
2SC2673C1 2SA1555TL2B 2SD1919TL3 2SD1919TL2 2SC202 |
1000 mA, 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR 300 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR 2000 mA, 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
2SC2873TA |
2000 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
DIODES INC
|
2SD773 2SD773U4 2SD773-L2-AZ |
2000 mA, 16 V, NPN, Si, SMALL SIGNAL TRANSISTOR TRANSISTOR | BJT | NPN | 16V V(BR)CEO | 2A I(C) | TO-221VAR NPN SILICON TRANSISTOR From old datasheet system
|
NEC Corp. NEC[NEC]
|
KTC3226 KTC3226D |
2000 mA, 10 V, NPN, Si, SMALL SIGNAL TRANSISTOR Strobo Flash Transistor
|
Korea Electronics (KEC)
|
BCX23 BCX24 MM4257 2N5183 BSY62 BSX36 BSX79 BSY79 |
ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Small Signal Transistors 125 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Leaded Small Signal Transistor General Purpose 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
Central Semiconductor C... http:// Seme LAB CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
BC846AW BC848AW-7-F BC848BW-7-F BC846BW BC847CW-7- |
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR TRANS NPN BIPOLAR 45V SOT-323 100 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR PLASTIC PACKAGE-3 100 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR PLASTIC PACKAGE-3
|
Diodes Incorporated Diodes Inc. Diodes, Inc.
|
NSS30201MR6T1G |
30V, 3A, Low VCE(sat) NPN Transistor(30V, 3A, 低VCE(sat) NPN晶体 2000 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR 30 V, 3 A, Low VCE(sat) NPN Transistor
|
ONSEMI[ON Semiconductor]
|
MSD1328-ST1 MSD1328-ST1G MSD1328-RT1G MSD1328-RT10 |
NPN Low Voltage Output Amplifiers General Purpose NPN Transistor Small Signal Plastic NPN; Package: SC-59 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Rectron Semiconductor
|
CSC1730R CSC3199Y CN451 TIS86 MPSA43 MPSH32 |
150 mA, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 VHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-92 500 mA, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
|
|