PART |
Description |
Maker |
700A-DP7-B10-VS2-Q-E-H |
PUSHBUTTON SWITCH, DPDT, MOMENTARY, 3A, 28VDC, THROUGH HOLE-STRAIGHT
|
E-SWITCH
|
HP11D3SW221 HP11S1SW110 |
PUSHBUTTON SWITCH, MOMENTARY, 0.01A, 5VDC, PANEL MOUNT-THREADED Hall Effect Pushbutton Switch
|
C & K COMPONENTS INC C&K Components
|
104350108U2607/1 104450003U2607 |
PUSHBUTTON SWITCH, SPDT, LATCHED AND MOMENTARY, 3A, 24VDC, PANEL MOUNT-THREADED PUSHBUTTON SWITCH, DPDT, LATCHED AND MOMENTARY, 3A, 24VDC, PANEL MOUNT-THREADED
|
|
LC2262EENP LC1258EENP LC1257OANP LC1257OASP LC1257 |
PUSHBUTTON SWITCHES PUSHBUTTON SWITCH, SPDT, LATCHED, 0.3A, 30VDC, THROUGH HOLE-RIGHT ANGLE
|
E-SWITCH
|
P9-221199 P9-411377 |
PUSHBUTTON SWITCH, SPST, MOMENTARY, 5A, 28VDC, THROUGH HOLE-STRAIGHT PUSHBUTTON SWITCH, SPST, MOMENTARY, 0.01A, 5VDC, PANEL MOUNT
|
OTTO ENGINEERING INC
|
700C-SP7-B60-M6-R-E-H 700C-SP7-B60-VS2-R-E-H 700C- |
PUSHBUTTON SWITCH, SPDT, LATCHED, 0.02A, 20VDC, THROUGH HOLE-RIGHT ANGLE PUSHBUTTON SWITCH, SPDT, LATCHED, 0.02A, 20VDC, THROUGH HOLE-STRAIGHT PUSHBUTTON SWITCH, SPDT, LATCHED, 3A, 28VDC, THROUGH HOLE-RIGHT ANGLE PUSHBUTTON SWITCH, SPDT, LATCHED, 3A, 28VDC, THROUGH HOLE-STRAIGHT PUSHBUTTON SWITCHES - LATCHING
|
E-Switch, Inc.
|
301SZQEJ9688/UL 301SZQEJ6168/UL 305V-1TE |
PUSHBUTTON SWITCH, SPST, MOMENTARY, 3A, 28VDC, PANEL MOUNT PUSHBUTTON SWITCH, SPST, MOMENTARY, THROUGH HOLE-RIGHT ANGLE
|
OSRAM GmbH
|
150C2206 |
Switch DPDT 3 MHz - 200 MHz RF/MICROWAVE DBL POLE DBL THROW SWITCH, 1.4 dB INSERTION LOSS DAICO Switches SPST, DPDT
|
DAICO[DAICO Industries, Inc.]
|
A22-MY-20M A22L-TY-24A-11A A22L-TY-24A-02A A22-FG- |
PUSHBUTTON SWITCH, SPST, LATCHED, 24VDC, PANEL MOUNT PUSHBUTTON SWITCH, DPST, LATCHED, 24VDC, PANEL MOUNT PUSHBUTTON SWITCH, SPST, LATCHED, PANEL MOUNT PUSHBUTTON SWITCH, SPST, LATCHED, 12VDC, PANEL MOUNT PUSHBUTTON SWITCH, DPST, LATCHED, PANEL MOUNT PUSHBUTTON SWITCH, SPST, LATCHED, 6VDC, PANEL MOUNT
|
|
76SD01T |
DPDT DIP Switches SLIDE DIP SWITCH-1SWITCHES, DPDT, LATCHED,0.15A, 30VDC, THROUGH HOLE-STRAIGHT
|
Grayhill, Inc.
|
HPL-3212141 HPL-R22216R |
PUSHBUTTON SWITCH, SPST, MOMENTARY, 0.01A, 5.5VDC, THROUGH HOLE-STRAIGHT PUSHBUTTON SWITCH, SPST, MOMENTARY, 0.01A, 5.5VDC, PANEL MOUNT-THREADED
|
OTTO ENGINEERING INC
|
M28C64-A25NS1T M28C64-A20MS1T M28C64-A20MS3T M28C6 |
64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection 64千位8K的8并行EEPROM,带有软件数据保 SWITCH, DPDT; Thread size:1/4 x 40UNS; Switch function type:DPDT On-On; Current, contact @ contact voltage AC max:3A; Current, contact @ contact voltage DC max:8A; Material, contact:Silver; Resistance, contact:10mR; Temp, op. RoHS Compliant: Yes SWITCH, DPDT, LOCKING; Thread size:1/4 x 40UNS; Switch function type:DPDT On-On; Current, contact @ contact voltage AC max:3A; Current, contact @ contact voltage DC max:8A; Material, contact:Silver; Resistance, contact:10mR; Temp, RoHS Compliant: Yes SWITCH, DPDT, BIASED; Thread size:1/4 x 40UNS; Switch function type:DPDT On-Mom; Current, contact @ contact voltage AC max:3A; Current, contact @ contact voltage DC max:8A; Material, contact:Silver; Resistance, contact:10mR; Temp, RoHS Compliant: Yes Toggle Switch; Circuitry:SPDT; Switch Operation:On-Off-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Solder Lug; Leaded Process Compatible:Yes; Mounting Type:Solder Lug RoHS Compliant: Yes 64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection
|
STMicroelectronics N.V. 意法半导
|
|