PART |
Description |
Maker |
25001-0604 |
CABLE 6POS .100 JUMPER 4 INCHES
|
Molex
|
1718646 1-1718646-1 |
CONNECTOR, 6POS, MCON 1.2 SEALED Gehaeuse, 6pol, MCON 1.2 dicht CONNECTOR, 6POS., MCON 1.2, SEALED Gehaeuse, 6pol., MCON 1.2, dicht
|
Tyco Electronics
|
4700.0001 |
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), optional Voltage Selector
|
Schurter Inc.
|
GRM2.1161.023 |
IEC Appliance Inlet C14 with Line Switch, Fuseholder 1- or 2-pole, Voltage Selector (series-parallel), and Shield" Mounting,
|
Schurter Inc.
|
4305.0006 4305.0016 CEE0.6100.151 CEL0.6100.151 CE |
IEC Appliance Inlet C14 with Filter, Fuseholder 1-or 2-pole (5 x 20 mm or 6.3x32 mm, with or without voltage selector (series-parallel) IEC Appliance Inlet C14 with Filter, Fuseholder 1-or 2-pole (5 x 20 mm or 6.3x32 mm, with or without voltage selector (series-parallel)
|
Schurter Inc.
|
GRM2 GRM2.1181.023 GRM2.1160.013 GRM2.1161.023 GRM |
IEC Appliance Inlet C14 with Line Switch, Fuseholder 1- or 2-pole, Voltage Selector (series-parallel), Lock and Shield Mounting,
|
Schurter Inc.
|
PMM |
IEC Appliance Inlet C14 with Appliance Outlet F, Line Switch 2-pole and Voltage Selector
|
Schurter Inc.
|
MC74HC253D MC74HC253N MC74HC253 ON1399 |
Dual 4-Input Data Selector/Multiplexer with 3-State Outputs DUAL 4-INPUT DATA SELECTOR/MULTLPLEXER WLTH 3-STATE OUTPUTS From old datasheet system
|
Motorola, Inc ON Semi
|
PCA9541PW/01112 PCA9541PW/01118 PCA9541BS/03118 PC |
2-to-1 I2C-bus master selector with interrupt logic and reset; Package: SOT403-1 (TSSOP16); Container: Tube SPECIALTY MICROPROCESSOR CIRCUIT, PDSO16 2-to-1 I2C-bus master selector with interrupt logic and reset; Package: SOT109-1 (SO16); Container: Tube SPECIALTY MICROPROCESSOR CIRCUIT, PDSO16 2-to-1 I2C-bus master selector with interrupt logic and reset; Package: SOT629-1 (HVQFN16); Container: Reel Pack, SMD, 13"
|
NXP Semiconductors N.V.
|