PART |
Description |
Maker |
MPVZ7025G6U MPVZ7025GC6T1 MPVZ7025GC6U MPVZ7025G6T |
Integrated Silicon Pressure Sensor On-Chip SIgnal Conditioned, Temperature Compensated and Calibrated GAGE, PEIZORESISTIVE PRESSURE SENSOR, -3.6-3.6Psi, 5%, 0.20-4.70V, SQUARE, SURFACE MOUNT DIFFERENTIAL, PEIZORESISTIVE PRESSURE SENSOR, -3.6-3.6Psi, 5%, 0.20-4.70V, SQUARE, SURFACE MOUNT
|
Freescale Semiconductor, Inc FREESCALE SEMICONDUCTOR INC
|
DC2.5BDC4 DC2.5BGR4 |
DIFFERENTIAL, PEIZORESISTIVE PRESSURE SENSOR, 0.05%, RECTANGULAR, THROUGH HOLE MOUNT GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0.05%, RECTANGULAR, THROUGH HOLE MOUNT
|
HONEYWELL SENSING AND CONTROL
|
CPX100A CPX100DF CPX30D CPC60A CPC30DF |
ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, 100Psi, 0-295mV, SQUARE, THROUGH HOLE MOUNT DIFFERENTIAL, PEIZORESISTIVE PRESSURE SENSOR, 100Psi, 0-295mV, THROUGH HOLE MOUNT DIFFERENTIAL, PEIZORESISTIVE PRESSURE SENSOR, 30Psi, 0-253mV, SQUARE, THROUGH HOLE MOUNT ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, 60Psi, 0-90mV, SQUARE, THROUGH HOLE MOUNT DIFFERENTIAL, PEIZORESISTIVE PRESSURE SENSOR, 30Psi, 0-30mV, THROUGH HOLE MOUNT
|
HONEYWELL SENSING AND CONTROL
|
MPX4250D MPX4250DP MPX4250GS MPX4250GSX |
OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 0 to 250 kPa (0 to 36.3 psi) 0.2 to 4.91 Volts Output 经营概况集成压力传感250 kPa36.3 PSI)的0.2.91伏特输出 OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 0 to 250 kPa (0 to 36.3 psi) 0.2 to 4.91 Volts Output GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-36.25Psi, 1.4%, 0.20-4.90V, ROUND, THROUGH HOLE MOUNT
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
SC68C94C1N SC68C94A1N SC68C94A1A SC68C94C1A |
nullQuad universal asynchronous receiver/transmitter QUART Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 50 psi, Gage, Cell with body o-ring, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 50 psi, Gage, flush mount, 10 Vdc excitation
|
NXP SEMICONDUCTORS Philips Semiconductors
|
B58610T4600A001 B58610T4600A002 B58610T4600A003 B5 |
Pressure sensors Absolute pressure transducers ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, ROUND, THROUGH HOLE MOUNT
|
EPCOS AG
|
PSM-001KPDW PSM-001KPGW PSM-002KPD PSM-002KPDW PSM |
DIFFERENTIAL, PEIZORESISTIVE PRESSURE SENSOR, -.145-0.145Psi, 5%, 0.50-4.50V, RECTANGULAR, THROUGH HOLE MOUNT DIFFERENTIAL, PEIZORESISTIVE PRESSURE SENSOR, -.725-0.725Psi, 2%, 0.50-4.50V, RECTANGULAR, THROUGH HOLE MOUNT Pressure sensor module/Gauge,Differential
|
HIROSE ELECTRIC Co., Ltd. Fujikura, Ltd. Fujikura Ltd.
|
SC4041ASK SC4041DS SC4041CZ SC4041EZ SC4041 SC4041 |
PRECISION SHUNT VOLTAGE REFERENCE Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 300 psi, Gage, 1/8-27 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 300 psi, Gage, 1/4-18 NPT, 10 Vdc excitation 精密并联型电压基
|
SEMTECH[Semtech Corporation] Semtech, Corp.
|
MPXS4100A6U MPXS4100A6T1 MPXS4100A |
INTEGRATED PRESSURE SENSOR 集成压力传感 INTEGRATED PRESSURE SENSOR ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, 2.9-15.22Psi, 1.8%, 0.30-4.95V, RECTANGULAR, SURFACE MOUNT
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
SM5651-015-A-3-S SM5651-003-A-3-L SM5652-015-A-3-S |
ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, 0-1.5Psi, 0.20-45.20mV, RECTANGULAR, THROUGH HOLE MOUNT ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, 0-0.3Psi, 0.20-45.20mV, RECTANGULAR, THROUGH HOLE MOUNT ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, 0-1.5Psi, 0.20-25.20mV, RECTANGULAR, THROUGH HOLE MOUNT ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, 0-0.3Psi, 0.20-25.20mV, RECTANGULAR, THROUGH HOLE MOUNT ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, 0-0.15Psi, 0.20-25.20mV, RECTANGULAR, THROUGH HOLE MOUNT
|
EXAR CORP
|
MPXV5004G_07 MPXV5004DP MPXV5004G MPXV5004G6T1 MPX |
DIFFERENTIAL, PEIZORESISTIVE PRESSURE SENSOR, 0-0.56Psi, 2.50%, 1-4.90V, RECTANGULAR, SURFACE MOUNT Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
|
FREESCALE SEMICONDUCTOR INC FREESCALE[Freescale Semiconductor, Inc]
|
|