PART |
Description |
Maker |
70AAJ-2-F0 70AAJ-5-F1 70AAJ-3-F0 70AAJ-2-F1 70AAJ- |
CONN MOD 2 POS FEMALE SMD PCB CONNECTOR CONN MOD 5 POS FEMALE SMD PCB CONNECTOR Battery Holder; Body Material:Glass-Filled Thermoplastic; Contact Plating:Copper Alloy; For Use With:Handheld communications; Leaded Process Compatible:Yes; Terminal Type:PCB Surface Mount PCB CONNECTOR Modular Contacts 2.54mm 6Pin Female Standard Pins PCB CONNECTOR Modular Contacts 2.54mm 6Pin Female Locating Pins CONN MOD 4 POS FEMALE SMD Modular Contacts 2.54mm 4Pin Female Standard Pins
|
AVX, Corp. Bourns, Inc. BOURNS INC
|
0482016045 48201-6045 |
D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole,9 Circuits, 2 pcs M3 Inner Screw Thread, 0.76μm (30μ) Gold (Au) Plating, PCB MOLEX Connector
|
Molex Electronics Ltd.
|
22-01-2065 22-01-2115 22-01-2026 22-01-2155 22-01- |
Header Connector,Cable Mnt,PLUG,6 Contacts,SKT,0.1 Pitch,IDC Terminal RoHS Compliant: Yes 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP PCB, Connector, Number Of Ways Of Terminal Block 11 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 2.54mm KK Crp Trm Hsg il W/OLRmp 2Ckt 2 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP PCB, Connector, Number Of Ways Of Terminal Block 15 15 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP PCB, Connector, Number Of Ways Of Terminal Block 12 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 2.54mm KK Crp Trm Hsg il W/OLRmp 2Ckt 2.54mm KK Crp Trm Hsg il W/LRmp 21Ckt
|
Molex, Inc. MOLEX INC
|
A13-S2/SILVER A31-L2/SILVER A32-U1-III A13-S1/SILV |
PCB CONNECTOR TWO PART EURO CONNECTOR
|
|
0719733508 71973-3508 |
2.54mm (.100) Pitch C-Grid? PCB Connector, Dual Row, Right Angle, Early EntryReceptacle, without Flange, 16 Circuits, Lead free MOLEX Connector
|
http:// Molex Electronics Ltd.
|
0719733504 71973-3504 |
2.54mm (.100) Pitch C-Grid? PCB Connector, Dual Row, Right Angle, Early Entry Receptacle, without Flange, 8 Circuits, Lead free MOLEX Connector
|
Molex Electronics Ltd.
|
0901522112 90152-2112 |
2.54mm (.100) Pitch C-Grid III PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 1.0μm (40μ) Tin (Sn), 12 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0901522160 90152-2160 |
2.54mm (.100) Pitch C-Grid III PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 1.0μm (40μ) Tin (Sn), 60 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0901522164 90152-2164 |
2.54mm (.100) Pitch C-Grid III PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 1.0μm (40μ) Tin (Sn), 64 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0901522204 90152-2204 |
2.54mm (.100) Pitch C-Grid III PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.38μm (15μ) Gold (Au) Selective, 4 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0901522218 90152-2218 |
2.54mm (.100) Pitch C-Grid III PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.38μm (15μ) Gold (Au) Selective, 18 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
|