PART |
Description |
Maker |
ST68C554IJ68 |
4 CHANNEL(S), 448K bps, SERIAL COMM CONTROLLER, PQCC68
|
STARTECH SEMICONDUCTOR INC
|
ST16C450CQ48 |
1 CHANNEL(S), 448K bps, SERIAL COMM CONTROLLER, PQFP48
|
STARTECH SEMICONDUCTOR INC
|
HI-8282APQIF HI-8282ACDM-10 HI-8282ACLI-10 HI-8282 |
ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER 1 CHANNEL(S), 125K bps, SERIAL COMM CONTROLLER, PQFP44 ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER 1 CHANNEL(S), 125K bps, SERIAL COMM CONTROLLER, CDIP40 ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER 1 CHANNEL(S), 125K bps, SERIAL COMM CONTROLLER, CQCC44 ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER 1 CHANNEL(S), 125K bps, SERIAL COMM CONTROLLER, PQCC44
|
Holt Integrated Circuits, Inc.
|
K4H510438B-UC/LA2 K4H510838B-UC/LA2 K4H510438B-UC/ |
8-Bit, 31 kSPS ADC Serial Out, Microprocessor Peripheral/Standalone, Single Channels 8-PDIP 512MB的乙芯片DDR SDRAM内存规格 8-Bit, 31 kSPS ADC Serial Out, Microprocessor Peripheral/Standalone, Single Channels 8-SOIC 8-Bit, 22 kSPS ADC Serial Out, uProcessor Periph./Standalone, Mux option w/SE or differential, 2 Ch. 8-SOIC 8-Bit, 392 kSPS ADC Parallel Out, Microprocessor Peripheral, On-Chip Track-and-Hold, Single Channels 20-SSOP 0 to 70 512Mb B-die DDR SDRAM Specification
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. http://
|
SCN2681_2 SCN2681AC1N28 SCN2681AC1N40 SCN2681AC1N2 |
CCTV VIDEO BALUN 2 CHANNEL(S), 1M bps, SERIAL COMM CONTROLLER, PDIP28 Dual asynchronous receiver/transmitter DUART 2 CHANNEL(S), 1M bps, SERIAL COMM CONTROLLER, PDIP24 From old datasheet system Dual asynchronous receiver/transmitter (DUART)
|
NXP Semiconductors N.V. Philips
|
EA2-3SNU EA2-6SNP EA2-6SNU EA2-5SNJ EA2-5SNP EA2-5 |
COMPACT AND LIGHTWEIGHT 小巧轻便 CONNECTOR ACCESSORY A/D Converter (A-D) IC; Resolution (Bits):16; Sample Rate:4kSPS; Input Channels Per ADC:1; DNL :0.5LSB; Data Interface:Serial; Package/Case:20-DIP; Interface Type:Serial; Leaded Process Compatible:No; No. of Bits:16 RoHS Compliant: No Driver IC; Package/Case:28-SSOP; Supply Voltage Max:5V; Leaded Process Compatible:Yes; Number of Channels:3; Operating Temp. Max:70 C; Operating Temp. Min:-10 C; Frequency:20GHz; Interface Type:Serial A/D Converter (A-D) IC; Resolution (Bits):24; ADC Sample Rate:192kSPS; Input Channels Per ADC:6; Input Channel Type:Differential Inputs; Data Interface:Serial; Package/Case:48-LQFP
|
NEC, Corp. NEC Corp. NEC[NEC]
|
XR16V2750IL32 XR16V2750IM |
HIGH PERFORMANCE DUART WITH 64-BYTE FIFO 2 CHANNEL(S), 8M bps, SERIAL COMM CONTROLLER, QCC32 HIGH PERFORMANCE DUART WITH 64-BYTE FIFO 2 CHANNEL(S), 8M bps, SERIAL COMM CONTROLLER, PQFP48
|
Exar, Corp.
|
AS8202NF-ALQR |
2 CHANNEL(S), 25M bps, SERIAL COMM CONTROLLER, PQFP80
|
AUSTRIAMICROSYSTEMS AG
|
BT8330EPJC |
1 CHANNEL(S), 52M bps, SERIAL COMM CONTROLLER, PQCC68
|
BROOKTREE CORP
|
HI-8581PQT HI-8581 HI-8581CJI HI-8581CJT HI-8581PJ |
ARINC 429 LINE DRIVER AND DUAL RECEIVER 1 CHANNEL(S), 125K bps, SERIAL COMM CONTROLLER, CQCC44 ARINC 429 LINE DRIVER AND DUAL RECEIVER 1 CHANNEL(S), 125K bps, SERIAL COMM CONTROLLER, PQCC44
|
Holt Integrated Circuits, Inc. HOLTIC[Holt Integrated Circuits]
|
XR88C192CJ-F |
2 CHANNEL(S), 1M bps, SERIAL COMM CONTROLLER, PQCC44 GREEN, PLASTIC, LCC-44
|
Exar, Corp.
|
|