PART |
Description |
Maker |
SSB-LX2720SYW |
10mm x 20mm, 4 WINDOW, 8 CHIP LIGHT BAR, YELLOW CHIPS, MILKY WHITE DIFFUSED
|
LUMEX INC.
|
SSB-LX2720SYD |
10mm x 20mm, 4 WINDOW, 8 CHIP LIGHT BAR, YELLOW CHIPS, YELLOW DIFFUSED
|
LUMEX INC.
|
LE-RTDUWS-2W |
compact lightsource in multi chip SMT technology with glass window on top
|
OSRAM GmbH
|
DC0000097 |
Messerleiste 10mm SMD, 50 polig Male 10mm SMD, 50 contacts
|
ERNI Electronics
|
STV9937P/AA STV9937 |
DIODE, ZENER DIODE 120-MHz On-Screen Display for Monitors including PictureBooSTTM and 4 True Independent Window Displays 120-MHz OSD for Monitors including PictureBooST and 4 Independent Window Displays
|
STMicroelectronics 意法半导 ST Microelectronics
|
GB162GSYAAMDA-V00 GB162GSYAAMDB-V00 GB162GHGAAMLB- |
CABLE,CD-ROM,18"L,2X28AWG REF: CREATIVE,SONY,GENERIC TRANSISTOR,VN2410L,TO-92 MOSFET SS N-CHAN 60V 200MA CABLE,SRL,EXT,M-M,10',STRGHT DB25,IEEE-1284 BREADBOARD,7.25"x7.5",3220pnts RED,BLK,GRN & YLW BINDING POS VARISTOR (MOV)14MM,510 VAC 157 JOULE, 50@1355 CLAMPING V. VARISTOR (MOV)20MM,485 VAC 265 JOULE,100@1290 CLAMPING V. TRANSISTOR, VN2406L, TO-92 MOSFET SS N-CHAN 240V 200MA TRANSISTOR, VN2222LL, TO-92 MOSFET SS N-CHAN 60V 150MA BREADBOARD,3.25"x2.125",400pnt BREADBOARD,6.5"x 4.25"1660PNTS RED,BLK & GRN BINDING POST 3.5"MOUNTING KIT,5.25"DRIVE BA FOR 5.25" DRIVE BAY-01-4070A1 IC,MPU,Z80,Z84C0008PEC, 8MHz,5V,PDIP40 2 CHANNEL(S), 4.1M bps, MULTI PROTOCOL CONTROLLER, PDIP40 FLTR,PWR ENTRY 3A@250VDC FAST-ON,U/C/V,2250VDC hipot CABLE ASSEMBLY,RG59/U,1.5', BNC TO BNC,75 OHM CABLE ASSEMBLY,RG59/U,6.0', BNC TO BNC,75 OHM VARISTOR (MOV)20MM,275 VAC 303 JOULE, 100V@710 CLAMPING ARISTOR (MOV)5MM,17 VAC,0.5 JOULE,27V@60 CLAMPING V.(10) VARISTOR (MOV)20MM,14 VAC 13 JOULE, 22V@43 CLAMPING(10) VARISTOR (MOV)5MM,250 VAC 8 JOULE,390V@675 CLAMPING V.(10) VARISTOR (MOV)14MM,485 VAC 148 JOULE,50@1290 CLMPNG V(10) VARISTOR (MOV)14MM, 30 VAC 8.5 JOULE,47V@93 CLAMPING(10) ARISTOR (MOV)10MM,30 VAC 4.5 JOULE,47V@93 CLAMPING(10) VARISTOR (MOV)20MM,420 VAC 23 JOULE,100@1120 CLAMPING V. VARISTOR (MOV)14MM,420 VAC, 130 JOULE,50@112 CLMPNG V.(10 ARISTOR (MOV)5MM,210 VAC 6.5 JOULE,330V@580 CLAMPING (10) VARISTOR (MOV)20MM,320 VAC 382 JOULES, 100@845 CLAMPING VARISTOR (MOV)14MM,320 VAC 190 JOULE, 50@845 CLMPNG (10) VARISTOR (MOV)14MM, 35 VAC 10 JOULE,56V@110 CLAMPING(10) PWR SPLY,TBL,SW,5V@1A,F2,2.1m mX5.5mm,RA,(W/O CORD),UL/CEC BREADBOARD,6.5"x2.125",830pnts 100/cs BREADBOARD,6.875"x5.75"2390pnt RED,BLK,GRN & YLW BINDING ARISTOR (MOV)7MM,115 VAC,8 JOULE,180V@300 CLAMPING V.(10) BREADBOARD,SOLDERLESS,8.5x4.7" 1260 HOLES,2 TERMINAL STRIPS ARISTOR (MOV)7MM,11 VAC,0.8 JOULE,18V@36 CLAMPING V.(10) BREADBOARD,6.5"x3.125"1360pnts RED & BLK BINDING POST ARISTOR (MOV),7MM,14 VAC, 0.9 JOULE,22V@43 CLAMPING(10) 规格液晶模块 VARISTOR (MOV),14MM,14 VAC 4.0 JOULE,22V@43 CLAMPING(10) 规格液晶模块 ARISTOR (MOV),5 MM,14 VAC 0.4 JOULE,22V@80 CLAMPING(10) 规格液晶模块 VARISTOR (MOV)14MM, 150 VAC 84 JOULE,50@395 CLMPNG V.(10) 规格液晶模块 VARISTOR (MOV)20MM,510 VAC 282 JOULE,100@1355 CLAMPING V. 规格液晶模块 SPECIFICATIONS FOR LCD MODULE 规格液晶模块 VARISTOR(MOV)10MM,140 VAC,39 JOULE, 25V@360 CLAMPING V.(10 规格液晶模块
|
Jewel Hill Electronic Co., Ltd.
|
MAX6754UKLD0-T MAX6755UKLD0-T MAX6756UKLD0-T MAX67 |
Vcc: 5.0 V, active timeout period: 0.02 ms, low-power single/dual-voltage window detector Vcc: 3.0 V, active timeout period:0.02 ms, low-power single/dual-voltage window detector Vcc: 5.0 V, active timeout period: 100 ms-320 ms, low-power, single/dual-voltage window detector Vcc: 5.0 V, active timeout period:185 ms, low-power single/dual-voltage window detector Vcc: 2.5 V, Vcc:1.8 V, active timeout period:185 ms, low-power single/dual-voltage window detector Vcc: 3.3 V, Vcc: 1.8 V, active timeout period:185 ms, low-power single/dual-voltage window detector Vcc: 3.3 V, active timeout period:0.02 ms, low-power single/dual-voltage window detector Vcc: 3.3 V, active timeout period:185 ms, low-power single/dual-voltage window detector Vcc: 1.8 V, active timeout period:0.02 ms, low-power single/dual-voltage window detector Vcc: 3.0 V, active timeout period:185 ms, low-power single/dual-voltage window detector Vcc: 1.8 V, Vcc:adj, active timeout period:185 ms, low-power single/dual-voltage window detector
|
MAXIM - Dallas Semiconductor
|
LTC104209 |
Window Comparator
|
Linear Technology
|
LTC1042 LTC1042C LTC1042CN8 LTC1042M LTC1042MJ8 LT |
From old datasheet system Window Comparator
|
LINER[Linear Technology]
|
|