PART |
Description |
Maker |
1.5KE180 1.5KE33A 1.5KE16C 1N6268A 1N6303 1.5KE51 |
1500W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes 18 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 36 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 8.2 V, 10 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 10 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 320 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 43 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 24 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 12 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode Transient Voltage Suppressor (TVS) 瞬态电压抑制器(TVS 56 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 33 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 6.8 V, 10 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 75 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 68 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 47 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 130 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode
|
Fagor List of Unclassifed Manufac... List of Unclassifed Manufacturers ETC[ETC] Jameco Electronics TE Connectivity, Ltd. Electronic Theatre Controls, Inc. Ecliptek, Corp. IDEC, Corp. List of Unclassifed Man...
|
ICTE-10G ICTE-10RL4 ICTE-10RL4G ICTE-12G ICTE-12RL |
1500 Watt Peak Power Mosorb TM Zener Transient Voltage Suppressors 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
ONSEMI[ON Semiconductor]
|
M1.5KE8.2A M1.5KE82A M1.5KE250A M1.5KE24A M1.5KE20 |
Unidirectional and Bidirectional Transient Voltage Suppressor 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
Microsemi Corporation MICROSEMI CORP-IRELAND
|
LCE10A/70 CE16 |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE DIODE 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, PLASTIC, CASE 1.5KE, 2 PIN, Transient Suppressor
|
VISHAY SEMICONDUCTORS
|
1.5KE22C 1.5KE75C 1.5KE16CA 1.5KE62CA 1.5KE6.8C 1. |
Ppk=1500W, Vc=574V transient voltage suppressor 1500 Watt Transient Voltage Suppressors 6.8 to 400 Volts 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE 1500 Watt Transient Voltage Suppressors 6.8 to 400 Volts 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE Dual-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 8-SM8 -40 to 85 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE 18-Bit Universal Bus Driver With 3-State Outputs 56-TVSOP -40 to 85 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE Ppk=1500W, Vc=258V transient voltage suppressor
|
Micro Commercial Components, Corp. Micro Commercial Components Corp. MCC[Micro Commercial Components]
|
SEN-R-1034-035 SEN-R-1034-034 SEN-R-1034-015 SEN-R |
TRANSIENT VOLTAGE SUPPRESSOR 1500 WATT SERIES GLASS PASSIVATED DIE PLUS DUAL HEAT STRIPS 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
Sensitron Semiconductor
|
1SMC16AT3 1SMC6.0AT3 1SMC8.0AT3 1SMC8.5AT3 1SMC9.0 |
1500 Watt Peak Power Zener Transient Voltage Suppressors 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 1500 Watt Peak Power Zener Transient Voltage Suppressors 峰值功500瓦齐纳瞬态电压抑制器 1500W Zener 1500 Watt Peak Power Zener Transient Voltage Suppressors Unidirectional*
|
ONSEMI[ON Semiconductor]
|
1SMC9.0ABK 1SMC9.0ATR13 1SMC26ATR13 1SMC45ATR13LEA |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
CENTRAL SEMICONDUCTOR CORP
|
LCE10AB |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
CRYDOM CORP
|
MLCE6.5AE3 MALCE6.5AE3 |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
MICROSEMI CORP
|
SMCJ10-E3/57T SMCJ5.0A-E3/9AT |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB
|
VISHAY SEMICONDUCTORS
|
SMCG7.5-E3/57T |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AB
|
VISHAY SEMICONDUCTORS
|
|