PART |
Description |
Maker |
27HC191L-40/K 27HC191L-55/L 27HC191L-40/P 27HC191L |
Evaluation Kit for the MAX4338, MAX4233 ADSL Drivers/Receivers for Customer Premise Equipment 16 x 16 Nonblocking Video Crosspoint Switch with On-Screen Display Insertion and I/O Buffers Evaluation Kit for the MAX4447, MAX4448, MAX4449 Evaluation Kit for the MAX4450 250MHz Wideband Transconductance Amplifier with Differential Output SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute Evaluation Kit for the MAX4336, MAX4231 Evaluation Kit for the MAX4365 ±15V Chopper Stabilized Operational Amplifier Ultra-High PSRR Stereo Drivers Microphone Amp 100mA Linear Regulator Evaluation Kit for the MAX4299 Evaluation Kit for the MAX4358 Low-Cost 4x4, 8x4, 8x8 Video Crosspoint Switches Low-Cost, Low-Voltage, PA Power Control Amplifier for GSM Applications in 8-Pin QFN High-Speed, Low-Power, Single-Supply Multichannel, Video Multiplexer-Amplifiers 用于GSM、采引脚QFN封装的低成本、低电压功率控制放大 Mono, 2W, Switch-Mode (Class D) Audio Power Amplifier x8存储 x8 EPROM x8存储
|
GSI Technology, Inc.
|
27C010RPFI-30 27C010RPFC-25 27C010RPFB-30 27C010RP |
x8 EPROM Evaluation Kit for the MAX3741 Evaluation Kit for the MAX3738 Evaluation Kit for the MAX3748A Evaluation Kit for the MAX3740A Evaluation Kit for the MAX3737 Evaluation Kit for the MAX3744, MAX3745 x8存储 Evaluation Kit for the MAX3747, MAX3747A x8存储
|
Atmel, Corp.
|
RFSP7022 |
Power Amplifier Kit
|
ANADIGICS, Inc.
|
263371 263372 263373 263374 263375 263378 263379 2 |
Ultrasound Variable-Gain Amplifier Evaluation Kit for the MAX2039 High-Linearity, 1700MHz to 3000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch Quad-Channel, Ultra-Low-Noise Amplifier with Digitally Programmable Input Impedance High-Linearity, 1700MHz to 2200MHz Upconversion/Downconversion Mixer with LO Buffer/Switch 0.1GHz to 3GHz, 75dB Logarithmic Detector/Controller Evaluation Kit for the MAX2016 5V, RS-232 Transceivers with 0.1µF External Capacitors Evaluation Kit for the MAX2015 8-/4-Channel, ±VREF Multirange Inputs, Serial 14-Bit ADCs High-Dynamic-Range, Direct Up-/Downconversion, 750MHz to 1200MHz Quadrature Modulator/Demodulator High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2300MHz Quadrature Mod/Demod High-Dynamic-Range, Direct Upconversion 1500MHz to 2500MHz Quadrature Modulator High-Linearity, 815MHz to 1000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch 2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs Evaluation Kit for the MAX2043 Evaluation Kit for the MAX2027 Evaluation Kit for the MAX1036 MAX2023 Evaluation Kit PHOTOLUM.WARNING STRIPS PHOTOLUM.WARNING带钢 WARNING TAPES STD.LUMINOUS
|
Panduit, Corp.
|
FQAF10N80 |
CAPACITOR KIT, FLEXITERM MLCCCAPACITOR KIT, FLEXITERM MLCC; Kit contents:30 Values 6.7 A, 800 V, 1.05 ohm, N-CHANNEL, Si, POWER, MOSFET 800V N-Channel MOSFET
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
MAX1583XETB MAX1583YETB MAX1583ZETB MAX1583EVKIT M |
White LED Camera-Flash MAX1583 Evaluation Kit 1 A, 24 V, evaluation kit 500 mA, 24 V, evaluation kit 250 mA, 24 V, evaluation kit
|
MAXIM - Dallas Semiconductor
|
262.75 268.01 268.6 268.75 268.8 268.2 268.25 268. |
900MHz Image-Reject Receivers with Transmit Mixer 保险 WCDMA Quasi-Direct Modulators with VGA and PA Driver 保险 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors Evaluation Kit for MAX2410 Power Drivers for Peltier TEC Modules W-CDMA/W-TDD/TD-SCDMA Zero-IF Receivers 6-Channel, Multi-Range, 5V, 12-Bit DAS with 12-Bit Bus Interface and Fault Protection Evaluation Kit for the MAX19692 Evaluation Kit for the MAX2406 Low-Cost Downconverter with Low-Noise Amplifier ±15kV ESD-Protected, 5V RS-232 Transceivers 5V-Powered, Multichannel RS-232 Drivers/Receivers Low-Cost RF Up/Downconverter with LNA and PA Driver Fuse
|
TE Connectivity, Ltd.
|
TSH340 TS613ID TSH93 TS613 TS613D TS616 TSH110 TSH |
DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT High-speed operational amplifier evaluation board kit
|
STMICROELECTRONICS[STMicroelectronics]
|
LX5510B LX5510BLQ |
Wireless LAN Power Amplifier; Package: MLPQ16_3x3; 2400 MHz - 2500 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER InGaP HBT 2.4 - 2.5 GHz Power Amplifier
|
Microsemi, Corp. Microsemi Corporation
|
AFS1-00120025-10-13P-4 AFS2-21202400-35-5P-2 AFS4- |
120 MHz - 250 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER 21200 MHz - 24000 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER 500 MHz - 1000 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER 6000 MHz - 12000 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER 100 MHz - 10000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 8000 MHz - 12000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 13200 MHz - 14000 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER 100 MHz - 4000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 2000 MHz - 8000 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER 7300 MHz - 8400 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER
|
MITEQ INC
|
|