PART |
Description |
Maker |
1800-02D-L4L-B 180008GK0L 180008AL2N 180500AL2N 18 |
ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, 0-3Psi, 0.50-120mV, ROUND, THROUGH HOLE MOUNT GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-100Psi, 0.50-150mV, ROUND, THROUGH HOLE MOUNT GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-30Psi, 0.50-150mV, ROUND, THROUGH HOLE MOUNT ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, 0-15Psi, 0.50-120mV, ROUND, THROUGH HOLE MOUNT ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, 0-30Psi, 0.50-150mV, ROUND, THROUGH HOLE MOUNT ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, 0-100Psi, 0.50-150mV, ROUND, THROUGH HOLE MOUNT ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, 0-50Psi, 0.50-120mV, ROUND, THROUGH HOLE MOUNT GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-3Psi, 0.50-120mV, ROUND, THROUGH HOLE MOUNT ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, 0-3Psi, 1-150mV, ROUND, THROUGH HOLE MOUNT ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, 0-50Psi, 0.50-150mV, ROUND, THROUGH HOLE MOUNT GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-50Psi, 0.50-120mV, ROUND, THROUGH HOLE MOUNT TO-8 1800/1805 Series, 0 psi to 10 psi pressure range, differential, 1.5 mA typ., 2.0mA max. supply current, TO-8 can GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-150Psi, 0.50-120mV, ROUND, THROUGH HOLE MOUNT DIFFERENTIAL, PEIZORESISTIVE PRESSURE SENSOR, 0-10Psi, 0.50-150mV, ROUND, THROUGH HOLE MOUNT
|
HONEYWELL SENSING AND CONTROL Clarostat
|
MPVZ5004 MPVZ5004G MPVZ5004G6T1 MPVZ5004G6U MPVZ50 |
GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-0.56Psi, 6.25%, 1-4.90V, RECTANGULAR, SURFACE MOUNT Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated DIFFERENTIAL, PEIZORESISTIVE PRESSURE SENSOR, 0-0.56Psi, 6.25%, 1-4.90V, SQUARE, SURFACE MOUNT GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-0.56Psi, 6.25%, 1-4.90V, SQUARE, THROUGH HOLE MOUNT
|
Freescale Semiconductor, Inc FREESCALE SEMICONDUCTOR INC
|
MPXV2202GP MPX2202 MPX2202A MPX2202AP MPX2202ASX M |
GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-29Psi, 0-40mV, SQUARE, SURFACE MOUNT 200kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
|
FREESCALE SEMICONDUCTOR INC FREESCALE[Freescale Semiconductor, Inc]
|
DC005NGC4 DC0.05NDC4 |
GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-0.181Psi, 0.05%, 0.25-4.25V, RECTANGULAR, THROUGH HOLE MOUNT DIFFERENTIAL, PEIZORESISTIVE PRESSURE SENSOR, 0-0.002Psi, 0.05%, 2.25-6.25V, RECTANGULAR, THROUGH HOLE MOUNT
|
HONEYWELL SENSING AND CONTROL
|
HPD-50G-SO1 HPD-50A-SO1 |
GAGE, PEIZORESISTIVE PRESSURE SENSOR, 7.25-145.03Psi, 5%, 10-110mV, RECTANGULAR, SURFACE MOUNT LEADLESS, SMT-6 ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, 7.25-145.03Psi, 5%, 10-110mV, RECTANGULAR, SURFACE MOUNT LEADLESS, SMT-6
|
Optoway Technology, Inc. Hokuriku Electric Industry Co., Ltd.
|
26PCDED6G 26PCBFD6G 26PCCEC6G |
PEIZORESISTIVE PRESSURE SENSOR, 0-30Psi, RECTANGULAR PEIZORESISTIVE PRESSURE SENSOR, 0-5Psi, RECTANGULAR PEIZORESISTIVE PRESSURE SENSOR, 0-15Psi, RECTANGULAR
|
HONEYWELL SENSING AND CONTROL
|
MPX4250D MPX4250DP MPX4250GS MPX4250GSX |
OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 0 to 250 kPa (0 to 36.3 psi) 0.2 to 4.91 Volts Output 经营概况集成压力传感250 kPa36.3 PSI)的0.2.91伏特输出 OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 0 to 250 kPa (0 to 36.3 psi) 0.2 to 4.91 Volts Output GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-36.25Psi, 1.4%, 0.20-4.90V, ROUND, THROUGH HOLE MOUNT
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
MPXAZ6115A6U MPXAZ6115AC6T1 MPXAZ6115AC6U MPXAZ611 |
ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, 2.2-16.7Psi, 1.5%, 0.20-4.80V, SQUARE, SURFACE MOUNT High Temperature Accuracy Integrated Silicon Pressure Sensor
|
FREESCALE SEMICONDUCTOR INC Freescale Semiconductor, Inc
|
MPX200GVSX MPX200ASX MPX200D MPX200DP MPX200GP MPX |
0 to 200 kPa (0-29 psi) 60 mV FULL SCALE SPAN (TYPICAL) 000千帕-29 PSI)的60压全尺寸跨度(典型) 0 to 200 kPa (0-29 psi) 60 mV FULL SCALE SPAN (TYPICAL) GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-29Psi, 0.25%, 20-80mV, THROUGH HOLE MOUNT
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc] http://
|
SC201 |
Pressure Transducer, Series 19 mm, Uncompensated, Pressure Range: 0 psi to 15 psi, Vacuum Gage, flush mount, 10 Vdc excitation FAST RECOVERY DIODE
|
FUJI ELECTRIC HOLDINGS CO., LTD.
|
KP202-A KP202-AK KP203-AK |
ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, 0-14.5Psi, 0.4%, 0-200mV, RECTANGULAR, SURFACE MOUNT PLASTIC, SO-8 ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, 0-29Psi, 0.4%, 0-200mV, RECTANGULAR, SURFACE MOUNT PLASTIC, SO-8
|
SIEMENS AG SIEMENS A G
|
|