PART |
Description |
Maker |
AT49F4096-90TI AT49F4096-90TC AT49F4096-90RC AT49F |
Quadruple 2-Input Exclusive-OR Gates 14-SSOP -40 to 85 4 Megabit 256K x 16 5-volt Only CMOS Flash Memory 256K X 16 FLASH 5V PROM, 90 ns, PDSO44 Dual 16-Bit Binary Counters with 3-State Output Registers 20-TSSOP -40 to 85 256K X 16 FLASH 5V PROM, 120 ns, PDSO44
|
Atmel Corp. Atmel, Corp.
|
AT29C020 AT29C020-10 AT29C020-10JC AT29C020-10JI A |
High Speed CMOS Logic Octal Inverting Transparent Latches with 3-State Outputs 20-PDIP -55 to 125 High Speed CMOS Logic Octal Positive-Edge-Triggered Inverting D-Type Flip-Flops with 3-State Outputs 20-SOIC -55 to 125 256K X 8 FLASH 5V PROM, 120 ns, PDSO32 High Speed CMOS Logic Octal Non-Inverting Buffers and Line Drivers with 3-State Outputs 20-TSSOP -55 to 125 256K X 8 FLASH 5V PROM, 100 ns, PDIP32 High Speed CMOS Logic Octal Transparent Latches with 3-State Outputs 20-PDIP -55 to 125 256K X 8 FLASH 5V PROM, 150 ns, PDIP32 High Speed CMOS Logic Octal Transparent Latches with 3-State Outputs 20-SOIC -55 to 125 256K X 8 FLASH 5V PROM, 150 ns, PDSO32 2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
HY29F400BT-55 HY29F400BR-90 HY29F400BT-70 HY29F400 |
x8/x16 Flash EEPROM 256K X 16 FLASH 5V PROM, 90 ns, PDSO48 4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory 4兆位12Kx8/256Kx16伏只闪存 x8/x16 Flash EEPROM 256K X 16 FLASH 5V PROM, 45 ns, PDSO48
|
Hynix Semiconductor Inc. Hynix Semiconductor, Inc.
|
M28F220-90M1TR M28F220-90M6TR -M28F220 STMICROELEC |
256K X 8 FLASH 12V PROM, 90 ns, PDSO44 2Mbit (256Kb x8 or 128Kb x16, Boot Block) Flash Memory(2Mb???瀛???ī 256K X 8 FLASH 12V PROM, 70 ns, PDSO44
|
STMICROELECTRONICS
|
AM28F020 AM28F021 AM28F020-120EC AM28F020-120EE AM |
3 Megabit (256 K x 8-Bit) CMOS 12.0 Volt Bulk Erase Flash Memory(509.20 k) Rectangular Connector; Body Material:Polyester; Series:8016; Number of Contacts:38; Contact Material:Phosphor Bronze; Contact Plating:Gold Over Nickel; Gender:Male; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes Rectangular Connector; Body Material:Polyester; Series:8016; Number of Contacts:38; Contact Material:Phosphor Bronze; Contact Plating:Gold Over Nickel; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 2兆位56亩8位)的CMOS 12.0伏,整体擦除闪存 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 90 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 90 ns, PDIP32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 2兆位256亩8位)的CMOS 12.0伏,整体擦除闪存 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 200 ns, PQCC32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 150 ns, PDIP32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 120 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 120 ns, PDIP32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 200 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 150 ns, PQCC32
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
DP5Z1MM16PI3-12C DP5Z1MM16PJ3-12B DP5Z1MW16PA3-12B |
1M X 16 FLASH 5V PROM, 120 ns, CQIP48 HERMETIC SEALED, STRAIGHT, SLCC-48 1M X 16 FLASH 5V PROM, 120 ns, CQCC48 1M X 16 FLASH 5V PROM, 120 ns, CPGA50 1M X 16 FLASH 5V PROM, 150 ns, CQCC48
|
|
7P512FLG0802C15 7P002FLG0400C15 7P002FLG0401C15 G1 |
256K X 16 FLASH 12V PROM CARD, 150 ns, XMA68 1M X 16 FLASH 12V PROM CARD, 150 ns, XMA68
|
WHITE ELECTRONIC DESIGNS CORP MICROSEMI CORP-PMG MICROELECTRONICS
|
AT49F002NT-55JC AT49F002NT-55JI AT49F002NT-55PC AT |
2-Megabit 256K x 8 5-volt Only CMOS Flash Memory 256K X 8 FLASH 5V PROM, 55 ns, PQCC32 LM48510 Boosted Class D Audio Power Amplifier; Package: LLP; No of Pins: 16 256K X 8 FLASH 5V PROM, 55 ns, PDIP32 2-Megabit 256K x 8 5-volt Only CMOS Flash Memory 256K X 8 FLASH 5V PROM, 55 ns, PDIP32 LM4850 BOOMER Mono 1.5 W / Stereo 300 mW Power Amplifier; Package: TSSOP; No of Pins: 14 LM4858 Boomer ® Audio Power Amplifier Series Mono 1.5 W / Stereo 300mW Power Amplifier; Package: LLP; No of Pins: 14
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
SST39SF010A-45-4I-WH SST39SF020A-45-4I-WH SST39SF0 |
64 Mbit (x16) Multi-Purpose Flash Plus 128K X 8 FLASH 5V PROM, 45 ns, PDSO32 64 Mbit (x16) Multi-Purpose Flash Plus 256K X 8 FLASH 5V PROM, 45 ns, PQCC32 64 Mbit (x16) Multi-Purpose Flash Plus 256K X 8 FLASH 5V PROM, 70 ns, PQCC32 64 Mbit (x16) Multi-Purpose Flash Plus 512K X 8 FLASH 5V PROM, 70 ns, PQCC32 64 Mbit (x16) Multi-Purpose Flash Plus 256K X 8 FLASH 5V PROM, 70 ns, PDIP32 64 Mbit (x16) Multi-Purpose Flash Plus 64兆位(x16)的多功能闪存加
|
Silicon Storage Technology, Inc. PROM SILICON STORAGE TECHNOLOGY INC
|
AT49BV002A-70VI AT49BV002AT-70JI AT49BV002AT-70JU |
70NS, VSOP, IND TEMP(FLASH) 256K X 8 FLASH 2.7V PROM, 70 ns, PDSO32 70NS, PLCC, IND TEMP(FLASH) 256K X 8 FLASH 2.7V PROM, 70 ns, PQCC32 70NS, PLCC, IND TEMP, GREEN(FLASH) 256K X 8 FLASH 2.7V PROM, 70 ns, PQCC32 70NS, TSOP, IND TEMP(FLASH) 256K X 8 FLASH 2.7V PROM, 70 ns, PDSO32 70NS, VSOP, IND TEMP, ROHS-A(FLASH)
|
Atmel, Corp. ATMEL CORP
|
AT29C020-70TC AT29C020-70TI AT29C020-70JI |
70NS, TSOP, COM TEMP(FLASH) 256K X 8 FLASH 5V PROM, 70 ns, PDSO32 70NS, TSOP, IND TEMP(FLASH) 256K X 8 FLASH 5V PROM, 70 ns, PDSO32 70NS, PLCC, IND TEMP(FLASH) 256K X 8 FLASH 5V PROM, 70 ns, PQCC32
|
Atmel, Corp.
|
S29GL032N11TAIV13 2N11FAIV22 S29GL032N70BAI43 S29G |
64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology 2M X 16 FLASH 3V PROM, 110 ns, PDSO56 2M X 16 FLASH 3V PROM, 70 ns, PBGA48 2M X 16 FLASH 3V PROM, 70 ns, PBGA64 2M X 16 FLASH 3V PROM, 90 ns, PDSO48 4M X 16 FLASH 3V PROM, 70 ns, PBGA48 4M X 16 FLASH 3V PROM, 90 ns, PBGA48
|
Spansion, Inc. SPANSION LLC
|
|