PART |
Description |
Maker |
LP6100P500-12 LP6100P500-24 LP6100P300-12 LP6100P5 |
HeNe Laser Power Supply 氦氖激光电
|
Voltage Multipliers, Inc.
|
STV-376-E01 STV-376-E02 STV-376-E03 |
Ultra-low power laser motion sensor for laser mouse applications
|
STMicroelectronics
|
STL81007G STL81007GE9337 |
FIBER OPTIC LASER DIODE EMITTER, 1510-1590nm, 1000Mbps, PANEL MOUNT, TO-18, FC CONNECTOR 1550 nm Laser, Low Power
|
INFINEON TECHNOLOGIES AG
|
STL81004A STL81004H STL81004X STL81005A STL81005H |
(STL81004x / STL81005x) 1550 nm Laser in Coaxial Package with SM-Pigtail / Low Power From old datasheet system 1550 nm Laser in Coaxial Package with SM-Pigtail Low Power 1550 nm Laser in Coaxial Package with SM-Pigtail,Low Power 1550 nm Laser in Coaxial Package with SM-Pigtail, Low Power 1500 nm Laser, Low Power
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group] Infineon
|
ML9XX22 ML9SM11 ML9SM11-02 ML9SM11-03 ML9SM22 ML9S |
2.5Gbps DWDM InGaAsP DFB-LASER DIODE 高达2.5Gbps的DWDM激光器InGaAsP的激光二极管 1557 nm, LASER DIODE 1555 nm, LASER DIODE
|
Mitsubishi Electric Semicon... Mitsubishi Electric, Corp. Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
SLU301VR-2-01 SLU301VR-1-02 SLU301VR-24-02 SLU301V |
810 nm, LASER DIODE 785 nm, LASER DIODE 807 nm, LASER DIODE 798 nm, LASER DIODE
|
|
SPLBG98 SPLBW81 SPLBS94 SPLBX83 SPLBX98 SPLBX94 SP |
Unmounted Laser Bar 40 W, 980 nm Unmounted Laser Bar 20 W, 808 nm Unmounted Laser Bar 100 W, qcw Unmounted Laser Bar 30 W, 830 nm Unmounted Laser Bar 30 W, 980 nm Unmounted Laser Bar 30 W, 940 nm Unmounted Laser Bar 30 W, 808 nm
|
Infineon
|
NDL7603PC NDL7603P NDL7603P1C NDL7603P1D NDL7603P2 |
1 310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE 1 310纳米光纤通信InGaAsP多量子阱激光器激光二极管同轴模块 Opical Fiber Communications Laser Diode(光纤通信激光二极管) Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
|
NEC, Corp. NEC Corp. NEC[NEC]
|
ML725J16F ML7XX1602 ML725B16F ML720J16S |
MITSUBISHI LASER DIODES 2.5Gbps InGaAsP DFB LASER DIODE
|
http:// MITSUBISHI[Mitsubishi Electric Semiconductor]
|