PART |
Description |
Maker |
UPD789860 UPD78F9116A UPD78F9116B UPD789014 UPD789 |
8-BIT SINGLE-CHIP MICROCONTROLLER INSTRUCTIONS 78K/0SSeriesInstructions|User'sManual[11/2000]
78K/0S series for Dot.LCD Driver(Mask ROM 24K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 32K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 48K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 60K bytes) 78K/0S series Flash Memory on chip for Dot.LCD Driver 78K/0S series Flash Memory on chip for LCD Driver 8-bit single-chip microcomputer 78K/0S 78K/0S Series for LCD Driver (Mask ROM 24Kbytes) 179K Series (78K0S core) for LCD remote control transmitter 78K/0S Series for LCD Driver/Booster(Mask ROM 8K bytes) 78K/0S Series for LCD Driver (Mask ROM 16Kbytes) 8-bit single-chip microcomputer 78K0S Supply restricted to limited customers. Details on hold USB keyboard 8-bit single-chip microcomputer 8-bit single-chip microcontroller 78K/0S series 78K/0S Series for LCD Driver (Mask ROM 4Kbytes) 78K/0S Series for LCD Driver (Mask ROM 8Kbytes) 8-bit CMOS Single-chip microcontroller 8-bit single-chip microcontroller incorporating 256-byte EEPROM 78K/0S Series 8SC (flash memory version) 8-bit single-chip microcomputer for USB keyboard 78K/0S Series for LCD Driver/Booster (Mask ROM 24K bytes) 8-bit single-chip microcontroller with VFD controller/driver 78K/0S Series for LCD Driver/Booster (Mask ROM 4K bytes) Low-power LCD microcontroller
|
NEC
|
74ACTQ16240 74ACTQ16240MTD 74ACTQ16240SSC 74ACTQ16 |
16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs From old datasheet system 20 Characters x 4 Lines, 5x7 Dot Matrix Character and Cursor Quad 4-Bit Buffer/Driver ACT SERIES, QUAD 4-BIT DRIVER, INVERTED OUTPUT, PDSO48 GTLP-to-LVTTL 1-to-6 Fanout Driver 24-SOIC -40 to 85 ACT SERIES, QUAD 4-BIT DRIVER, INVERTED OUTPUT, PDSO48
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
74LVTH16244BDGG51 74LVT16244BDL112 |
3.3 V 16-bit buffer/driver; 3-state, SOT362-1 (TSSOP48), Tube Dry Pack LVT SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48 3.3 V 16-bit buffer/driver; 3-state, SOT370-1 (SSOP48), Tube LVT SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48
|
NXP Semiconductors N.V.
|
74LVQ541M |
BUFFER/DRIVER|SINGLE|8-BIT|LV-CMOS|SOP|20PIN|PLASTIC LVQ SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20
|
STMICROELECTRONICS
|
74ALVT162241 74ALVT162241DL 74ALVT162241DGG AV1622 |
ALVT SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48 2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State 2.5V/3.3V 16-bit buffer/driver with 30 Ωtermination resistors (3-State)(0 Ω终端电阻器的2.5V/3.3V 16位缓冲器/驱动三态)) 2.5V/3.3V 16-bit buffer/driver with 30 Ohm termination resistors (3-State)
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
74ALVT16244 74ALVT16244DGG 74ALVT16244DL AV16244DL |
2.5 V / 3.3 V 16-bit buffer/driver (3-State) 2.5V/3.3V 16-bit buffer/driver (3-State) 2.5V/3.3V 16-bit buffer/driver 3-State ALVT SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
74LVC162244A 74LVC162244ADGG 74LVC162244ADL 74LVCH |
with 30 Ohm series termination resistors, 5 V input/output tolerant (3-State) 16-bit buffer/line driver; with 30Ω series termination resistors, 5V input/output tolerant (3-State)(0Ω串联终端电阻器,5V输入/输出容限6位缓冲器/线驱动器(三态)) 16-bit buffer/line driver; with 30ohm series termination resistors/ 5V input/output tolerant 3-State 16-bit buffer/line driver; with 30ohm series termination resistors, 5V input/output tolerant 3-State 16-bit buffer/line driver; with 30W series From old datasheet system
|
NXP Philips Semiconductors
|
FST34X2245QSP FST34X2245 |
32-Bit Bus Switch with 25-Ohm Series Resistors in Outputs 32-Bit Bus Switch with 25 Series Resistors in Outputs From old datasheet system 32-Bit Bus Switch with 25з Series Resistors in Outputs CBT/FST/QS/5C/B SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PDSO80
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
IDT74823ATD IDT54825ATEB IDT74825ATQ |
FCT SERIES, 9-BIT DRIVER, TRUE OUTPUT, CDIP24 FCT SERIES, 8-BIT DRIVER, TRUE OUTPUT, CDFP24 FCT SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO24
|
INTEGRATED DEVICE TECHNOLOGY INC
|