PART |
Description |
Maker |
DB207S DB206S DB205S DB201S DB202S DB203S DB204S D |
2 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
|
RECTRON LTD Rectron Semiconductor
|
GS2M GS2B GS2G GS2J GS2K GS2A GS2D |
2.0 Amp Silicon Rect.0 Amp Silicon Rectifier 50 to 1000 Voltsifier 50 to 1000 OLTS
|
Micro Commercial Components Corp.
|
RGP20B RGP20G RGP20J RGP20K RGP20M RGP20A RGP20D |
2.0 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts 2 A, 1000 V, SILICON, RECTIFIER DIODE, DO-201AE
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components, Corp.
|
GBPC3501W GBPC3510W GBPC35005 GBPC35005W GBPC3501 |
600V; 35A glass passivated bridge rectifier HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 35 Amperes) Dual Audio Operational Amplifier 8-TSSOP -40 to 85 35 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE 35A GLASS PASSIVATED BRIDGE RECTIFIER 35 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE
|
Pan Jit International Inc. DIODES[Diodes Incorporated] Diodes, Inc.
|
CBR1-D100 CBR1-D010 CBR1-D020 CBR1-D040 CBR1-D060 |
SILICON BRIDGE RECTIFIER 1AMP, 100 THRU 1000 VOLTS 1 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE SILICON BRIDGE RECTIFIER 1AMP, 100 THRU 1000 VOLTS 1 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE SILICON BRIDGE RECTIFIER 1AMP, 100 THRU 1000 VOLTS 1 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE From old datasheet system Leaded Bridge Rectifier General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
1N5394GP 1N5395GP 1N5393GP 1N5399GP 1N5391GP 1N539 |
1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 500 V, SILICON, RECTIFIER DIODE, DO-15 1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 300 V, SILICON, RECTIFIER DIODE, DO-15 1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 600 V, SILICON, RECTIFIER DIODE, DO-15 1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 1000 V, SILICON, RECTIFIER DIODE, DO-15 1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 50 V, SILICON, RECTIFIER DIODE, DO-15 1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 800 V, SILICON, RECTIFIER DIODE, DO-15
|
MCC[Micro Commercial Components] Micro Commercial Components, Corp.
|
CS241020 |
Fast Recovery Single Diode Module 200 Amperes/1000 Volts 200 A, 1000 V, SILICON, RECTIFIER DIODE
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
2A06 2A05 2A07 2A02 2A01 2A01-AP 2A07-BP |
2 Amp Silicon Rectifier 50 to 1000 Volts 2 A, 50 V, SILICON, RECTIFIER DIODE, DO-15 2 A, 1000 V, SILICON, RECTIFIER DIODE, DO-15
|
Micro Commercial Components
|
ES1D ES1M |
1 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts 1 A, 200 V, SILICON, SIGNAL DIODE, DO-214AC
|
Micro Commercial Components, Corp. http:// Micro Commercial Compon...
|
100HF160FV 100HFR100FVPBF 130HFR100FV 100HF60FVPBF |
100 A, 1600 V, SILICON, RECTIFIER DIODE 100 A, 1000 V, SILICON, RECTIFIER DIODE 130 A, 1000 V, SILICON, RECTIFIER DIODE 100 A, 600 V, SILICON, RECTIFIER DIODE
|
|
FM307 FM301 FM302 FM303 FM304 FM305 FM306 |
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes) 3 A, 800 V, SILICON, RECTIFIER DIODE, DO-214AB SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes) 3 A, 200 V, SILICON, RECTIFIER DIODE, DO-214AB
|
RECTRON LTD RECTRON[Rectron Semiconductor]
|
|