PART |
Description |
Maker |
74VHC4053 74VHC4051 74VHC4052 74VHC4051M 74VHC4051 |
T-NPN- SI-AF PO 8通道模拟多路复用器。双4通道模拟多路复用器。三2通道模拟多路复用 8-Channel Analog Multiplexer . Dual 4-Channel Analog Multiplexer . Triple 2-Channel Analog Multiplexer 4-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDSO16 8-Channel Analog Multiplexer . Dual 4-Channel Analog Multiplexer . Triple 2-Channel Analog Multiplexer 8-CHANNEL, SGL ENDED MULTIPLEXER, PDSO16 8-Channel Analog Multiplexer 8-CHANNEL, SGL ENDED MULTIPLEXER, PDSO16 8-Channel Analog Multiplexer • Dual 4-Channel Analog 8-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer, Triple 2-Channel Analog Multiplexer
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
ADG508A ADG508A-ADG509A ADG508ABQ ADG508AKN ADG508 |
CMOS 15 V 8 Channel Analog Multiplexers 5 V, Fault Protected, 4-Channel High Performance Analog Multiplexer Dual4 Channel Analog Multiplexers(CMOS通道模拟多路复用 Dual4通道模拟多路复用器(的CMOS通道模拟多路复用器) CMOS 4/8 CHAANNEL ANALOG MULTIPLEXERS 8-CHANNEL, SGL ENDED MULTIPLEXER, PQCC20 CMOS 4/8 CHAANNEL ANALOG MULTIPLEXERS 8-CHANNEL, SGL ENDED MULTIPLEXER, PDSO16 CMOS 4/8 CHAANNEL ANALOG MULTIPLEXERS 8-CHANNEL, SGL ENDED MULTIPLEXER, CQCC20 CMOS 4/8 CHAANNEL ANALOG MULTIPLEXERS 4-CHANNEL, DIFFERENTIAL MULTIPLEXER, PQCC20 CMOS 4/8 CHAANNEL ANALOG MULTIPLEXERS 4-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDIP16 CMOS ± 15 V 8 Channel Analog Multiplexers
|
Analog Devices, Inc. AD[Analog Devices] http://
|
CD4051BCN CD4053BC CD4051BC CD4052BC MTC16 CD4051B |
Single 8-Channel Analog Multiplexer/Demultiplexer Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ?Triple 2-Channel Analog Multiplexer/Demultiplexer Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer IC,ANALOG MUX,SINGLE,8-CHANNEL,CMOS,DIP,16PIN,PLASTIC Single 8-Channel Analog Multiplexer/Demultiplexer • ANALOG MUX|DUAL|4-CHANNEL|CMOS|SOP|16PIN|PLASTIC Single 8-Channel Analog Multiplexer/Demultiplexer; Package: TSSOP; No of Pins: 16; Container: Tape & Reel ANALOG MUX|SINGLE|8-CHANNEL|CMOS|TSSOP|16PIN|PLASTIC
|
FAIRCHILD[Fairchild Semiconductor] FAIRCHILD SEMICONDUCTOR CORP
|
MM74HC4051 MM74HC4051M MM74HC4051MTC MM74HC4051N M |
1.5A PWM Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters with 8V UVLO Threshold and Totem Pole Output; Package: SO-16 WB; No of Pins: 16; Container: Tape and Reel; Qty per Container: 1000 Fast PFET Buck Controller; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 8-Channel Analog Multiplexer • 8-Channel Analog Multiplexer . Dual 4-Channel Analog Multiplexer . Triple 2-Channel Analog Multiplexer
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
AT27C4096 AT27C4096-12 AT27C4096-12JC AT27C4096-12 |
Dual 4-Channel Analog Multiplexer/Demultiplexer 16-SOIC -40 to 85 256K X 16 OTPROM, 70 ns, PQCC44 8-Channel Analog Multiplexer/Demultiplexer 16-TSSOP -40 to 85 256K X 16 OTPROM, 120 ns, PDSO40 Dual 4-Channel Analog Multiplexer/Demultiplexer 16-SSOP -40 to 85 256K X 16 OTPROM, 70 ns, PDIP40 4-Megabit 256K x 16 OTP EPROM 256K X 16 OTPROM, 55 ns, PQCC44 4-Megabit 256K x 16 OTP EPROM 256K X 16 OTPROM, 55 ns, PDIP40 Dual 4-Channel Analog Multiplexer/Demultiplexer 16-TVSOP -40 to 85 256K X 16 OTPROM, 90 ns, PDIP40 TV 26C 26#20 SKT WALL RECP Automotive Catalog 8-Channel Analog Multiplexer/Demultiplexer 16-SOIC -40 to 105 8-Channel Analog Multiplexer/Demultiplexer 16-VQFN -40 to 85
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
74LVC2G53DP125 74LVC2G53DP-G 74LVC2G53GT |
2-channel analog multiplexer/demultiplexer 2-CHANNEL, SGL ENDED MULTIPLEXER, PDSO8 2-channel analog multiplexer/demultiplexer; Package: SOT505-2 (TSSOP8); Container: Reel Pack, Reverse, Reverse 2-CHANNEL, SGL ENDED MULTIPLEXER, PDSO8
|
NXP Semiconductors N.V.
|
HS0-1840ARH-Q 5962F9563002VXC 5962F9563002V9A 5962 |
Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection 16-CHANNEL, SGL ENDED MULTIPLEXER, CDFP28 Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection 抗辐6通道CMOS模拟多路复用器与模拟输入保护
|
Intersil, Corp. Intersil Corporation
|
HI9P0549-9 HI9P0548-9 HI-548 HI4P0548-5 HI4P0546-5 |
Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection 6,差通道通道CMOS模拟MUXs与Active过压保护 Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection 16-CHANNEL, SGL ENDED MULTIPLEXER, PQCC28 Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection 16-CHANNEL, SGL ENDED MULTIPLEXER, CDIP28 64 MACROCELL 3.3 VOLT ISP CPLD - NOT RECOMMENDED for NEW DESIGN 6,差通道通道CMOS模拟MUXs与Active过压保护 Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection 8-CHANNEL, SGL ENDED MULTIPLEXER, CDIP16 Wirewound Inductor; Inductor Type:High Frequency; Inductance:470nH; Inductance Tolerance: 5 %; Current Rating:400mA; Series:IMC; Package/Case:1008; Core Material:Ceramic; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes Single 16 and 8/ Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection From old datasheet system Single 16 and 8 Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
DG529 DG528 |
Latchable Differential 4-Channel Analog Multiplexer(带板上地址锁存器的通道模拟多路 Latchable Single 8-Channel Analog Multiplexer(带板上地址锁存器的8通道模拟多路
|
Vishay Intertechnology,Inc.
|
HS1-508ARH-Q HS9-508ARH-Q HS1-508ARH-8 HS9-508ARH- |
ER 7C 3#12 2#8 2#4 SKT RECP WA 8-CHANNEL, SGL ENDED MULTIPLEXER, CDIP16 Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
|
Intersil, Corp. Intersil Corporation
|
ACT8502 ACT8502-7 ACT8502-C ACT8502-I ACT8502-S AC |
ACT8502 Radiation Hardened & ESD Protected 48-Channel Analog Multiplexer Module ACT8502 Radiation Hardened & ESD Protected 48-Channel Analog Multiplexer Module ECONOLINE: RBM - New Micro Size SIP 6 Package- Industry Standard Pinout- 3kVDC Isolation- UL94V-0 Package Material- Efficiency to 85% ACT8502 Radiation Hardened & ESD Protected 48-Channel Analog Multiplexer Module
|
AEROFLEX[Aeroflex Circuit Technology] Aeroflex Inc.
|
74HCT4067N 74HCT4067D 74HCT4067DB 74HCT4067PW 74HC |
16-channel analog multiplexer/demultiplexer 16-CHANNEL, SGL ENDED MULTIPLEXER, PQCC24
|
NXP Semiconductors
|