PART |
Description |
Maker |
ADSP-21160MKB-80 |
SHARC, 80 MHz, 600 MFLOPS, 3.3v I/O, 2.5v core, floating point DSP Microcomputer 64-BIT, 80 MHz, OTHER DSP, PBGA400
|
Analog Devices, Inc.
|
ADSP-218XNSERIES ADSP-2184NBCA-320 ADSP-2184NKCA-3 |
LM2941/LM2941C 1A Low Dropout Adjustable Regulator; Package: TO-263; No of Pins: 5; Qty per Container: 45; Container: Rail RESISTOR, FILM, CHIP (CHIP SIZE: 0805) DSP Microcomputer 24-BIT, 40 MHz, OTHER DSP, PQFP100 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 24-BIT, 40 MHz, OTHER DSP, PQFP100
|
Analog Devices, Inc. ANALOG DEVICES INC
|
ADSP-2186BST-133 ADSP-2186KST-133 ADSP-2186BCA-160 |
DSP Microcomputer 24-BIT, 16.67 MHz, OTHER DSP, PQFP100
|
Analog Devices, Inc.
|
CS48520-CQZ CS48560-CQZ CS48560-DQZ |
Audio DSP IC; Series:CS48500; DSP Type:Floating Point; Package/Case:48-QFP; Leaded Process Compatible:Yes; MIPS:150; Operating Temp. Max:70 C; Operating Temp. Min:0 C; Supply Voltage Max:2.5V RoHS Compliant: Yes 0-BIT, 27 MHz, OTHER DSP, PQFP48 Audio DSP IC; Series:CS49500; DSP Type:Floating Point; Package/Case:48-QFP; Leaded Process Compatible:Yes; MIPS:150; Operating Temp. Max:70 C; Operating Temp. Min:0 C RoHS Compliant: Yes 0-BIT, 27 MHz, OTHER DSP, PQFP48 Audio DSP IC; Series:CS49500; DSP Type:Floating Point; Package/Case:48-QFP; Leaded Process Compatible:Yes; MIPS:150; Operating Temp. Max:85 C; Operating Temp. Min:-40 C RoHS Compliant: Yes 0-BIT, 27 MHz, OTHER DSP, PQFP48
|
Cirrus Logic, Inc.
|
DSP56002 DSP56002FC80 |
24-BIT DIGITAL SIGNAL PROCESSOR 24-BIT, 80 MHz, OTHER DSP, PQFP132
|
Motorola Inc Motorola Mobility Holdings, Inc.
|
AT572D740 |
Dual CPU Processor with integrated mAgic VLIW DSP and an ARM7TDMI™ RISC MCU. The DSP operates on a 32-bit integer and IEEE ... DIOPSIS 740 Dual Core DSP
|
ATMEL[ATMEL Corporation]
|
FREESCALESEMICONDUCTORINC-XC56602PV60 XC56602GC60 |
24-BIT, 60 MHz, OTHER DSP, PBGA144
|
FREESCALE SEMICONDUCTOR INC
|
AD21365WYSWZ2XXA AD21366WYSWZ2XXA AD21364WYSWZ2XX |
16-BIT, 33.33 MHz, OTHER DSP, PQFP144 ROHS COMPLIANT, MO-026BFB-HD, LQFP-144 High Precision 32-Bit Floating-Point SHARC Processor for Professional Audio; Package: 144 ld LQFP-EP (20X20mm w/8.8mm Exposed Pad); No of Pins: 144; Temperature Range: Ind 16-BIT, 55.55 MHz, OTHER DSP, PQFP144 High Performance 32-Bit Floating-Point SHARC Processor for Automotive Audio; Package: 144 ld LQFP-EP (20X20mm w/8.8mm Exposed Pad); No of Pins: 144; Temperature Range: Ind 16-BIT, 55.55 MHz, OTHER DSP, PQFP144 High Precision 32-Bit Floating-Point SHARC Processor for Professional Audio; Package: 144 ld LQFP-EP (20X20mm w/8.8mm Exposed Pad); No of Pins: 144; Temperature Range: Comm. 16-BIT, 55.55 MHz, OTHER DSP, PQFP144 High-Performance 32-bit Floating-Point SHARC Processor for General Purpose Applications; Package: 144 ld LQFP-EP (20X20mm w/8.8mm Exposed Pad); No of Pins: 144; Temperature Range: Comm. 16-BIT, 55.55 MHz, OTHER DSP, PQFP144 High-Performance 32-bit Floating-Point SHARC Processor for Home Theater; Package: 144 ld LQFP-EP (20X20mm w/8.8mm Exposed Pad); No of Pins: 144; Temperature Range: Ind 16-BIT, 55.55 MHz, OTHER DSP, PQFP144 High-Performance 32-bit Floating-Point SHARC Processor for General Purpose Applications; Package: 144 ld LQFP-EP (20X20mm w/8.8mm Exposed Pad); No of Pins: 144; Temperature Range: Ind 16-BIT, 55.55 MHz, OTHER DSP, PQFP144 High-Performance 32-bit Floating-Point SHARC Processor for Home Theater; Package: 144 ld LQFP-EP (20X20mm w/8.8mm Exposed Pad); No of Pins: 144; Temperature Range: Comm. 16-BIT, 55.55 MHz, OTHER DSP, PQFP144 SHARC Processors
|
Analog Devices, Inc.
|
ADSP-21MSP50AK |
24-BIT, 13 MHz, MIXED DSP, CPGA145
|
Analog Devices, Inc.
|
|