PART |
Description |
Maker |
STR710F STR711FR2T6 STR710FZ2T6 STR711FR0T6 STR712 |
ARM7TDMI⑩ 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM7TDMI⒙ 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM7TDMI??16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES 144/64-pin ARM7TDMI MCU with up to 256KB FLASH, 64KB RAM and EMI
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
NDL7910P NDL7701P NDL7705P NDL7620P NDL7603PD NDL7 |
1 550 nm OPTICAL FIBER COMMUNICATIONS EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH APPLICATIONS 1 310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
|
NEC[NEC]
|
STR720RXH6 STR720 STR720RBQ6 |
ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
|
STMICROELECTRONICS[STMicroelectronics]
|
STR712FR2T6NBSP |
ARM7TDMI⑩ 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
|
STMicroelectronics
|
NDL7603PC NDL7603P NDL7603P1C NDL7603P1D NDL7603P2 |
1 310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE 1 310纳米光纤通信InGaAsP多量子阱激光器激光二极管同轴模块 Opical Fiber Communications Laser Diode(光纤通信激光二极管) Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
|
NEC, Corp. NEC Corp. NEC[NEC]
|
CY7C65620 |
EZ-USB HX2LP Low-Power USB 2.0 Hub Controller Family(EZ-USB HX2LP,低功率 USB 2.0 Hub控制器系 EZ - USB HX2LP低功率USB 2.0集线器控制器家族(的EZ - USB HX2LP,低功率USB 2.0集线器控制器系列
|
Cypress Semiconductor Corp.
|
8321 8322 8323 |
RJ-45/USB 10/100 BASE-T Module with Dual USB
|
Filtran Ltd.
|
8326 8324 8325 |
RJ-45/USB 10/100 BASE-T Module with Dual USB
|
FILTRAN[Filtran LTD]
|
DS3900 |
Serial Communications Module
|
Dallas Semiconducotr
|
NDL5102P |
1300nm OPTICAL FIBER COMMUNICATIONS pi=30um GERMANIUM AVALANCHE PHOTO DIODE MODULE
|
NEC[NEC]
|
IRPLHID2A |
HID Ballast for 70W Lamp
|
International Rectifier
|