PART |
Description |
Maker |
EPM5128GM883B-2 |
UV PLD, 45 ns, CPGA68
|
ALTERA CORP
|
93Z458PC 93Z458DMQB 93Z458FCQR 93Z458LC |
OT PLD, 45 ns, PDIP28 OT PLD, 65 ns, CDIP28 OT PLD, 45 ns, CDFP28 OT PLD, 45 ns, CQCC28
|
FAIRCHILD SEMICONDUCTOR CORP
|
22V10 GAL22V10 GAL22V10C-5LJ GAL22V10C-7LJ GAL22V1 |
148 DCCE37S HighPerformanceE2CMOSPLDGenericArrayLogic Single LVDS Receiver Bus LVDS Dual 2x2 Crosspoint/Repeater PCB; Leaded Process Compatible:No; PCB Type:4 Channel I/O Rack; Peak Reflow Compatible (260 C):No; Size:3.5 x 3.5 in; Thickness:2.32" RoHS Compliant: No EE PLD, 15 ns, PQCC28 MR Series Rocker, 1 lamp circuit (Clear Red) miniature rectangle housing, SPDT, 2 position, Quick-connect, Snap-in panel, Silver alloy contacts EE PLD, 7.5 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 10 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 20 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDIP24 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 4 ns, PQCC28 Electrically-Erasable PLD EE PLD, 15 ns, PDIP24 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PDIP24 SOTiny Single LVDS Driver EE PLD, 5 ns, PQCC28
|
http:// Lattice Semiconductor Corporation LatticeSemiconductor Lattice Semiconductor, Corp.
|
ISPLSI1016E06 ISPLSI1016E125LTN44I ISPLSI1016E80LT |
EE PLD, 18.5 ns, PQFP44 EE PLD, 18.5 ns, PQCC44 EE PLD, 13 ns, PQCC44 EE PLD, 10 ns, PQFP44 In-System Programmable High Density PLD
|
LATTICE SEMICONDUCTOR CORP
|
ATF1504SEL ATF1508SEL ATF1502SEL ATF1508SEL-15JC84 |
ATF1502/04/08/16SE(L) Preliminary [Updated 9/02. 69 Pages] Second Generation Industry Compatible 5V Logic Doubling CPLDs 32-512 Macrocells. standard & low power w/ISP EE PLD, 15 ns, PQCC84 PLASTIC, LCC-84 EE PLD, 15 ns, PQFP160 28 X 28 MM, PLASTIC, QFP-160 EE PLD, 15 ns, PQFP100 14 X 20 MM, PLASTIC, QFP-100 EE PLD, 10 ns, PQCC84 PLASTIC, LCC-84 EE PLD, 7.5 ns, PQFP160
|
Atmel, Corp. ATMEL CORP
|
PEEL22CV10AS-10L PEEL22CV10AS-25L PEEL22CV10AP-7L |
EE PLD, 7.5 ns, PQCC28 EE PLD, 15 ns, PQCC28 EE PLD, 7.5 ns, PDIP24 0.300 INCH, LEAD FREE, PLASTIC, DIP-24 CMOS Programmable Electrically Erasable Logic Device
|
Integrated Circuit Technology Corp ANACHIP[Anachip Corp] http://
|
ISPLSI2064VL-100LB100 ISPLSI2064VL-100LJ44 ISPLSI2 |
2.5V In-System Programmable SuperFAST?High Density PLD 2.5V In-System Programmable SuperFAST?/a> High Density PLD 2.5V In-System Programmable SuperFAST⑩ High Density PLD 2.5V In-System Programmable SuperFAST High Density PLD Turns Counting Dial; Number of Turns:10; Knob/Dial Style:Round Skirted With Indicator Line; Body Material:Aluminum; Shaft Size:1/4; Color:Satin RoHS Compliant: Yes EE PLD, 10 ns, PQFP100 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP100 2.5VIn-SystemProgrammableSuperFASTHighDensityPLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
ATF22V10C-7JI ATF22V10C-15PC ATF22V10C-15PI ATF22V |
Highperformance EE PLD FLASH PLD, 15 ns, PDIP24 Highperformance EE PLD FLASH PLD, 15 ns, PDSO24 Highperformance EE PLD FLASH PLD, 15 ns, PQCC28
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
LCMXO2280C-3FT256C4W LCMXO640C-5F256C4W LCMXO2280C |
FLASH PLD, 5.1 ns, PBGA256 FLASH PLD, 3.5 ns, PBGA256 FLASH PLD, 5.1 ns, PQFP100 FLASH PLD, 5.1 ns, PBGA132 FLASH PLD, 5.1 ns, PQFP144 FLASH PLD, 3.5 ns, PBGA100 FLASH PLD, 4.9 ns, PQFP100 FLASH PLD, 4.9 ns, PBGA256 FLASH PLD, 4.9 ns, PBGA100
|
LATTICE SEMICONDUCTOR CORP
|
XC9536XL-1 XC9536XL-5 XC9536XL-7 XC9536XL-10VQ64I |
XC9536XL High PerformanceCPLD DC-DC Converter; Supply Voltage:3.65V; Output Voltage:2.5V; Number of Outputs:1; Power Rating:15W; Mounting Type:PC Board; Efficiency:94%; Leaded Process Compatible:No; Output Current:6A; Peak Reflow Compatible (260 C):No T1/E1 Transformer FLASH PLD, 10 ns, PQFP44 XC9536XL High PerformanceCPLD FLASH PLD, 10 ns, PQFP64 XC9536XL High PerformanceCPLD FLASH PLD, 4 ns, PQFP64 XC9536XL High PerformanceCPLD FLASH PLD, 4 ns, PQCC44 XC9536XL High PerformanceCPLD FLASH PLD, 10 ns, PBGA48 XC9536XL High PerformanceCPLD FLASH PLD, 10 ns, PQCC44 XC9536XL High PerformanceCPLD FLASH PLD, 7.5 ns, PQCC44
|
Xilinx, Inc. XILINX INC
|
P5Z22V10-7D-T P5Z22V10-7DH-T P5Z22V10-7A-T |
EE PLD, 7.5 ns, PDSO24 7.50 MM, PLASTIC, MS-013AD, SOP-24 EE PLD, 7.5 ns, PDSO24 4.40 MM, PLASTIC, MO-153AD, TSSOP-24 EE PLD, 7.5 ns, PQCC28 PLASTIC, MO-047AB, LCC-28
|
Xilinx, Inc.
|
|