PART |
Description |
Maker |
2SD2312C1/V 2SC4038TL2/RS 2SC4038TL3/Q 2SC4038TL3/ |
150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 2000 mA, 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR 150 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
2SC2631 2SA1123 |
Silicon NPN epitaxial planer type(For low-frequency high breakdown voltage amplification) 50 mA, 150 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor] http://
|
HN1C01FE HN1C01FE-Y |
150 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR Silicon NPN Epitaxial Type (PCT Process) Audio Frequency General Purpose Amplifier Applications
|
Toshiba Semiconductor Toshiba Corporation
|
C945BL-BP C945Y |
150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
MICRO COMMERCIAL COMPONENTS
|
2SC2712GRT5LFT 2SC2712-GRTE85LF |
150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236
|
Toshiba Corporation
|
T495TC |
1000 mA, 150 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
DIODES INC
|
2N3799A 2N3962 2N4390 2N3701 2N5057 2N3576 2N4068 |
Small Signal Transistors Si, PNP, RF SMALL SIGNAL TRANSISTOR, TO-18 Small Signal Transistors 150 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 1000 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
KTC901410 KTC9014A |
EPITAXIAL PLANAR NPN TRANSISTOR 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
KEC(Korea Electronics)
|
2SC2412K07 2SC2412K 2SC1740S 2SC5658 2SC4081 2SC40 |
150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR UMT3, SC-70, 3 PIN General purpose transistor(50V, 0.15A)
|
Rohm
|
2SB1516F5/NP 2SA1727F5/NP 2SD1918F5/NP 2SD1767T101 |
3000 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR 500 mA, 400 V, PNP, Si, SMALL SIGNAL TRANSISTOR 1500 mA, 160 V, NPN, Si, SMALL SIGNAL TRANSISTOR 0.7 A, 80 V, NPN, Si, POWER TRANSISTOR 3000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR 5 A, 20 V, PNP, Si, POWER TRANSISTOR 1 A, 32 V, NPN, Si, POWER TRANSISTOR 2000 mA, 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
International Rectifier, Corp. Dielectric Laboratories, Inc.
|
|