PART |
Description |
Maker |
ADM6823TYRJZ-RL7 ADM6823WYRJZ-RL7 ADM6823TYRJ-R7 A |
Low Voltage Supervisory Circuit with Watchdog, Manual Reset and Active-Low, Push-Pull Reset Output; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO5 Low Voltage Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT- Low Voltage Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
|
Analog Devices
|
ENC270D-05B ENC390D-05B ENC470D-05B ENC560D-05B EN |
SMBus Accelerator (SMA); Temperature Range: -40°C to 85°C; Package: 5-SOT-23 T&R µP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset; Temperature Range: -40°C to 85°C; Package: 8-PDIP Dual LDO with Low Noise, Very High PSRR, and Low IQ; Temperature Range: -40°C to 85°C; Package: 10-DFN 5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability; Temperature Range: -40°C to 85°C; Package: 5-SOT-23 T&R Dual LDO with Low Noise, Very High PSRR, and Low IQ; Temperature Range: -40°C to 85°C; Package: 10-DFN 性病检验手 STD MOV 性病检验手
|
TE Connectivity, Ltd. ZF Electronics, Corp.
|
ATS51 ATS51S3 |
LOW-VOLTAGE SOT-23 TEMPERATURE SENSOR WITH HIGH OUTPUT DRIVE
|
Electronic Theatre Controls, Inc.
|
ISL2108010 ISL21080CIH330Z-TK ISL21080CIH315Z-TK |
300nA NanoPower Voltage References; 3-SOT-23; Ind Temp 300nA NanoPower Voltage References; Temperature Range: Industrial; Package: 3 Ld SOT-23 T R 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 3 V, PDSO3
|
Intersil, Corp. Intersil Corporation
|
AT49BV002AT AT49BV002A AT49BV002AN AT49BV002ANT AT |
LM4132 SOT-23 Precision Low Dropout Voltage Reference; Package: SOT-23; No of Pins: 5 2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
A62S7316 A62S7316G-55S A62S7316G-55SI A62S7316G-70 |
128K X 16 BIT LOW VOLTAGE CMOS SRAM 2.7 V to 5.5 V, 140 µA, Rail-to-Rail Voltage Output 12-Bit DAC in SOT-23 and MicroSOIC Packages; Package: MSOP; No of Pins: 8; Temperature Range: Industrial
|
http:// AMICC[AMIC Technology] AMIC Technology Corporation
|
GLT44108 GLT44108-35FA GLT44108-35FB GLT44108-35FC |
30ppm/C Drift, 3.9uA, SOT23-3, SC70-3 Voltage Reference 3-SC70 -40 to 125 12k × 8的CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, Fast Transient Response 5-SOT-23 12k × 8的CMOS动态RAM的快速页面模 30ppm/C Drift, 3.9uA, SOT23-3, SC70-3 Voltage Reference 3-SOT-23 -40 to 125 12k × 8CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(2.8V), Low Noise, Fast Transient Response 5-SOT-23 512k × 8的CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(2.5V), Low Noise, Fast Transient Response 5-SOT-23 512k × 8的CMOS动态RAM的快速页面模 512K X 8 CMOS DYNAMIC RAM WITH FAST PAGE MODE 12k × 8的CMOS动态RAM的快速页面模 Multi-Color LED; LED Color:Red; Luminous Intensity:25ucd; Viewing Angle:40 ; Forward Current:20mA; Forward Voltage:1.7V; Operating Temperature Range:-30 C to 85 C; Color:Red; Leaded Process Compatible:No RoHS Compliant: No Single Output LDO, 100mA, Fixed(5.0V), Low Noise, Fast Transient Response 8-SOIC Single Output LDO, 100mA, Fixed(3.3V), Low Noise, Fast Transient Response 5-SOT-23 Single Output LDO, 100mA, Fixed(2.85V), Low Noise, Fast Transient Response 5-SOT-23
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
MAX6457 MAX6457UKD-T MAX6458 MAX6458UKD-T MAX6459 |
150 ms, high-voltage, low-current voltage monitor in SOT package " High-Voltage, Low-Current Over Voltage/ Under Voltage Monitor in SOT Package" " High-Voltage, Low-Current Voltage Monitors in SOT Packages" High-Voltage / Low-Current Voltage Monitors in SOT Packages
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
424H4B-L1 428L4EX-L1 428H4EX-L1 428H4EX-L7 428L4EX |
Resistor-Programmable SOT Temperature Switches Analog IC Low-Cost, 2.7V to 5.5V Temperature Switches in a SOT23 模拟IC
|
Electronic Theatre Controls, Inc.
|
CY7C1367C-166BGC CY7C1366C-200BZI CY7C1366C-200BZC |
Low Cost, 300 MHz Rail-to-Rail Amplifier (Single); Package: SOT-23; No of Pins: 5; Temperature Range: Industrial 512K X 18 CACHE SRAM, 3.5 ns, PBGA119 Low Cost, Single, 300 MHz Voltage Feedback Amplifier; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial 256K X 36 CACHE SRAM, 3 ns, PBGA165 9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM 512K X 18 CACHE SRAM, 2.8 ns, PBGA165
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
CLM2805AZ-X CLM2805CZ-X CLM2805 CLM2805A CLM2805A- |
3 V, micropower SOT-23, 120 mA low dropout voltage regulator on/off switch Micropower SOT-23/ 120mA Low-Dropout Voltage Regulator ON/OFF Switch Micropower SOT-23, 120mA Low-Dropout Voltage Regulator ON/OFF Switch 微功率的SOT - 23,一百二十零毫安低压差稳压器ON / OFF开 4 V, micropower SOT-23, 120 mA low dropout voltage regulator on/off switch 5 V, micropower SOT-23, 120 mA low dropout voltage regulator on/off switch
|
CALOGIC[Calogic, LLC] Calogic LLC Calogic LLC
|
AD7415 AD7414ART-0500RL7 AD7414ART-0REEL |
Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown; Package: PDIP; No of Pins: 16; Temperature Range: 0°C to 70°C 温度变送器/传感 SMBus/I2C Digital Temperature Sensor in 6-Pin Sot With Smbus Alert And Over Temperature Pin
|
Analog Devices, Inc. AD
|