PART |
Description |
Maker |
600110 61713 61721 61715 61717 61719 60025 600010 |
ENTLOETLITZE SERIE 60 B 0.9MM L 1.5M ENTLOETLITZE SERIE 60 B 3.9MM L 1.5M ENTLOETLITZE SERIE 60 B 1.5MM L 1.5M ENTLOETLITZE SERIE 60 B 1.9MM L 1.5M ENTLOETLITZE SERIE 60 B 2.8MM L 1.5M SODER-WICK SMT NO CLEAN SD 瑟德芯表面贴装免清洗
|
Ametherm, Inc.
|
0555600347 55560-0347 |
0.50mm (.020) Pitch SlimStack?/a> Plug, Surface Mount, Dual Row, Vertical, 1.50mm (.059) Stack Height, 34 Circuits
|
Molex Electronics Ltd.
|
0555600227 |
0.50mm (.020) Pitch SlimStack Plug, Surface Mount, Dual Row, Vertical, 1.50mm(.059) Stack Height, 22 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
55560-0607 0555600607 |
0.50mm (.020) Pitch SlimStack Plug, Surface Mount, Dual Row, Vertical, 1.50mm(.059) Stack Height, 60 Circuits 0.50mm (.020) Pitch SlimStack?/a> Plug, Surface Mount, Dual Row, Vertical, 1.50mm(.059) Stack Height, 60 Circuits
|
Molex Electronics Ltd.
|
5003340300 500334-0300 |
0.50mm (.020) Pitch SlimStack Plug, Surface Mount, Dual Row, Vertical, 2.50mm (.098) Stack Height, 30 Circuits 0.50mm (.020") Pitch SlimStack Plug, Surface Mount, Dual Row, Vertical, 2.50mm (.098") Stack Height, 30 Circuits
|
Molex Electronics Ltd.
|
0757571161 75757-1161 |
3.50mm (.138) Pitch, MX150?/a> Header, Breakaway, Vertical, 12 Circuits, 2.5μm (100μ) Tin (Sn) Plating, 11.20mm (.441) Mating Pin Length 3.50mm (.138) Pitch, MX150垄芒 Header, Breakaway, Vertical, 12 Circuits, 2.5楼矛m (100楼矛) Tin (Sn) Plating, 11.20mm (.441) Mating Pin Length
|
Molex Electronics Ltd.
|
54062701200 54062701400 540627012T0 540627014T0 54 |
HR-Serie SMT Chipinduktivit?ten
|
Sumida Corporation
|
75757-1362 |
3.50mm (.138) Pitch, MX150 Header, Breakaway, Vertical, 12 Circuits
|
Molex Electronics Ltd.
|
36511-0301 0365110301 MM-B1802-R963 |
2.54mm (.100) Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 0.05μm (2μ) Gold (Au) Plating, Tail Length 4.50mm (.177), 64 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 0.05渭m (2渭") Gold (Au) Plating, Tail Length 4.50mm (.177"), 64 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 0.05楼矛m (2楼矛") Gold (Au) Plating, Tail Length 4.50mm (.177"), 64 Circuits
|
Molex Electronics Ltd.
|
39372-0008 |
7.50mm Beau Eurostyle Vertical PCB Header, Closed Ends, 8 Circuits
|
Molex Electronics Ltd.
|
|