PART |
Description |
Maker |
FAN1581PX FAN1581P25X FAN1581P15X FAN1581M15X FAN1 |
FETs - Nch 250VFETs - Nch 250VFETs - Nch 250VFETs - Nch 250V5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
|
Fairchild Semiconductor
|
551-0207 521-9459 521-9215 551-XX07 551-0407 551-0 |
3mm LED CBI? Circuit Board Indicator .200?High LED Centerline 3mm LED CBI Circuit Board Indicator 200 High LED Centerline 3mm LED CBI? Circuit Board Indicator .200 High LED Centerline
|
DIALIGHT[Dialight Corporation]
|
1301.9304 |
SWITCH, PCB PUSH 7.3MMSWITCH, PCB PUSH 7.3MM; Switch function type:Momentary; Voltage, contact DC max:12V dc; Temp, op. max:60(degree C); Temp, op. min:-10(degree C); Diameter, panel cut-out:3.3mm; Length / Height, external:3.5mm;
|
SCHURTER INC
|
551-XX09 |
3mm LED CBI Circuit Board Indicator 120 High LED Centerline 中缅印战毫米的LED电路板的LED指示20偏高中心
|
Dialight PLC
|
163301-2 |
.200" Centerline, 250 V, 13 A max. (Commercial MATE-N-LOK); MATENLOK PIN ( AMP )
|
Tyco Electronics
|
551-0407-004 551-XX07-004 551-1207-004 |
3mm LED CBI Circuit Board Indicator Quad, .200High LED Centerline T-1 SINGLE COLOR LED ARRAY, YELLOW, 3 mm
|
Dialight Corporation Dialight PLC
|
CAS143 |
11.55×3.3mm Max.(L×W),3.55mm Max. Height 11.55】3.3mm Max.(L】W),3.55mm Max. Height
|
Sumida Corporation
|
1-350777-4 |
.250" Centerline, 600 V, 19 - 36 A max. (Universal MATE-N-LOK); 02P UMNL V0 PLUG HSG YELLOW ( AMP )
|
Tyco Electronics
|
1-350736-1 |
.250" Centerline, 600 V, 19 - 36 A max. (Universal MATE-N-LOK); 15P UMNL V0 PLUG HSG BROWN ( AMP )
|
Tyco Electronics
|
1-350715-4 |
.250" Centerline, 600 V, 19 - 36 A max. (Universal MATE-N-LOK); 06P UMNL V0 PLUG HSG YELLOW ( AMP )
|
Tyco Electronics
|
SR-5-1.25A-BK COOPERINDUSTRIES-SR-5-1.25A-AP SR-5- |
FUSE 1.25A 250V T-LAG IEC SHORT TIME DELAY BLOW ELECTRIC FUSE, 1.25A, 250VAC, 35A (IR), THROUGH HOLE FUSE 1.6A 250V T-LAG IEC SHORT PC Board Fuse; Current Rating:1A; Voltage Rating:250V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Time Delay; Interrupting Current Max:35A; Leaded Process Compatible:Yes; Packaging:Ammo Pack FUSE 1A 250V T-LAG IEC SHORT Subminiature Fuses
|
Cooper Bussmann, Inc. COOPER INDUSTRIES List of Unclassifed Man...
|