PART |
Description |
Maker |
BC33825 BC33740 BC337 BC33840 BC33716 BC33725 BC33 |
Switching and Amplifier Applications Suitable for AF-Driver stages and low power output stages RES 220 OHMS 1% 1/4W 1206 800 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 SWITCHING AND AMPLIFIER APPLICATIONS 800 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] FAIRCHILD SEMICONDUCTOR CORP
|
BCX41E6327 |
800 mA, 125 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
SIEMENS A G
|
KTC8050A KTC8050A-D |
SEMICONDUCTOR TECHNICAL DATA 800 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
KEC(Korea Electronics)
|
BC81816MTF BC81840MTF |
NPN Epitaxial Silicon Transistor; Package: SOT-23; No of Pins: 3; Container: Tape & Reel 800 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|
BC558-B BCX73-25 BC550-B BC169-C BC546-A |
100 mA, PNP, Si, SMALL SIGNAL TRANSISTOR 800 mA, NPN, Si, SMALL SIGNAL TRANSISTOR 100 mA, NPN, Si, SMALL SIGNAL TRANSISTOR
|
SIEMENS A G INFINEON TECHNOLOGIES AG
|
MM3006 MM5416 MM4001 MM421 BSY52 BSY53 BSY54 BSY56 |
Small Signal Transistors 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 150 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
BC846AW BC848AW-7-F BC848BW-7-F BC846BW BC847CW-7- |
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR TRANS NPN BIPOLAR 45V SOT-323 100 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR PLASTIC PACKAGE-3 100 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR PLASTIC PACKAGE-3
|
Diodes Incorporated Diodes Inc. Diodes, Inc.
|
2SC1740SLNTP/S 2SA933ASLNTP/RS 2SA933ALNT93/RS 2SC |
150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR 3000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 50 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 120 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 5000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Lattice Semiconductor, Corp. MERITEK Electronics, Corp.
|
BC172TAPE-REEL BC172ATAPE-REEL 2SC3199 2SC3355 MPS |
150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-92 2000 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
NXP Semiconductors N.V.
|
2SB1326TV6/PQ 2SB1326TV3/PQ 2SB1236ATV2/NP 2SC2021 |
5000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR 1500 mA, 160 V, PNP, Si, SMALL SIGNAL TRANSISTOR 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 100 mA, 600 V, PNP, Si, SMALL SIGNAL TRANSISTOR 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 5000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
|