PART |
Description |
Maker |
IZF1167-7F25 IZF1167-3F25 IZF1167-12F25 IZF1167-10 |
2390 A, 700 V, SCR 2390 A, 300 V, SCR 2390 A, 1200 V, SCR 2390 A, 1000 V, SCR 2390 A, 900 V, SCR 1470 A, 800 V, SCR 1950 A, 1000 V, SCR 1950 A, 1100 V, SCR 1370 A, 1400 V, SCR 1470 A, 500 V, SCR 2835 A, 1100 V, SCR 1370 A, 1200 V, SCR 1470 A, 200 V, SCR
|
ITT, Corp.
|
SK012D S8025L SK055N |
12 A, 1000 V, SCR, TO-252 25 A, 800 V, SCR, TO-220AB 55 A, 1000 V, SCR, TO-263AB
|
|
T7SH024.58GDN T72H024.58GDN T707063.258GDN T607021 |
706.5 A, SCR T7S, 3 PIN 706.5 A, SCR T72, 3 PIN 510.25 A, SCR T70, 3 PIN 196.25 A, SCR T60, 3 PIN 431.75 A, SCR T70, 3 PIN 392.5 A, SCR 109.9 A, 300 V, SCR 471 A, SCR 1177.5 A, SCR 785 A, SCR 942 A, SCR 2669 A, SCR 565.2 A, SCR 549.5 A, SCR 2512 A, SCR 1570 A, 700 V, SCR 235.5 A, SCR 62.8 A, SCR 1256 A, SCR 628 A, SCR 4710 A, SCR 1020.5 A, SCR 109.9 A, 150 V, SCR 1570 A, SCR 2826 A, SCR 3140 A, SCR 1727 A, SCR
|
Powerex, Inc. POWEREX INC
|
TGF148-600B TGF148-1200B TGF148-800B TGF148-1000B |
63 A, 600 V, SCR, TO-65 63 A, 1200 V, SCR, TO-65 63 A, 800 V, SCR, TO-65 63 A, 1000 V, SCR, TO-65
|
ST Microelectronics
|
CS218I-50PBLEADFREE CS218I-50DLEADFREE CS218I-50PL |
50 A, 1200 V, SCR, TO-218 50 A, 400 V, SCR, TO-218 50 A, 1000 V, SCR, TO-218 50 A, 800 V, SCR, TO-218 50 A, 200 V, SCR, TO-218 Internally Trimmed Precision IC Multiplier 55 A, 400 V, SCR, TO-218 Internally Trimmed Precision IC Multiplier 55 A, 1000 V, SCR, TO-218 63 A, 1200 V, SCR, TO-65 63 A, 600 V, SCR, TO-65 63 A, 200 V, SCR, TO-65 110 A, SCR, TO-83
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
CS218I-30PBLEADFREE CS218I-30BLEADFREE CS218I-30DL |
30 A, 1200 V, SCR, TO-218 30 A, 200 V, SCR, TO-218 30 A, 400 V, SCR, TO-218 30 A, 600 V, SCR, TO-218 30 A, 1000 V, SCR, TO-218 35 A, 1200 V, SCR, TO-218 35 A, 1200 V, SCR, TO-48
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
CYNA25-1000 CYNA25-1000PT CYNA25-600 CYNB25-600 CY |
25 A, 1000 V, SCR, TO-220AB 25 A, 400 V, SCR, TO-220AB 25Amp - 400/600/800/1000V - SCR
|
CYNERGY3 CORP List of Unclassifed Manufacturers
|
IRKTF102-10HJ |
Silicon Controlled Rectifier, 164.85 A, 1000 V, SCR
|
Vishay Semiconductors
|
DK1310FXM DK1310FXK DK13FX DK1312FXK DK1312FXM |
Fast Switching Thyristor 130 A, 1000 V, SCR, TO-94
|
Dynex Semiconductor, Ltd. DYNEX[Dynex Semiconductor]
|
T7000425 T7002025 T7000225 T7001335 T7002235 T7000 |
Phase Control SCR (250-350 Amperes 200-2200 Volts) 550 A, 1200 V, SCR Phase Control SCR (250-350 Amperes 200-2200 Volts) 470 A, 1800 V, SCR Phase Control SCR (250-350 Amperes 200-2200 Volts) 470 A, 1000 V, SCR Phase Control SCR (250-350 Amperes 200-2200 Volts) 470 A, 2000 V, SCR Phase Control SCR (250-350 Amperes 200-2200 Volts) 550 A, 600 V, SCR Phase Control SCR (250-350 Amperes 200-2200 Volts) 550 A, 200 V, SCR Phase Control SCR (250-350 Amperes 200-2200 Volts) 第一阶段控制晶闸管(250-350安培200-2200伏特 Phase Control SCR (250-350 Amperes 200-2200 Volts) 550 A, 2200 V, SCR
|
Powerex Power Semicondu... Powerex Power Semiconductor... PHOENIX CONTACT Deutschland GmbH Powerex, Inc. POWEREX[Powerex Power Semiconductors] http://
|
LD470650 LD470850 LD471050 LD471250 LD471450 LD471 |
POW-R-BLOK Dual SCR/Diode Isolated Module (500 Amperes / Up to 1600 Volts) 785 A, 1200 V, SCR POW-R-BLOK Dual SCR/Diode Isolated Module (500 Amperes / Up to 1600 Volts) 785 A, 1000 V, SCR
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors] http://
|
|