PART |
Description |
Maker |
1N5629 JANTX1N5632A JANTXV1N5665A 1N5629A 1N5630 1 |
1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA 1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-13 CAP .068UF 100V 20% CER AXIAL 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-13 1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation] http://
|
1.5KE180 1.5KE33A 1.5KE16C 1N6268A 1N6303 1.5KE51 |
1500W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes 18 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 36 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 8.2 V, 10 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 10 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 320 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 43 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 24 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 12 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode Transient Voltage Suppressor (TVS) 瞬态电压抑制器(TVS 56 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 33 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 6.8 V, 10 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 75 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 68 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 47 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 130 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode
|
Fagor List of Unclassifed Manufac... List of Unclassifed Manufacturers ETC[ETC] Jameco Electronics TE Connectivity, Ltd. Electronic Theatre Controls, Inc. Ecliptek, Corp. IDEC, Corp. List of Unclassifed Man...
|
1.5KE22C 1.5KE75C 1.5KE16CA 1.5KE62CA 1.5KE6.8C 1. |
Ppk=1500W, Vc=574V transient voltage suppressor 1500 Watt Transient Voltage Suppressors 6.8 to 400 Volts 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE 1500 Watt Transient Voltage Suppressors 6.8 to 400 Volts 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE Dual-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 8-SM8 -40 to 85 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE 18-Bit Universal Bus Driver With 3-State Outputs 56-TVSOP -40 to 85 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE Ppk=1500W, Vc=258V transient voltage suppressor
|
Micro Commercial Components, Corp. Micro Commercial Components Corp. MCC[Micro Commercial Components]
|
1N6162USX 1N6162USS |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
SENSITRON SEMICONDUCTOR
|
MQ1.5KE100A |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
MICROSEMI CORP-SCOTTSDALE
|
SMCJ26 |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
LITE-ON SEMICONDUCTOR CORP
|
MQLCE8.5E3 MSPLCE8.5E3 MQLCE6.5AE3 |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
MICROSEMI CORP-SCOTTSDALE
|
LCE10AB |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
CRYDOM CORP
|
1.5KE8.2ACOX.200 1.5KE200COX.160 1.5KE200COX.200 1 |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
MICROSEMI CORP-LAWRENCE
|
MSP6471 |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
MICROSEMI CORP-SCOTTSDALE
|
SM5908 1N5908RL |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE TRANSIL
|
STMICROELECTRONICS ST Microelectronics
|
SMCJ10-E3/57T SMCJ5.0A-E3/9AT |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB
|
VISHAY SEMICONDUCTORS
|
|