PART |
Description |
Maker |
39860-0106 39860-0104 39860-0102 39861-0105 |
CONN TERM BLOCK 6POS 5.08MM R/A 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLOCK 4POS 5.08MM R/A 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK Neo 5.08mm TB Plug S86 STY 05 Ckt 02 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; Pitch Spacing:0.2"; Body Material:Nylon 6/6; Gender:Plug; No. of Contacts:5; No. of Rows:1; Series:Beau Eurostyle 39861 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc.
|
102430 |
Terminal Block; Leaded Process Compatible:Yes; Mounting Type:Clipped; Wire Size (AWG):26-12; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes MODULAR TERMINAL BLOCK
|
Weidmuller, Corp.
|
57.503.0055.0 |
Terminal Block; Wire Size (AWG):22-12; Mounting Type:DIN Rail; Color:Gray; Current Rating:30A; Terminal Block Clamp Type:Feed-Thru Terminals; Voltage Rating:600V RoHS Compliant: Yes 30 A, MODULAR TERMINAL BLOCK
|
Wieland Electric, Inc.
|
1792730000 |
Terminal Block; Wire Size (AWG):24-16; Mounting Type:DIN Rail; Terminal Block Clamp Type:Spring Clamp 17.5 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
MY51W MY51 MY51C MY51D MY51T |
Terminal Block; Number of Positions:3; Wire Size (AWG):14-4; Number of Contacts:3; Terminal Block Clamp Type:Power Distribution Block YELLOW LED LAMPS
|
MICRO-ELECTRONICS[Micro Electronics]
|
2-1546211-0 1-1546211-0 2-1546211-5 |
STRIP TERMINAL BLOCK, 1 ROW, 1 DECK TERMINAL BLOCK HEADER ASSEMBLY, 180 DEGREE , CLOSED ENDS, 5.00mm PITCH
|
Tyco Electronics
|
25.602.2953.0 |
Terminal Block; No. of Positions:9; Pitch Spacing:0.197"; Mounting Type:PC Board RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
Wieland Electric, Inc.
|
39850-0113 |
Terminal Block; Pitch Spacing:0.197"; Body Material:Thermoplastic; No. of Contacts:13; No. of Rows:1; Series:Beau Eurostyle 39850 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc.
|
25.700.0153.0 |
Terminal Block; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 30 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Wieland Electric, Inc.
|
39372-00 39373-00 39371-00 39374-0909 39374-08 393 |
SR HDR 7.5MM 8 ASY ST 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 7.5MM 9 ASY ST PLUG RE 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR HDR 7.5MM 11 ASY ST 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR HDR 7.5MM 5 ASY ST 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 7.5MM 6 ASY RA PLUG 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 7.5MM 3 ASY ST PLUG FE 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 7.5MM 7 ASY ST PLUG FE 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 7.5MM 4 ASY ST PLUG FE 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 7.5MM 6 ASY ST PLUG FE 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 7.5MM 9 ASY ST PLUG FE 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK 7.50mm (.295? Pitch 37 Series Beau? Eurostyle? Pluggable Terminal Blocks 7.50mm (.295隆卤) Pitch 37 Series Beau垄莽 Eurostyle垄莽 Pluggable Terminal Blocks
|
Molex, Inc. Molex Electronics Ltd.
|
25.320.0453.1 25.320.1653.1 25.340.1053.0 25.340.1 |
Terminal Block; No. of Positions:4; Pitch Spacing:0.197"; Wire Size (AWG):12; Mounting Type:PC Board; Color:Black; No. of Contacts:4; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:16; Pitch Spacing:0.197"; Wire Size (AWG):12; Mounting Type:PC Board; Color:Black; No. of Contacts:16; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:10; Pitch Spacing:0.2"; Mounting Type:PC Board; Color:Light Gray; No. of Contacts:10; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:18; Pitch Spacing:0.2"; Mounting Type:PC Board; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:12; Pitch Spacing:0.2"; Mounting Type:PC Board; Color:Light Gray; No. of Contacts:12; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block, Connector, Current Rating 15 Ampere, Maximum AWG Number 22, Minimum AWG Number 12 RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:12; Pitch Spacing:0.197"; Wire Size (AWG):12; Mounting Type:PC Board; Color:Black; No. of Contacts:12; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:9; Pitch Spacing:0.2"; Mounting Type:PC Board; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:3; Pitch Spacing:0.197"; Wire Size (AWG):12; Mounting Type:PC Board; Color:Black; Leaded Process Compatible:Yes; No. of Contacts:3; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes Terminal Block; No. of Positions:2; Pitch Spacing:0.197"; Wire Size (AWG):12; Mounting Type:PC Board; Color:Black; Leaded Process Compatible:Yes; No. of Contacts:2; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes
|
Wieland Electric, Inc. WIELAND ELECTRIC INC
|
1697120000 |
Terminal Block; Number of Positions:2; Pitch Spacing:0.2"; Wire Size (AWG):26-12; Mounting Type:PC Board; Color:Black; Leaded Process Compatible:Yes; Number of Contacts:2; Terminal Block Clamp Type:Screw Clamp
|
WEIDMULLER
|
|