PART |
Description |
Maker |
SI3210 SI3210-BT SI3210-KT SI3210M-BT SI3210M-KT S |
PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION ProSLIC产品可编程的CMOS用户接口/有振铃编解码电池电压生成
|
ETC Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
SI3245 SI3203 |
Quad ProSLIC? Programmable CMOS SLIC/Codec Quad ProSLIC㈢ Programmable CMOS SLIC/Codec
|
Silicon Laboratories
|
SI3220 SI3225DCX-EVB SI3225PPT0-EVB SI3225PPTX-EVB |
DUAL PROSLIC??PROGRAMMABLE CMOS SLIC/CODEC DUAL PROSLIC㈢ PROGRAMMABLE CMOS SLIC/CODEC
|
SILABS[Silicon Laboratories]
|
P8254 82C54 IS82C54 IS82C54-12 IS82C54-10 CP82C54 |
CMOS Programmable Interval Timer 3 TIMER(S), PROGRAMMABLE TIMER, CQCC28 CMOS Programmable Interval Timer 3 TIMER(S), PROGRAMMABLE TIMER, PDIP24 CMOS Programmable Interval Timer 3 TIMER(S), PROGRAMMABLE TIMER, PQCC28 CMOS Programmable Interval Timer 3 TIMER(S), PROGRAMMABLE TIMER, CDIP24 CMOS Programmable Interval Timer 3 TIMER(S), PROGRAMMABLE TIMER, PDSO24
|
Intersil, Corp. INTERSIL[Intersil Corporation] http://
|
MX26C4000BTI-90 MX26C4000BQI-15 MX26C4000BQI-10 MX |
4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 512K X 8 FLASH 12V PROM, 120 ns, PDSO32 4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 512K X 8 FLASH 12V PROM, 120 ns, PQCC32 4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 512K X 8 FLASH 12V PROM, 90 ns, PQCC32 4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 512K X 8 FLASH 12V PROM, 90 ns, PDIP32 Switch Actuator; For Use With:18 Series Switches; Accessory Type:Spring Lever Actuator RoHS Compliant: Yes IC DRIVER 1/2BRDG LOW SIDE 16DIP DIODE SCHTTKY 150V 2X30A TO247AD
|
Macronix International Co., Ltd.
|
PEEL18CV8P-10 PEEL18CV8P-15 PEEL18CV8P-25 PEEL18CV |
CMOS Programmable Electrically Erasable Logic Device 的CMOS电可擦除可编程逻辑器件 CMOS Programmable Electrically Erasable Logic Device CMOS电可擦除可编程逻辑器件 GBASE 350 C5E PNK STRANDED BLK 500FT
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] International CMOS Technology
|
M4-96/48-10JI M4-96/48-10VC M4-96/48-10VI M4-96/48 |
D52 - GLENAIR EE PLD, 10 ns, PQFP100 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 10 ns, PQFP208 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 10 ns, PQFP48 INDUSTRIAL TO RJ45 CAT6 PATCH CORD 5FT CONNECTOR ACCESSORY
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation
|
EFRQ1200480R40-026 EFRQ600240R40-026 EFRQ1200480D5 |
CMOS Programmable Peripheral Interface; Temperature Range: -40°C to 85°C; Package: 44-MQFP T&R Single Event Hardened High-Speed, Dual Output PWM; Temperature Range: -55°C to 125°C; Package: 16-SBDIP General Purpose Timers; Temperature Range: -40°C to 85°C; Package: 14-PDIP CMOS Octal Bus Transceiver; Temperature Range: -40°C to 85°C; Package: 20-CerDIP CMOS Programmable Peripheral Interface; Temperature Range: -40°C to 85°C; Package: 44-PLCC T&R General Purpose Timers; Temperature Range: -40°C to 85°C; Package: 8-SOIC General Purpose Timers; Temperature Range: -40°C to 85°C; Package: 8-PDIP General Purpose Timers; Temperature Range: -55°C to 125°C; Package: 14-CerDIP CMOS Programmable Interval Timer; Temperature Range: -40°C to 85°C; Package: 24-CerDIP CMOS 8-Bit/16-Bit Microprocessor; Temperature Range: -40°C to 85°C; Package: 40-PDIP CMOS Priority Interrupt Controller; Temperature Range: -40°C to 85°C; Package: 28-CerDIP CMOS Programmable Peripheral Interface; Temperature Range: -40°C to 85°C; Package: 44-MQFP
|
Honeywell International, Inc. Air Cost Control
|
PALCE16V8H-5JC/5 PALCE16V8H-10PC/4 PALCE16V8H-15PC |
EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic EE PLD, 25 ns, PQCC20 EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic EE PLD, 25 ns, PDSO20 EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic EE PLD, 25 ns, PDIP20 EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic EE PLD, 15 ns, PQCC20 KPTC 3C 3#20 SKT PLUG EE PLD, 15 ns, PDIP20 EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic EE PLD, 7.5 ns, PDSO20 EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic EE PLD, 7.5 ns, PQCC20 EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic EE PLD, 7.5 ns, PDIP20 KPT 5C 5#16 SKT RECP KPTC 4C 4#20 PIN PLUG KPT 4C 4#20 PIN PLUG EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation
|
E0C6S46 |
Advanced Single-Chip CMOS、Super Low Voltage 4-Bit Microcomputer Consisting of the E0C6200 4-Bit CMOS Core CPU,Dot Matrix LCD Driver,Programmable SVD Circuit/Sound Generator(4位高级的、CMOS、单片微型计算机(含4位E0C62000中央处理器核点阵LCD驱动器,可编程SVD电路/声音发生器))
|
爱普生(中国)有限公
|
HS9-82C54RH-Q |
Radiation Hardened CMOS Programmable Interval Timer 3 TIMER(S), PROGRAMMABLE TIMER, CDFP24
|
Intersil, Corp.
|