PART |
Description |
Maker |
PIFR2501 PIFR2502P PIFR2501N PIFR2501P PIFR2504N P |
25Amp Insulate Flag Pressfit Automotive Rectifiers High Current Capability
|
FCI connector First Components International
|
LT1571 LT1571SERIES 1571F LT1571EGN-5TR LT1571EGN- |
Constant-Current/Constant-Voltage Battery Charger with Preset Voltage and Termination Flag; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C Constant-Current/Constant-Voltage Battery Charger with Preset Voltage and Termination Flag; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 2 A BATTERY CHARGE CONTROLLER, 550 kHz SWITCHING FREQ-MAX, PDSO16 From old datasheet system Constant-Current/Constant-Voltage Battery Chargers
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
42234-1 |
FASTON Uninsulated Receptacles & Housings; .205 FLAG FAST REC IS 20-16 BR ( AMP )
|
Tyco Electronics
|
RT9703GS RT9703PS RT970307 RT9703 |
80mΩ, 3A Smart Universal Power Switch with Flag 80m惟, 3A Smart Universal Power Switch with Flag 80mヘ, 3A Smart Universal Power Switch with Flag
|
Richtek Technology Corporation
|
341409N00 341109N02 341410N03 337110N03 331110N03 |
Thumbwheel Switches 指轮开 Eurocard Type C and Enhanced Type C Connectors .100 Centerline - 3 Row; 032 EURO TYPE C RECEPT ST ASSY ( AMP ) 指轮开
|
ITT, Corp.
|
MAX4828ELT MAX4827ELT MAX4826ELT MAX4829ELT MAX482 |
50mA/100mA Current-Limit Switches with NO-LOAD Flag in μDFN 50mA/100mA Current-Limit Switches with NO-LOAD Flag in 楼矛DFN 50mA/100mA Current-Limit Switches with NO-LOAD Flag in レDFN
|
Maxim Integrated Products
|
RT9711PB RT9711PS RT9711GB RT9711GS RT9711 |
80mΩ, 1.5A High-Side Power Switches with Flag 80mヘ, 1.5A High-Side Power Switches with Flag
|
Richtek Technology Corporation
|
650462-4 |
Eurocard Type R Connectors .100 Centerline - 3 Row; 096 EURO TYPE R RECEPT ASSY ( AMP )
|
Tyco Electronics
|
AC08FSMA AC08DSMA |
8A resin insulating TRIAC (AC08DSMA / AC08FSMA) 8A RESIN INSULATION TYPE TRIAC 8A RESIN INSULATION TYPE TRIAC 8A条树脂绝缘型可控 ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% 8A条树脂绝缘型可控
|
NEC[NEC] NEC Corp. NEC, Corp.
|
V600-HAM81 V600-HAM91 V600-HAR81 |
Intelligent Flag I
|
Omron
|