PART |
Description |
Maker |
ISPLSI2032-180LTN48 ISPLSI2032-110LJN |
EE PLD, 7.5 ns, PQFP48 EE PLD, 13 ns, PQCC44
|
LATTICE SEMICONDUCTOR CORP
|
ISPLSI2032-180LT ISPLSI2032-80LT |
EE PLD, 7.5 ns, PQFP48 EE PLD, 24 ns, PQFP48
|
LATTICE SEMICONDUCTOR CORP
|
ISPLSI2032VL ISPLSI2032VL-110LB49 ISPLSI2032VL-110 |
2.5VIn-SystemProgrammableSuperFASTHighDensityPLD 2.5V In-System Programmable SuperFAST⑩ High Density PLD 2.5V In-System Programmable SuperFAST High Density PLD 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP48 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP44 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP44 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 5 ns, PQCC44 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 5 ns, PQFP44
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
GAL16V8D-20QPI GAL16V8D-20QJI GAL16V8D-7LP GAL16V8 |
Aluminum Snap-In Capacitor; Capacitance: 2700uF; Voltage: 160V; Case Size: 30x50 mm; Packaging: Bulk High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 3.5 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDSO20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PQCC20 IC,MICROCONTROLLER,8-BIT,68HC08 CPU,CMOS,DIP,8PIN,PLASTIC RoHS Compliant: No
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
22V10 GAL22V10 GAL22V10C-5LJ GAL22V10C-7LJ GAL22V1 |
148 DCCE37S HighPerformanceE2CMOSPLDGenericArrayLogic Single LVDS Receiver Bus LVDS Dual 2x2 Crosspoint/Repeater PCB; Leaded Process Compatible:No; PCB Type:4 Channel I/O Rack; Peak Reflow Compatible (260 C):No; Size:3.5 x 3.5 in; Thickness:2.32" RoHS Compliant: No EE PLD, 15 ns, PQCC28 MR Series Rocker, 1 lamp circuit (Clear Red) miniature rectangle housing, SPDT, 2 position, Quick-connect, Snap-in panel, Silver alloy contacts EE PLD, 7.5 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 10 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 20 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDIP24 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 4 ns, PQCC28 Electrically-Erasable PLD EE PLD, 15 ns, PDIP24 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PDIP24 SOTiny Single LVDS Driver EE PLD, 5 ns, PQCC28
|
http:// Lattice Semiconductor Corporation LatticeSemiconductor Lattice Semiconductor, Corp.
|
PAL12H6-2CFP01234 PAL12H6-2CFXXXXP01234 PAL12H6-2C |
OT PLD, 60 ns, MQFP20 OT PLD, MQFP20 OT PLD, 60 ns, CDIP20 OT PLD, 60 ns, PDIP20 OT PLD, 55 ns, PDIP20 OT PLD, 60 ns, PQCC20 OT PLD, 25 ns, PDIP20 OT PLD, MQCC20 OT PLD, PDIP20 OT PLD, CDIP20 OT PLD, 60 ns, MQCC20 OT PLD, PQCC20 OT PLD, 40 ns, CDIP20 OT PLD, 50 ns, CDIP24
|
Advanced Micro Devices, Inc. MONOLITHIC MEMORIES
|
ATF1504SEL ATF1508SEL ATF1502SEL ATF1508SEL-15JC84 |
ATF1502/04/08/16SE(L) Preliminary [Updated 9/02. 69 Pages] Second Generation Industry Compatible 5V Logic Doubling CPLDs 32-512 Macrocells. standard & low power w/ISP EE PLD, 15 ns, PQCC84 PLASTIC, LCC-84 EE PLD, 15 ns, PQFP160 28 X 28 MM, PLASTIC, QFP-160 EE PLD, 15 ns, PQFP100 14 X 20 MM, PLASTIC, QFP-100 EE PLD, 10 ns, PQCC84 PLASTIC, LCC-84 EE PLD, 7.5 ns, PQFP160
|
Atmel, Corp. ATMEL CORP
|
PEEL22CV10AS-10L PEEL22CV10AS-25L PEEL22CV10AP-7L |
EE PLD, 7.5 ns, PQCC28 EE PLD, 15 ns, PQCC28 EE PLD, 7.5 ns, PDIP24 0.300 INCH, LEAD FREE, PLASTIC, DIP-24 CMOS Programmable Electrically Erasable Logic Device
|
Integrated Circuit Technology Corp ANACHIP[Anachip Corp] http://
|
ISPLSI2064VL-100LB100 ISPLSI2064VL-100LJ44 ISPLSI2 |
2.5V In-System Programmable SuperFAST?High Density PLD 2.5V In-System Programmable SuperFAST?/a> High Density PLD 2.5V In-System Programmable SuperFAST⑩ High Density PLD 2.5V In-System Programmable SuperFAST High Density PLD Turns Counting Dial; Number of Turns:10; Knob/Dial Style:Round Skirted With Indicator Line; Body Material:Aluminum; Shaft Size:1/4; Color:Satin RoHS Compliant: Yes EE PLD, 10 ns, PQFP100 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP100 2.5VIn-SystemProgrammableSuperFASTHighDensityPLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
PALC16R6Z-25CQSTD PALC16L8Z-25CQSTD PALC16R8Z-25CQ |
UV PLD, 25 ns, CDIP20 WINDOWED, CERDIP-20 OT PLD, 25 ns, CDIP20 CERAMIC, DIP-20 OT PLD, 25 ns, PQCC20 0.351 X 0.351 INCH, PLASTIC, LCC-20 OT PLD, 25 ns, PDIP20 0.250 X 1 INCH, PLASTIC, DIP-20
|
Advanced Micro Devices, Inc.
|
5384VA ISPLSI5384VA-70LB208 ISPLSI5384VA-70LB272 I |
In-System Programmable 3.3V SuperWIDEHigh Density PLD EE PLD, 13 ns, PBGA272 In-System Programmable 3.3V SuperWIDEHigh Density PLD EE PLD, 9.5 ns, PBGA208 In-System Programmable 3.3V SuperWIDEHigh Density PLD EE PLD, 9.5 ns, PBGA272 In-System Programmable 3.3V SuperWIDEHigh Density PLD EE PLD, 19 ns, PBGA388 In-System Programmable 3.3V SuperWIDE High Density PLD
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation
|
|