PART |
Description |
Maker |
MM74HC540 MM74HC540MTC MM74HC540N MM74HC540SJ MM74 |
Inverting Octal 3-STATE Buffers Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer 1.5 A, 260 kHz Low Voltage Buck Regulators with External Bias; Package: DFN18 6x5, 0.5p; No of Pins: 18; Container: Tape and Reel; Qty per Container: 2500 Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
74ALVT16244 74ALVT16244DGG 74ALVT16244DL AV16244DL |
2.5 V / 3.3 V 16-bit buffer/driver (3-State) 2.5V/3.3V 16-bit buffer/driver (3-State) 2.5V/3.3V 16-bit buffer/driver 3-State ALVT SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
74LVX125MTC 74LVX125SJ 74LVX125 74LVX125M 74LVX125 |
Low Voltage Quad Buffer with 3-STATE Outputs LV/LV-A/LVX/H SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDSO14
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
74LVTH125SJX 74LVTH125 74LVTH125M 74LVTH125MTC 74L |
Low Voltage Quad Buffer with 3-STATE Outputs LVT SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDSO14
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
M74HCT126M1R M74HCT126B1R M74HCT126 M74HCT126RM13T |
OCTAL BUS BUFFER (3-STATE) QUAD BUS BUFFER (3-STATE)
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
DM74ALS125 DM74ALS125M DM74ALS125N |
Quad 3-STATE Buffer
|
FAIRCHILD[Fairchild Semiconductor]
|
74VHC125MTCXNL 74VHC125MXNL |
Quad Buffer with 3-STATE Outputs
|
Fairchild Semiconductor
|
74ACT125 74ACT125MTCXNL |
Quad Buffer with 3-STATE Outputs
|
Fairchild Semiconductor
|
74VHC125M 74VHC125TTR |
QUAD BUS BUFFER (3-STATE)
|
ST Microelectronics
|
74LVC125ABQ NXPSEMICONDUCTORS-74LVC125ABQ115 |
74LVC125A; Quad buffer/line driver with 5 V tolerant input/outputs; 3-state Quad buffer-line driver with 5 V tolerant input-outputs; 3-state
|
Philips NXP Semiconductors N.V.
|
74VHC126PW-Q100 74VHC126D-Q100 74VHC126BQ-Q100 74V |
Quad buffer/line driver; 3-state
|
NXP Semiconductors
|