PART |
Description |
Maker |
SMDJ100C SMDJ33 |
3000 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB 3000 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB
|
|
3.0SMCJ17CA-T3 3.0SMCJ8.0C-T3 3.0SMCJ33C-T3 3.0SMC |
3000 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB 3000 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB
|
SENSITRON SEMICONDUCTOR
|
SMDJ100A SMDJ10C SMDJ150CA |
3000 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB 3000 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB
|
PROTEK DEVICES
|
3SMC8.0CA 3SMC8.5CA 3SMC85CA 3SMC6.0CA 3SMC6.5CA 3 |
Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(??ぇ???宸ヤ??靛?.0V,????荤???????????靛?????? Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电.0V,双向玻璃钝化节点瞬变电压抑制 3000 W, BIDIRECTIONAL, SILICON, TVS DIODE SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS, 5.0 THRU 170 VOLTS 3000 W, BIDIRECTIONAL, SILICON, TVS DIODE Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电9.0V,双向玻璃钝化节点瞬变电压抑制 3000 W, BIDIRECTIONAL, SILICON, TVS DIODE Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电7.0V,双向玻璃钝化节点瞬变电压抑制 Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电6.5V,双向玻璃钝化节点瞬变电压抑制 SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS/ 5.0 THRU 170 VOLTS
|
http:// Vishay Intertechnology, Inc. Central Semiconductor, Corp. Central Semiconductor Corp.
|
MAC15 MAC15-008 MAC15A8G MAC1510 MAC15-10 MAC15-10 |
Silicon Bidirectional Thyristor(15A00V三端双向可控硅晶闸管) 400 V, 15 A, TRIAC, TO-220AB Triacs Silicon Bidirectional Thyristors
|
Motorola Mobility Holdings, Inc. ONSEMI[ON Semiconductor]
|
1.5KE160A 1.5KE75 1.5KE180 1.5KE33A 1.5KE8.2 1.5KE |
Unidirectional and bidirectional Transient Voltage Suppressor Diodes 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
Diotec Semiconductor AG http:// DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
3KP170 3KP170A 3KP100A 3KP5.0A 3KP6.0A 3KP10 3KP11 |
Ppk=3000W, Vc=196V transient voltage suppressor KJL SERIES I 3000 W, UNIDIRECTIONAL, SILICON, TVS DIODE Connector,D-Shell,PCB Mnt,PLUG,15 Contacts,SKT,0.050 Pitch,PC TAIL Terminal,#2-56 3000 W, UNIDIRECTIONAL, SILICON, TVS DIODE 3000Watts Transient Voltage Suppressor 5.0 to 170 Volts 3000 W, UNIDIRECTIONAL, SILICON, TVS DIODE Ppk=3000W, Vc=214V transient voltage suppressor Ppk=3000W, Vc=209V transient voltage suppressor
|
MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
PESD5V0U1BA PESD5V0U1BB PESD5V0U1BL PESD5V0U1BB115 |
Ultra low capacitance bidirectional ESD protection diodes; Package: SOD523 (SC-79); Container: Tape reel smd BIDIRECTIONAL, 2 ELEMENT, SILICON, TVS DIODE
|
NXP Semiconductors N.V. Philips Semiconductors
|
PIP8.4H2 PHP8.4 PHP8.4H1 PIP208H2 PIP8.4H1 PIP24H1 |
7500 W, BIDIRECTIONAL, SILICON, TVS DIODE PLASTIC, CASE-11, 2 PIN 7500 W, BIDIRECTIONAL, SILICON, TVS DIODE HERMETIC SEALED, METAL, CASE-11, 2 PIN 15000 W, BIDIRECTIONAL, SILICON, TVS DIODE PLASTIC, CASE-11, 2 PIN
|
Microsemi, Corp. ProTek Devices MICROSEMI CORP-SCOTTSDALE
|
JAN1N6059 JAN1N6059A JAN1N6060 JAN1N6060A JAN1N603 |
Dual inverting buffer/line driver; 3-state Automotive Catalog Low-Dropout Voltage Regulator 3-DDPAK/TO-263 -40 to 125 Single Output LDO, 150mA, Fixed(12.0V), Low Quiescent Current, 60V Load Dump Protection 8-SOIC 0 to 125 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA Single Output LDO, 150mA, Fixed(5.0V), Low Quiescent Current, 60V Load Dump Protection 3-PFM 0 to 125 1500瓦特双向瞬态电压抑制器 Single Output LDO, 150mA, Fixed(5.0V), Low Quiescent Current, 60V Load Dump Protection 3-TO-92 0 to 125 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-13 1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-13 1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA Single Output LDO, 750mA, Fixed(5.0V), Low Quiescent Current, 60V LoadDump Protection 3-TO-220 0 to 125 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA
|
MICROSEMI CORP-SCOTTSDALE MICROSEMI CORP-LAWRENCE Microsemi, Corp. http:// MICROSEMI[Microsemi Corporation]
|
|