PART |
Description |
Maker |
P6KE39A P6KE9.1CA P6KE51CA P6KE300A P6KE300CA P6KE |
16-Bit Bus Transceivers and Registers with 3-State Outputs 56-SSOP -40 to 85 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 RF Down-Converter 20-QFN 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Presettable Synchronous 4-Bit Up/Down Binary Counters 16-SOIC -40 to 85 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP 0 to 70 600 Watt Transient Voltage Suppressors
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] Microsemi
|
SF10A01 SF10A02 SF10A04 SF10A03 SF10A05 SF10A06 |
Glass Passivated Super Fast Recovery Rectifie
|
YENYO TECHNOLOGY Co., Ltd
|
GB840 |
SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 8A RECTIFIE
|
GTM CORPORATION
|
P6SMB27A P6SMB68A P6SMB220 P6SMB220A P6SMB30 P6SMB |
600 Watts Suface Mount Transient Voltage Suppressor 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA
|
Taiwan Semiconductor Company, Ltd http:// Taiwan Semiconductor Co...
|
SMBG17CA MASMBG17CAE3 MQSMBG17C MQSMBG17CA MASMBG1 |
600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA PLASTIC PACKAGE-2 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA ROHS COMPLIANT, PLASTIC PACKAGE-2 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA
|
Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE
|
CHFP6KE51 CHFP6KE51A CHFP6KE30 CHFP6KE30A CHFP6KE3 |
Patented Flip-Chip Series 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE Transient Voltage Suppressor 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE Transient Voltage Suppressor 600 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
MICROSEMI CORP-SCOTTSDALE Microsemi, Corp. Littelfuse, Inc. MICROSEMI[Microsemi Corporation]
|
SDR4006HFPTXV SDR4004HFNS SDR4004HFNTX SDR4004HFNT |
40 A, 600 V, SILICON, RECTIFIER DIODE 40A 35nsec 400 to 600 V Hyper Fast Rectifier
|
SOLID STATE DEVICES INC SSDI[Solid States Devices, Inc]
|
APT15DQ60KG |
Fast Recovery Epitaxial Diode; Package: TO-220 [K]; IO (A): 15; VR (V): 600; trr (nsec): 16; VF (V): 2; Qrr (nC): 250; 15 A, 600 V, SILICON, RECTIFIER DIODE, TO-220AC
|
Microsemi, Corp.
|
TFMBJ65A TFMBJ65 TFMBJ90A TFMBJ TFMBJ10 TFMBJ100 T |
GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE) 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA
|
RECTRON[Rectron Semiconductor]
|
DO-214AA SMB/DO-214AA SMBJ58CA |
600 Watt Transient Voltage Suppressors 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 600 Watt Transient Voltage Suppressors 600瓦瞬态电压抑制器
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
P6KE200AG P6KE180ARLG ONSEMICONDUCTOR-P6KE180ARLG |
600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors 600 Watt Peak Power Surmetic -40 Transient Voltage Suppressors 600 W Transient Voltage Suppressor 200 V SUR40 Unidirectional; Package: Surmetic 40, Axial Lead; Container: Bulk; Qty per Container: 1000 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
ON Semiconductor
|
P6KE6.8U16 P6KE6.8U11 P6KE6.8CAH12 P6KE75M12 P6KE2 |
600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15
|
Rectron Semiconductor TE Connectivity, Ltd. RECTRON LTD
|
|