PART |
Description |
Maker |
BUX77ESY |
Hi-Rel PNP bipolar transistor 150 V - 0.5 A
|
STMicroelectronics
|
2SA1708S-AN EN3094B 2SC4488T-AN 2SC4488S-AN |
Bipolar Transistor Bipolar Transistor Adoption of FBET, MBIT processes Bipolar Transistor ?0V, ?A, Low VCE(sat) PNP Single PCP
|
ON Semiconductor
|
2N3700UBG |
Hi-Rel NPN bipolar transistor 80 V, 1 A
|
ST Microelectronics
|
2N5154HR |
Hi-Rel NPN bipolar transistor 80 V - 5 A
|
STMicroelectronics
|
2N2219AHR |
Hi-Rel NPN bipolar transistor
|
STMicroelectronics
|
2N5551RHRG 2N5551RHRT |
Hi-Rel NPN bipolar transistor 160 V, 0.5 A
|
ST Microelectronics
|
MMBT2131T1-D |
General Purpose Transistors PNP Bipolar Junction Transistor (Complementary NPN Device: MMBT2132T1/T3) NOTE: Voltage and Current are negative for the PNP Transistor.
|
ON Semiconductor
|
2N5664SMD |
NPN BIPOLAR TRANSISTOR IN A CERAMIC SURFACE MOUNT PACKAGE FOR HIGH REL APPLICATIONS
|
SEME-LAB[Seme LAB]
|
DMJT9435-13 DMJT9435 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V 3000 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC PACKAGE-4 LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Incorporated
|
IRGMVC50U |
600V COPACK Hi-Rel IGBT in a TO-258AA package INSULATED GATE BIPOLAR TRANSISTOR WITH ON-BOARD REVERSE DIODE
|
IRF[International Rectifier]
|
OC70 OC75 OC66 2N217 OC74 OC65 OC73 OC76 OC77 OC78 |
TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 10MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 150MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 300MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 16V V(BR)CEO | 300MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 250MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 200MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 10V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 1A I(C) | TO-5 TRANSISTOR | BJT | PNP | 35V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 1A I(C) | TO-5 68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | PNP | 18V V(BR)CEO | 500MA I(C) | TO-5 晶体管|晶体管|进步党| 18V的五(巴西)总裁| 500mA的一(c)|
|
APEM SA
|