PART |
Description |
Maker |
M55155/057H03 4501B-4 4502C-10 4502C-14 4502C-113 |
BRASS, TIN LEAD FINISH, PCB TERMINAL BRASS, GOLD FINISH, PCB TERMINAL BRASS, BLACK OXIDE FINISH, PCB TERMINAL BRASS, SILVER FINISH, PCB TERMINAL BRASS, CADMIUM FINISH, PCB TERMINAL BRASS, TIN FINISH, PCB TERMINAL BRASS, PCB TERMINAL BRASS, ZINC CHROMATE FINISH, PCB TERMINAL
|
WINCHESTER ELECTRONICS CORP
|
4484B-00 4443C-18 4443C-32 4443C-12 |
BRASS, PCB TERMINAL BRASS, ZINC CHROMATE FINISH, PCB TERMINAL BRASS, GOLD FINISH, PCB TERMINAL BRASS, NICKEL FINISH, PCB TERMINAL
|
WINCHESTER ELECTRONICS CORP
|
2005C-2 2065D-3 2005C-00 2020D-7 2005B-4 2022A-3 2 |
BRASS, GOLD FINISH, PCB TERMINAL BRASS, PCB TERMINAL BRASS, TIN LEAD FINISH, PCB TERMINAL BRASS, CADMIUM FINISH, PCB TERMINAL
|
WINCHESTER ELECTRONICS CORP
|
0315-0-00-34-00-00-03-0 0315-1-00-34-00-00-03-0 03 |
APRINTED CIRCUIT PINS BRASS, TIN LEAD (200) OVER NICKEL FINISH, PCB TERMINAL BRASS, TIN (200) OVER NICKEL FINISH, PCB TERMINAL BRASS, GOLD (20) OVER NICKEL FINISH, PCB TERMINAL BRASS, GOLD (10) OVER NICKEL FINISH, PCB TERMINAL
|
Mill-Max Mfg. Corp. MILL-MAX MFG CORP
|
0272-0-01-21-3 0700-0-00-21-3 0700-0-00-1-3 8000-0 |
BRASS, GOLD FINISH, PCB TERMINAL BRASS, TIN LEAD FINISH, PCB TERMINAL
|
MILL-MAX MFG CORP
|
50-34-8511 02-09-5132 |
P.C. TAIL TERMINAL FEMALE .093/(2.36)DIA Crimp Socket Contact; Contact Material:Brass; Contact Termination:Crimp BRASS, GOLD (30) OVER NICKEL FINISH, PCB TERMINAL
|
Molex Electronics Ltd. Molex, Inc.
|
7030C-2 7040B-9 7041C-11 7052C-11 7031D-7 7041B-7 |
BRASS, GOLD FINISH, PCB TERMINAL BRASS, CADMIUM FINISH, PCB TERMINAL
|
WINCHESTER ELECTRONICS CORP
|
861-112-12 861A-11-12 861A-3-12 851-9-12 |
BRASS, CADMIUM FINISH, PCB TERMINAL BRASS, GOLD FINISH, PCB TERMINAL
|
WINCHESTER ELECTRONICS CORP
|
19127-0086 19095-0138 19127-0044 19127-0090 19127- |
CONN FLANGED SPADE #8 10-12AWG 6 mm2, BRASS, WIRE TERMINAL BB-886-08 Flanged Spade Avikrimp 2 mm2, BRASS, WIRE TERMINAL FLANGED SPADE AVIKRIMP TAPED (BB-816-08T 2 mm2, BRASS, WIRE TERMINAL 191270090 6 mm2, BRASS, WIRE TERMINAL CONN FLANGED SPADE #6 14-16AWG 2 mm2, BRASS, WIRE TERMINAL FLANGED SPADE VERSAKRIMP (BB-316-08) 2 mm2, BRASS, WIRE TERMINAL
|
Molex, Inc. KEMET Corporation
|
19017-0016 19016-0042 19016-0001 19016-0085 19017- |
.205X.032 FEMALE QD INSUL.TAPE (BB-2191- 2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .187 X .020 FEM.QD KRIMP. TAPE (BB-1138T 2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL Etc Butt Seam Recept WR:22-18, KSS-1755-C 0.8 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .250X.032 FEM.QD KRIMPTITE (P-1142) 3.3 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .187X.032 FEMALE QD INSULKRIMP (AA-2137- 0.8 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL 190160043 2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .250X.032 FEM.QD VIBRA.TAPED (P-4178T) 3.3 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .205X.020 FEMALE QD INSUL.TAPE (AA-2190T 0.8 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .110X.020 FEM.QD INSULKRIMP (BB-2132) 2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .205 X .032 FEM.QD INSULKRIMP (BB-2191-0
|
Molex, Inc. MOLEX INC
|
94030-5901 |
TERMINAL F 77 X 08 BRASS/ 30590210063 2.5 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL
|
Molex, Inc.
|
|