PART |
Description |
Maker |
LM4041CIM3-1.2 LM4040DYM3-2.5TR LM4040CYM3-2.5 LM4 |
Precision Micropower Shunt Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PDSO3 3 X 1.30 MM, LEAD FREE, SOT-23, 3 PIN 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PDSO3 LEAD FREE, SOT-23, 3 PIN 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 4.096 V, PDSO3 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.233 V, PDSO3
|
http:// Micrel Semiconductor, Inc. MICREL INC
|
SPX1004_07 SPX1004 SPX1004AM1-1-2 SPX1004AM1-1-2_T |
1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PBCY3 1.2V / 2.5V Micropower Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.235 V, PSSO3 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.235 V, PDSO8 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PDSO8
|
SIPEX[Sipex Corporation] Exar Corporation http://
|
TL431BVLPRAG TL431AIDMR2G |
Programmable Precision Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.495 V, PBCY3 Adjustable 2.5-36V /- 1% Tolerance 1-100mA Shunt Regulator - PB Free; Package: Micro8™; No of Pins: 8; Container: Tape and Reel; Qty per Container: 4000 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.495 V, PDSO8
|
Rectron Semiconductor
|
CA-1004BY1T2 CA-1004N1TR1 |
1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.25 V, PDSO8 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.25 V, PBCY3
|
CALOGIC LLC
|
TL431AS TL431AIU-2 GS431BIX TL431IU-2 TL431AIX |
IC 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.495 V, PSSO3, SOT-89, 3 PIN, Voltage Reference IC 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.495 V, PSSO3, SOT-89, 3 PIN, Voltage Reference Voltage Regulator - Datasheet Reference IC 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.495 V, PDSO3, SOT-23, 3 PIN, Voltage Reference
|
Vishay Intertechnology Inc Vishay Semiconductors
|
ADR292ERZ ADR292ERZ-REEL ADR291ERZ-REEL7 ADR291GRU |
Low Noise Micropower Precision Voltage Reference (4.096 V); Package: SOIC; No of Pins: 8; Temperature Range: Industrial 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 4.096 V, PDSO8 Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8
|
Analog Devices, Inc. ANALOG DEVICES INC
|
MAX6225 MAX6225ACPA MAX6225ACSA MAX6225AEPA MAX622 |
Low-Noise Precision 2.5V/ 4.096V/ 5V Voltage References From old datasheet system Low-Noise / Precision / 2.5V/ 4.096V/ 5V Voltage References Low-Noise, Precision, 2.5V/ 4.096V/ 5V Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDIP8 Low-Noise, Precision, 2.5V/ 4.096V/ 5V Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 4.096 V, PDIP8 OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS 20-CDIP -55 to 125
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
AD7701 ADR439ARMZ ADR439ARMZ-REEL7 ADR439ARZ ADR43 |
Toggle Switch; Circuitry:SPDT; Switch Operation:On-None-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Through Hole; Current Rating:6A; Leaded Process Compatible:Yes; Mounting Type:Bracket RoHS Compliant: Yes Ultralow Noise XFET Voltage References with Current Sink and Source Capability 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8 Ultralow Noise XFET Voltage References with Current Sink and Source Capability 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 3 V, PDSO8
|
Analog Devices, Inc.
|
LM385Z-2.5RPG LM285Z-2.5RAG LM285Z-2.5RPG LM385BZ- |
2.5V ±3% Output Voltage 10uA-20mA Voltage Reference Diode; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 2.5V ±1.5% Output Voltage 10uA-20mA Voltage Reference Diode; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 Micropower Voltage Reference Diodes 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.235 V, PDSO8 Micropower Voltage Reference Diodes 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.235 V, PBCY3 Micropower Voltage Reference Diodes 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PBCY3 Micropower Voltage Reference Diodes
|
Rectron Semiconductor
|
MAX6168BESA-T MAX6168AESA |
Precision, Micropower, Low-Dropout, High-Output-Current, SO-8 Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.8 V, PDSO8 Precision, Micropower, Low-Dropout, High- Output-Current, SO-8 Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.8 V, PDSO8
|
Maxim Integrated Products, Inc.
|
REF01HS REF01 REF01HZ REF01AZ REF01CJ REF01EJ REF0 |
10 V Precision Voltage Reference 10 V Precision Voltage Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, PDSO8 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, CDIP8
|
AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
ISYE-1009RH-8 ISYE-1009RH-Q IS2-1009RH-Q |
Radiation Hardened 2.5V Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, BCC3 Radiation Hardened 2.5V Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, MBCY3
|
Intersil, Corp.
|
|