PART |
Description |
Maker |
GSRFTA0330A GSRFTA0707A GOLLEDGEELECTRONICSLTD-GSR |
1 FUNCTIONS, 821 MHz, SAW FILTER 1 FUNCTIONS, 429.25 MHz, SAW FILTER 1 FUNCTIONS, 584 MHz, SAW FILTER 1 FUNCTIONS, 656 MHz, SAW FILTER 1 FUNCTIONS, 420 MHz, SAW FILTER 1 FUNCTIONS, 1960 MHz, SAW FILTER 1 FUNCTIONS, 1732.5 MHz, SAW FILTER 1 FUNCTIONS, 900 MHz, SAW FILTER 1 FUNCTIONS, 2017.5 MHz, SAW FILTER 1 FUNCTIONS, 1056 MHz, SAW FILTER 1 FUNCTIONS, 1842 MHz, SAW FILTER 1 FUNCTIONS, 942.5 MHz, SAW FILTER 1 FUNCTIONS, 2441.8 MHz, SAW FILTER 1 FUNCTIONS, 2158 MHz, SAW FILTER 1 FUNCTIONS, 315 MHz, SAW FILTER 1 FUNCTIONS, 1970 MHz, SAW FILTER 1 FUNCTIONS, 930.5 MHz, SAW FILTER 1 FUNCTIONS, 1870 MHz, SAW FILTER 1 FUNCTIONS, 424 MHz, SAW FILTER 1 FUNCTIONS, 2250 MHz, SAW FILTER 1 FUNCTIONS, 2665 MHz, SAW FILTER 1 FUNCTIONS, 868.3 MHz, SAW FILTER
|
GOLLEDGE ELECTRONICS LTD
|
WPCMV-2M3216-700L WPCML-2M2012-121L WPCMV-2M3216-4 |
2 FUNCTIONS, 16 V, 0.4 A, DATA LINE FILTER 2 FUNCTIONS, 10 V, 0.4 A, DATA LINE FILTER 2 FUNCTIONS, 16 V, 0.25 A, DATA LINE FILTER EIA STD PACKAGE SIZE 3216, 4 PIN
|
Ecliptek, Corp. Epson (China) Co., Ltd.
|
54-786-027 1201-066 51-702-021 |
1 FUNCTIONS, 200 V, 10 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 100 V, 10 A, DATA LINE FILTER 1 FUNCTIONS, 500 V, 25 A, DATA LINE FILTER
|
SPECTRUM CONTROL INC
|
MIL-PRF-28861/05-007TB MIL-PRF-28861/04-007TB MIL- |
1 FUNCTIONS, 3 A, DATA LINE FILTER HERMETIC PACKAGE 1 FUNCTIONS, 0.5 A, DATA LINE FILTER HERMETIC PACKAGE 1 FUNCTIONS, 70 V, DATA LINE FILTER HERMETIC PACKAGE 1 FUNCTIONS, 100 V, DATA LINE FILTER HERMETIC PACKAGE 1 FUNCTIONS, 200 V, DATA LINE FILTER HERMETIC PACKAGE 1 FUNCTIONS, 50 V, DATA LINE FILTER HERMETIC PACKAGE 1 FUNCTIONS, 0.1 A, DATA LINE FILTER HERMETIC PACKAGE 1 FUNCTIONS, 0.3 A, DATA LINE FILTER HERMETIC PACKAGE 1 FUNCTIONS, 1 A, DATA LINE FILTER
|
AVX, Corp. AVX CORP
|
DSS6NC52A271T41B DSN6NC51H330Q56B DSN6NC51H222Q56B |
1 FUNCTIONS, 100 V, 6 A, DATA LINE FILTER 1 FUNCTIONS, 50 V, 6 A, FEED THROUGH CAPACITOR FILTER NETWORK 100V 270PF 20%
|
MURATA MANUFACTURING CO LTD
|
NFA31GD1011014D NFA31GD1001014D NFA31GD1004704D NF |
EMI FILTER, 6V 0.015A NFA31GD1011014 4 FUNCTIONS, 6 V, 0.015 A, DATA LINE FILTER 4 FUNCTIONS, 6 V, 0.02 A, DATA LINE FILTER FLT, S/M, EMI SUP, 100PF
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
NFL21SP706X1C3D NFL21SP506X1C3D NFL21SP206X1C7B |
FILTER LC HIGH FREQ 76PF 0805 1 FUNCTIONS, 16 V, 0.15 A, DATA LINE FILTER FILTER LC HIGH FREQ 84PF 0805 1 FUNCTIONS, 16 V, 0.15 A, DATA LINE FILTER 1 FUNCTIONS, 16 V, 0.1 A, DATA LINE FILTER
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
NCB1206B700TR NCB-H1805E600TR NMC0402P301TR NMC080 |
F BEAD, HIGH SPEED SIGNAL, 70 OHM @ 100 MHZ, 1206, SM 1 FUNCTIONS, 0.4 A, FERRITE CHIP 1 FUNCTIONS, 6 A, FERRITE CHIP 1 FUNCTIONS, 0.1 A, FERRITE CHIP 1 FUNCTIONS, 0.5 A, FERRITE CHIP 1 FUNCTIONS, 0.2 A, FERRITE CHIP 1 FUNCTIONS, 0.6 A, FERRITE CHIP 1 FUNCTIONS, 0.3 A, FERRITE CHIP
|
NIC Components, Corp. NIC COMPONENTS CORP
|
ACML-1206-300 ACML-1206-3000 ACML-1206-600 ACML-12 |
SURFACE-MOUNT MULTI-LAYER CHIP BEADS 1 FUNCTIONS, 0.6 A, DATA LINE FILTER SURFACE-MOUNT MULTI-LAYER CHIP BEADS 1 FUNCTIONS, 0.2 A, DATA LINE FILTER SURFACE-MOUNT MULTI-LAYER CHIP BEADS 1 FUNCTIONS, 2 A, DATA LINE FILTER 1 FUNCTIONS, 6 A, FERRITE CHIP
|
Abracon, Corp. ABRACON CORP
|
DPT433G DPT433K DPT743N DPT743K DPT743H DPT743G |
1 FUNCTIONS, 87 V, 0.5 A, DATA LINE FILTER 1 FUNCTIONS, 87 V, 3 A, DATA LINE FILTER 1 FUNCTIONS, 260 V, 10 A, DATA LINE FILTER 1 FUNCTIONS, 260 V, 3 A, DATA LINE FILTER 1 FUNCTIONS, 260 V, 1 A, DATA LINE FILTER 1 FUNCTIONS, 260 V, 0.5 A, DATA LINE FILTER
|
|
DR331-474BE DR331-475BE DR331-113BE DR331-513BE |
Surface Mount Data Line Chokes 2 FUNCTIONS, 80 V, 0.5 A, DATA LINE FILTER Surface Mount Data Line Chokes 2 FUNCTIONS, 80 V, 0.2 A, DATA LINE FILTER
|
Bourns, Inc.
|
|