PART |
Description |
Maker |
SDA5000 SDA5000HF SDA12500 SDA15000 SDA8000 SDA100 |
STANDARD RECOVERY HIGH VOLTAGE RECTIFIER 0.5 A, 10000 V, SILICON, SIGNAL DIODE 0.5 A, 12500 V, SILICON, SIGNAL DIODE 0.5 A, 22000 V, SILICON, SIGNAL DIODE 0.5 A, 19000 V, SILICON, SIGNAL DIODE
|
Solid States Devices, Inc SOLID STATE DEVICES INC
|
2SK1228TMG MA3027-LH MA3027TSK MA3150-LTMG MA3360- |
100 mA, 50 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 2.7 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 0.1 A, SILICON, SIGNAL DIODE SILICON, PIN DIODE UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR 0.035 A, 2 ELEMENT, SILICON, SIGNAL DIODE
|
PANASONIC CORP
|
BA982 LL4148 LS4154 BAV21 LS4150 |
SILICON, VHF BAND, MIXER DIODE 0.15 A, 100 V, SILICON, SIGNAL DIODE, DO-213AA 0.15 A, 35 V, SILICON, SIGNAL DIODE 0.25 A, 250 V, SILICON, SIGNAL DIODE, DO-35 0.3 A, 50 V, SILICON, SIGNAL DIODE
|
TEMIC SEMICONDUCTORS
|
1N4948-E3-PKG4 |
DIODE 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-204AP, LEAD FREE, HERMETIC SEALED, GLASS PACKAGE-2, Signal Diode
|
Vishay Semiconductors
|
CPR1-120LEADFREE CPR1-080LEADFREE CPR1-100LEADFREE |
1 A, 1200 V, SILICON, SIGNAL DIODE GPR-1A, 2 PIN 1 A, 800 V, SILICON, SIGNAL DIODE GPR-1A, 2 PIN 1 A, 1000 V, SILICON, SIGNAL DIODE GPR-1A, 2 PIN 1 A, 100 V, SILICON, SIGNAL DIODE GPR-1A, 2 PIN 1 A, 600 V, SILICON, SIGNAL DIODE GPR-1A, 2 PIN 1 A, 400 V, SILICON, SIGNAL DIODE GPR-1A, 2 PIN 1 A, 200 V, SILICON, SIGNAL DIODE GPR-1A, 2 PIN
|
Central Semiconductor, Corp.
|
VS-10BQ040TRPBF |
DIODE 40 V, SILICON, SIGNAL DIODE, ROHS COMPLIANT, SIMILAR TO DO-214AA, SMB, 2 PIN, Signal Diode
|
Vishay Semiconductors
|
BAT42-TAP |
DIODE 0.2 A, 30 V, SILICON, SIGNAL DIODE, DO-35, HALOGEN FREE AND ROHS COMPLIANT PACKAGE-2, Signal Diode
|
Vishay Semiconductors
|
1N4150UR-11 1N4150UR-1 JAN1N4150UR-1 |
Signal or Computer Diode; Package: DO-213AA; IO (A): 0.2; Cj (pF): 2.5; Vrwm (V): 50; trr (nsec): 4; VF (V): 0.74; IR (µA): 0.1; 0.2 A, SILICON, SIGNAL DIODE, DO-213AA SWITCHING DIODE
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
BAS40 |
DIODE 0.2 A, 40 V, SILICON, SIGNAL DIODE, TO-236AB, PLASTIC PACKAGE-3, Signal Diode
|
Vishay Semiconductors
|
1N6662US 1N6663US 1N6661US JAN1N6662US JANTXV1N666 |
VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS Signal or Computer Diode; Package: A_SQ._MELF; IO (A): 0.5; IFSM (A): 5; Cj (pF): 20; Vrwm (V): 400; VF (V): 1; IR (µA): 0.05; 0.5 A, SILICON, SIGNAL DIODE, DO-35 Signal or Computer Diode; Package: A_SQ._MELF; IO (A): 0.5; IFSM (A): 5; Cj (pF): 20; Vrwm (V): 225; VF (V): 1; IR (µA): 0.05; 0.5 A, SILICON, SIGNAL DIODE, DO-35
|
Microsemi Corporation Microsemi, Corp.
|
JANTX1N4153-1 |
Signal or Computer Diode; Package: DO-35; IO (A): 0.15; IFSM (A): 2; Cj (pF): 2; Vrwm (V): 50; trr (nsec): 4; VF (V): 0.81; IR (µA): 0.05; 0.15 A, SILICON, SIGNAL DIODE, DO-35
|
Microsemi, Corp.
|
|