PART |
Description |
Maker |
CY7C425-65DC CY7C425-65KMB CY7C424-65DC CY7C429-25 |
1K X 9 OTHER FIFO, 30 ns, PDIP28 1K X 9 OTHER FIFO, 30 ns, PQCC32 x9 Asynchronous FIFO
|
CYPRESS SEMICONDUCTOR CORP
|
IDT72V14320L10BBI IDT72V14320L10BBI8 IDT72V15320L1 |
3.3V MULTIMEDIA FIFO 16 BIT V-III, 32 BIT Vx-III FAMILY UP TO 1 Mb DENSITY 16K x 16 Multimedia FIFO, 3.3V 8K x 16 Multimedia FIFO, 3.3V 32K x 16 Multimedia FIFO, 3.3V 4K x 32 Multimedia FIFO, 3.3V 32K x 32 Multimedia FIFO, 3.3V 16K x 32 Multimedia FIFO, 3.3V 8K x 32 Multimedia FIFO, 3.3V 1K x 32 Multimedia FIFO, 3.3V
|
Integrated Device Techn... IDT
|
IDT7202 IDT72021 IDT72021L25D IDT72021L25DB IDT720 |
CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9 / 2K x 9 / 4K x 9 CLIP HOLD-DOWN FOR SP/DP MK SER CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9 异步FIFO的CMOS带重传每1000 × 9K × 9K的9 CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9 4K X 9 OTHER FIFO, 35 ns, PQCC32 CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9 4K X 9 OTHER FIFO, 50 ns, PQCC32 CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
IDT72271LA20PF8 IDT72271LA20PFI IDT72271LA10PF8 ID |
32K x 9 SuperSync FIFO, 5.0V 16K x 9 SuperSync FIFO, 5.0V CMOS SuperSync FIFO 32K X 9 OTHER FIFO, 12 ns, PQFP64
|
IDT Integrated Device Technology, Inc.
|
IDT72T54262 |
2.5V QUAD/DUAL TeraSyncDDR/SDR FIFO x10 QUAD FIFO or x10/x20 DUAL FIFO CONFIGURATIONS 2.5V的四/双TeraSync⑩复特别提款权先进先出10的四双FIFO或x10/x20先进先出配置
|
Integrated Device Technology, Inc.
|
5962D9317709VNC 5962D9317709VTC 5962D9317710VNC 59 |
16K X 9 OTHER FIFO, 15 ns, DFP28 Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO with Programmable Flag
|
ATMEL Corporation
|
IDT72235LB IDT72205LB IDT72225LB IDT72215LB IDT722 |
4K x 18 SyncFIFO, 5.0V 2K x 18 SyncFIFO, 5.0V 1K x 18 SyncFIFO, 5.0V 512 x 18 SyncFIFO, 5.0V 256 x 18 SyncFIFO, 5.0V CMOS SyncFIFO? Low Voltage 28-Bit Flat Panel Display Link Serializers; Package: TSSOP; No of Pins: 56; Container: Tape & Reel TUBING, TFE 20GA TUBE, THN, TEF, NAT, 24AWG 256 X 18 OTHER FIFO, 10 ns, PQFP64 PLASTIC, TQFP-64 256 X 18 OTHER FIFO, 15 ns, PQFP64 PLASTIC, TQFP-64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 256 X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 512 X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 2K X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 1K X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 4K X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 的CMOS SyncFIFOO 256 × 1812 × 18024 × 18048 × 18096 × 18 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 1K X 18 OTHER FIFO, 6.5 ns, PQCC68 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 2K X 18 OTHER FIFO, 6.5 ns, PQFP64
|
http:// IDT[Integrated Device Technology] Integrated Device Technology, Inc. Cypress Semiconductor, Corp. INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technolog...
|
XR16C850CQ XR16C850CJ XR16C850CP |
UART with 128-byte FIFO’s FIFO Counters and Half-duplex Control 1 CHANNEL(S), 2.25M bps, SERIAL COMM CONTROLLER, PQFP52
|
Exar Corporation Exar, Corp.
|
5962-8956806QUA 5962-8956805VUA 5962-8956805VYA 59 |
308ksps ADC with DSP Interface and 78dB SINAD 12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference x9 Asynchronous FIFO X9热卖异步FIFO
|
TOKO, Inc.
|
7C420-65 7C433-65 7C425-20 7C425-65 7C425-40 7C425 |
256/512/1K/2K/4K x 9 Asynchronous FIFO 256/512/1K/2K/4K × 9异步FIFO 256/512/1K/2K/4K x 9 Asynchronous FIFO 4K X 9 OTHER FIFO, 40 ns, PDIP28 256/512/1K/2K/4K x 9 Asynchronous FIFO 2K X 9 OTHER FIFO, 65 ns, PQCC32
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
|