PART |
Description |
Maker |
2N6576 |
15 AMPERE NPN DARLINGTON POWER TRAN
|
General Semiconductor
|
40TR12B |
SENSOR / ULTRASONIC / 40KHZ / TRAN
|
Jameco
|
BD138 BD138-10 BD138-16 BD140 BD140-10 BD140-16 BD |
PNP power transistors PNP power transistors 1.5 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-126 Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:Green; Approval Bodies:UL, CSA; Approval Categories:UL AWM Styles 1007, 1565; CSA Types TR-64, TRSR-64; JQA-F; Passes VW-1 Flame Test RoHS Compliant: Yes PNP power transistor(PNP????朵?绠?
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MJE5850 MJE5850-D MJE5851 |
Power 8A 300V Discrete PNP SWITCHMODE Series PNP Silicon Power Transistors Power 8A 350V Discrete PNP
|
ON Semiconductor
|
MJW0281A MJW0281A05 MJW0302A MJW0281ADATASHEET MJW |
Complementary NPN?PNP Power Bipolar Transistors ; Package: SOIC NARROW; No of Pins: 14; Qty per Container: 55/Rail 15 A, 260 V, PNP, Si, POWER TRANSISTOR, TO-247AD Complementary NPN-PNP Power Bipolar Transistors Complementary Power Transistors
|
ON Semiconductor http://
|
BD678G |
Plastic Medium−Power Silicon PNP Darlingtons 4 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-225AA
|
ON Semiconductor
|
2SA1009 2SA1009A 2SA1009AH 2SA1009AM 2SA1009J 2SA1 |
PNP SILICON POWER TRANSISTORS 进步党硅功率晶体 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 2 A, 350 V, PNP, Si, POWER TRANSISTOR, TO-220AB TRANSISTOR | BJT | PNP | 350V V(BR)CEO | 2A I(C) | TO-220AB TRANSISTOR | BJT | PNP | 400V V(BR)CEO | 2A I(C) | TO-220AB
|
NEC, Corp. NEC Corp. NEC[NEC]
|
2SB1631 |
Silicon PNP epitaxial planar type(For power amplification) 3 A, 60 V, PNP, Si, POWER TRANSISTOR
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
2N6836 MJ15001 MJ4031 MJ15025 |
European Master Selection Guide 1986 15 A, 140 V, NPN, Si, POWER TRANSISTOR 16 A, 80 V, PNP, Si, POWER TRANSISTOR 16 A, 250 V, PNP, Si, POWER TRANSISTOR
|
Motorola AMERICAN MICROSEMICONDUCTOR INC
|
BDX54 BDX54C BDX54B BDX54A |
8 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220 PNP SILICON POWER DARLINGTONS RJZ Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 15V; Output Voltage (Vdc): 05V; Power: 2W; 2W Single and Dual Outputs
|
Power Innovations Ltd POINN[Power Innovations Limited] Power Innovations International, Inc.
|
KSH117TF KSH117ITU |
PNP Silicon Darlington Transistor; Package: TO-252(DPAK); No of Pins: 2; Container: Tape & Reel 2 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-252 2 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-251 IPAK-3
|
Fairchild Semiconductor, Corp.
|
2SB1202-X-T6C-K 2SB1202-X-TN3-R 2SB1202-X-TM3-T 2S |
HIGH CURRENT SWITCHING APPLICATION 3 A, 50 V, PNP, Si, POWER TRANSISTOR, TO-251 3 A, 50 V, PNP, Si, POWER TRANSISTOR, TO-126
|
UNISONIC TECHNOLOGIES CO LTD
|
|