PART |
Description |
Maker |
47150-0003 47150-0002 |
EJECTOR-EX.CARD SLOT WITH P-P MECH.TOP PCB CONNECTOR CONN EXPRESSCARD HDR 26POS TOP PCB CONNECTOR
|
Molex, Inc.
|
1-1437069-4 3-1437070-6 5-1437069-5 9-1437069-6 4- |
STIFTLEISTE SCSI PCB 90 GRAD 26POL STIFTLEISTE SCSI PCB 90 GRAD 100POL Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits STIFTLEISTE SCSI PCB 90 GRAD 68POL 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit STIFTLEISTE SCSI PCB 90 GRAD 50POL 50 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 68 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC 60 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC
|
THOMAS & BETTS CORP
|
70AAJ-6-M0G 70AAJ-5-M0 70AAJ-2-M0G 70AAJ-3-M0G |
Modular Contacts 2.54mm 6Pin Male Standard Pins PCB CONNECTOR Battery Holder; Body Material:Glass-Filled Thermoplastic; Contact Plating:Copper Alloy; For Use With:Handheld communications; Leaded Process Compatible:Yes; Terminal Type:PCB Surface Mount PCB CONNECTOR Battery Holder; Leaded Process Compatible:Yes RoHS Compliant: Yes Modular Contacts 2.54mm 3Pin Male Standard Pins
|
Bourns, Inc. BOURNS INC
|
44472-2453 44472-2252 44472-0253 44472-1253 44472- |
PCB Connector; No. of Contacts:24; No. of Rows:2 24 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 22CKT MINIFIT VER S/R & D/R HCS HDR ASSY 22 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR V/Pegs V-0 /DH 2Ckt 2 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR V/Pegs V-0 /DH 12Ckt 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR V/Pegs V-2 /DH 18Ckt 18 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,16 Contacts,PIN,0.165 Pitch,PC TAIL Terminal,POLARIZED LCK 16 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,20 Contacts,PIN,0.165 Pitch,PC TAIL Terminal,POLARIZED LCK RoHS Compliant: Yes 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR Vert V-2 20Ckt 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Mini-Fit HCS Hdr Assy 22Ckt Tin V-0 22 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,10 Contacts,PIN,0.165 Pitch,PC TAIL Terminal,POLARIZED LCK 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR V/Pegs V-2 /DH 4Ckt 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR Vert V-0 10Ckt 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 444721052 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,24 Contacts,PIN,0.165 Pitch,PC TAIL Terminal,POLARIZED LCK RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
0719731031 71973-1031 |
2.54mm (.100) Pitch C-Grid? PCB Connector, Dual Row, Right Angle, Early EntryReceptacle, with Flange, 62 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
44769-2403 44769-2003 44769-0601 44769-0801 44769- |
Micro-Fit BMI Vt Hdr F DR 30Au 24Ckt 24 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Micro-Fit BMI Vt Hdr F DR 30Au 20Ckt 20 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE CONN HDR RCPT 6POS VERT TIN PCB 6 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE CONN HDR RCPT 8POS VERT TIN PCB 8 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE CONN HDR RCPT 4POS VERT TIN PCB 4 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE CONN HEADER 10POS 3MM VERT PCB 10 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE
|
Molex, Inc.
|
0719733508 71973-3508 |
2.54mm (.100) Pitch C-Grid? PCB Connector, Dual Row, Right Angle, Early EntryReceptacle, without Flange, 16 Circuits, Lead free MOLEX Connector
|
http:// Molex Electronics Ltd.
|
0901522116 90152-2116 |
2.54mm (.100) Pitch C-Grid III PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 1.0μm (40μ) Tin (Sn), 16 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0901522130 90152-2130 |
2.54mm (.100) Pitch C-Grid III PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 1.0μm (40μ) Tin (Sn), 30 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0901522204 90152-2204 |
2.54mm (.100) Pitch C-Grid III PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.38μm (15μ) Gold (Au) Selective, 4 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
|