PART |
Description |
Maker |
28F640C3 |
3 Volt Advanced Boot Block Flash Memory(3 V 楂?骇蹇??寮?????????ㄥ?)
|
Intel Corp.
|
TE28F640C3 |
(TE28Fxxx) 3 Volt Advanced Boot Block Flash Memory
|
Intel Corporation
|
TE28F320C3BD70 GE28F160C3BD70 TE28F320C3TA110 TE28 |
Advanced Boot Block Flash Memory (C3)
|
Intel Corporation
|
JS28F008 |
(JS28Fxxx) Advanced Boot Block Flash Memory
|
Intel
|
GT28F160B3-T120 GT28F160B3-T150 GT28F400B3-T120 GT |
SMART 3 ADVANCED BOOT BLOCK WORD-WIDE 智能3高级启动块字 SMART 3 ADVANCED BOOT BLOCK WORD-WIDE 1M X 16 FLASH 3V PROM, 150 ns, PBGA48 TRANSFORMER CURRENT 75.0 AMP 智能3高级启动块字 LEAD, N PLG-PLG 50R, 1.2M; Connector type A:N Plug; Connector type B:N Plug; Length, lead:1.2m; Cable type:RG213; Impedance:50R; Coaxial cable type:RG213 RoHS Compliant: Yes
|
http:// Intel, Corp. ON Semiconductor Intel Corp.
|
28F160C18 |
1.8V Advanced Boot Block Flash Memory(1.8V高级引导块闪速存储器) 1.8高级启动块闪存(1.8V的高级引导块闪速存储器
|
Intel, Corp.
|
28F004_400B5 28F800B5 28F200B5 29059907 |
5 Volt Boot Block Flash Memory From old datasheet system
|
Intel
|
LH28F320S5H-L |
32M-BIT ( 2Mbit x16 / 4Mbit x8 )Boot Block Flash MEMORY(32M 2Mx16 / 4Mx8 )Boot Block 闪速存储器)
|
Sharp Corporation
|
A28F400BR-TB A28F400BR-B AB28F400BR-T80 AB28F400BR |
4-MBIT (256K X 16/ 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY Toggle Switch; Circuitry:DPDT; Switch Operation:On-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Through Hole; Current Rating:3A; Leaded Process Compatible:Yes; Mounting Type:PCB; Features:Standard Actuator RoHS Compliant: Yes 4-MBIT (256K X 16. 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 4-Mbit (256K x 16, 512K x 8) SmartVoltage boot block flash memory. Access speed 80 ns
|
Intel Corporation Intel Corp.
|
S29CD032G S29CD032G0JFAI000 S29CD032G0JFAI002 S29C |
CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY From old datasheet system 4 Megabit (512 Kx 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
|
SPANSION[SPANSION]
|