PART |
Description |
Maker |
KBP206 KBP208 |
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIE
|
Yea Shin Technology Co., Ltd
|
SHF1402SMS |
40 AMPS 200- 600 VOLTS 30 nsec HYPER FAST RECTIFIER 4 A, 200 V, SILICON, RECTIFIER DIODE
|
Solid State Devices, Inc.
|
CBR50-020P CBR50-100P CBR50-040P CBR50-060P CBR50- |
50 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 50 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE 50 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE 50 AMP SILICON BRIDGE RECTIFIER 200 thru 1000 VOLTS Leaded Bridge Rectifier General Purpose
|
CENTRAL[Central Semiconductor Corp]
|
MUR2020RG |
ULTRAFAST RECTIFIER 20 AMPERES, 200 VOLTS 20 A, 200 V, SILICON, RECTIFIER DIODE, TO-220AC
|
ON Semiconductor
|
SD202N20PCPBF SD202N16PVPBF |
200 A, 2000 V, SILICON, RECTIFIER DIODE, DO-205AC 200 A, 1600 V, SILICON, RECTIFIER DIODE, DO-205AC
|
|
STTH2002CFP STTH2002CG-TR |
10 A, 200 V, SILICON, RECTIFIER DIODE, TO-220AB 15 A, 200 V, SILICON, RECTIFIER DIODE
|
STMICROELECTRONICS
|
NZ9F5V1T5G NZ9F3V9T5G NZ9F22VT5G NZ9F7V5T5G NZ9F20 |
Zener Voltage Regulators 200 mW SOD−923 Surface Mount 3.3V 200 mW SOD-923 Zener 5% Tolerance 3.3 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.9V 200 mW SOD-923 Zener 5% Tolerance 3.9 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
ON Semiconductor http://
|
CMZ5944B CMZ5948B CMZ5921B CMZ5925B CMZ5926B CMZ59 |
SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 6.8 THRU 200 VOLTS 5% TOLERANCE SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 6.8 THRU 200 VOLTS ± 5% TOLERANCE surface mount silicon Zener diodes 24 V, 0.9 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
Central Semiconductor Corp
|
SZ5A6 SZ5A3 SZ5A6.2 SZ5A2.4 SZ5A5.6 SZ5A7.5 SZ5A5. |
500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES 6.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES 3.6 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES 2.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES 6 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES 110 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES 11 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES 100 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES 190 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
Solid States Devices, Inc. Solid State Devices, Inc.
|
1N387907 1N3883R 1N3879R 1N381 1N382 1N3882R |
Fast Recovery Rectifier Fast Rectifier (100-500ns); Package: DO-4; IO (A): 6; IFSM (A): 200; Vrwm (V): 400; trr (nsec): 200; VF (V): 1.4; IR (µA): 15; 6 A, 400 V, SILICON, RECTIFIER DIODE, DO-203AA Fast Rectifier (100-500ns); Package: DO-4; IO (A): 6; IFSM (A): 200; Vrwm (V): 50; trr (nsec): 200; VF (V): 1.4; IR (µA): 15; 6 A, 50 V, SILICON, RECTIFIER DIODE, DO-203AA Fast Rectifier (100-500ns); Package: DO-4; IO (A): 6; IFSM (A): 200; Vrwm (V): 300; trr (nsec): 200; VF (V): 1.4; IR (µA): 15;
|
Microsemi Corporation Microsemi, Corp. MICROSEMI CORP-LAWRENCE
|
|