PART |
Description |
Maker |
51CDP30-01-1-AJN 50KP36-01-2-05N 51DP30-01-1-AJN 5 |
0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-12POSITIONS, SP12T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-5POSITIONS, DP5T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-6POSITIONS, DP6T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-16POSITIONS, SP16T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-4POSITIONS, SP4T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-12POSITIONS, SP12T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-6POSITIONS, DP6T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-2POSITIONS, SPDT, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-5POSITIONS, DP5T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-2POSITIONS, DPDT, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED Single Deck Rotary Switches ROTARY SWITCH-3POSITIONS, DP3T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT ROTARY SWITCH-2POSITIONS, SPDT, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT ROTARY SWITCH-2POSITIONS, DPDT, LATCHED, THROUGH HOLE-STRAIGHT ROTARY SWITCH-8POSITIONS, SP8T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT ROTARY SWITCH-2POSITIONS, DPDT, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT ROTARY SWITCH-4POSITIONS, SP4T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, THROUGH HOLE-STRAIGHT ROTARY SWITCH-4POSITIONS, DP4T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT Optional Complete Seal for PC Board Assembly and Cleaning ROTARY SWITCH-6POSITIONS, SP6T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT ROTARY SWITCH-6POSITIONS, SP6T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-2POSITIONS, SPDT, LATCHED, THROUGH HOLE-STRAIGHT ROTARY SWITCH-8POSITIONS, SP8T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED Optional Complete Seal for PC Board Assembly and Cleaning
|
Grayhill, Inc. GRAYHILL INC
|
75AP36-01-1-06N 75CP36-01-1-06N 75CF36-01-1-08N 75 |
0.3 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-6POSITIONS, SP6T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT ROTARY SWITCH-6POSITIONS, SP6T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT ROHS COMPLIANT 0.3 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-8POSITIONS, SP8T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT 0.3 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-3POSITIONS, SP3T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT ROTARY SWITCH-5POSITIONS, SP5T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT
|
Grayhill, Inc. GRAYHILL INC
|
50P36-01-1-08N 50MP36-01-1-06N 50P36-01-1-07N 50MP |
0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-8POSITIONS, SP8T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-6POSITIONS, SP6T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-7POSITIONS, SP7T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-9POSITIONS, SP9T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-3POSITIONS, SP3T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-7POSITIONS, SP7T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-5POSITIONS, SP5T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-5POSITIONS, SP5T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT
|
Grayhill, Inc. GRAYHILL INC
|
C1860-105-CPS C1836-110-CPS C1836-108-CPS C1836-20 |
ROTARY SWITCH-5POSITIONS, SP5T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-8POSITIONS, SP8T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-4POSITIONS, DP4T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-2POSITIONS, SPDT, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-4POSITIONS, SP4T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED
|
COLE INSTRUMENT CORP
|
DL-5345-C330-VXS DL-5340-C330-VX DL-5340-C330-VXS |
1 in Dia., 1 Amp Multi Deck Rotary Switch 1.125 Dia., 1/4 Amp Multi Deck Rotary Switch Keypad, .750 in Centers .5-.75 in Dia., 1/4 Amp Multi Deck Rotary Switch 1270纳米1610纳米半导体激光器模块2.5 Gbps的波分复用量子阱半导体激光器尾纤 1270 nm ~ 1610 nm DFB LD MODULES 2.5 Gbps CWDM MQW-DFB LD PIGTAIL 1270纳米1610纳米半导体激光器模块2.5 Gbps的波分复用量子阱半导体激光器尾纤 0.5 in Diameter, 200mA Single Deck Rotary Switch 1270纳米1610纳米半导体激光器模块2.5 Gbps的波分复用量子阱半导体激光器尾纤
|
Optoway Technology Inc. Optoway Technology, Inc.
|
R10305RR03QE R10007RR03QE R10007RRQE R10007RR01B R |
ROTA-SLIDE? Rotary Switches ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, 0.02A, 20VDC, PANEL MOUNT-THREADED ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, 0.02A, 20VDC, THROUGH HOLE-STRAIGHT ROTA-SLIDE? Rotary Switches
|
C&K Components C & K COMPONENTS INC
|
07-1154-300000 07-3034-300000 |
ROTARY CODED SWITCH-16POSITIONS, HEXADECIMAL, LATCHED, THROUGH HOLE-RIGHT ANGLE ROTARY CODED SWITCH-10POSITIONS, BINARY CODED DECIMAL, LATCHED, THROUGH HOLE-STRAIGHT
|
ELMA ELECTRONIC INC
|
75AP36-01-2-02N 75AP36-01-1-10N-C 75AP36-01-2-10N- |
ROTARY SWITCH-2POSITIONS, DPDT, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT 0.3 Diameter, 200 mA
|
GRAYHILL INC Grayhill, Inc
|
RBP12403B03CFG RBP12602B02CFG |
ROTARY SWITCH-3POSITIONS, 4P3T, LATCHED, 0.02A, 25VDC, THROUGH HOLE-STRAIGHT ROTARY SWITCH-2POSITIONS, 6PDT, LATCHED, 0.02A, 25VDC, THROUGH HOLE-STRAIGHT
|
C & K COMPONENTS INC
|
EN11 EN11-HSB0AF20 EN11-HSB0AQ20 EN11-VNB0BF20 EN1 |
11mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Shaft Push-on Switch Option RoHS Compliant ROTARY CODED SWITCH-20POSITIONS, GRAY CODE, LATCHED, 0.01A, 5VDC, THROUGH HOLE-STRAIGHT 11mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Shaft Push-on Switch Option RoHS Compliant ROTARY CODED SWITCH-GRAY CODE, LATCHED, 0.01A, 5VDC, THROUGH HOLE-RIGHT ANGLE 11mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Shaft Push-on Switch Option RoHS Compliant ROTARY CODED SWITCH-GRAY CODE, LATCHED, 0.01A, 5VDC, THROUGH HOLE-STRAIGHT
|
BI Technologies Corporation BI Technologies, Corp.
|
0033.4501 |
Rotary Cam Switch; No. of Switch Positions:2; Contact Current Max:6.3A; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes
|
SCHURTER INC
|
|