PART |
Description |
Maker |
CBR1-D100 CBR1-D010 CBR1-D020 CBR1-D040 CBR1-D060 |
SILICON BRIDGE RECTIFIER 1AMP, 100 THRU 1000 VOLTS 1 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE SILICON BRIDGE RECTIFIER 1AMP, 100 THRU 1000 VOLTS 1 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE SILICON BRIDGE RECTIFIER 1AMP, 100 THRU 1000 VOLTS 1 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE From old datasheet system Leaded Bridge Rectifier General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
EFM202L EFM201L EFM203L EFM204L EFM205L EFM206L EF |
2 A, 150 V, SILICON, RECTIFIER DIODE 2 A, 300 V, SILICON, RECTIFIER DIODE SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 2.0 Ampere 2 A, 100 V, SILICON, RECTIFIER DIODE
|
RECTRON LTD Rectron Semiconductor
|
100HF160FV 100HFR100FVPBF 130HFR100FV 100HF60FVPBF |
100 A, 1600 V, SILICON, RECTIFIER DIODE 100 A, 1000 V, SILICON, RECTIFIER DIODE 130 A, 1000 V, SILICON, RECTIFIER DIODE 100 A, 600 V, SILICON, RECTIFIER DIODE
|
|
CPR2-040TRLEADFREE CPR2-010TRLEADFREE CPR2-120TRLE |
2 A, 400 V, SILICON, RECTIFIER DIODE 2 A, 100 V, SILICON, RECTIFIER DIODE 2 A, 1200 V, SILICON, RECTIFIER DIODE 2 A, 200 V, SILICON, RECTIFIER DIODE 3 A, 1000 V, SILICON, RECTIFIER DIODE, DO-201AD
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
MBR30H100CT |
SWITCHMODE Power Rectifier 100 V, 30 A(100V,30A开关模式功率整流器) 15 A, 100 V, SILICON, RECTIFIER DIODE, TO-220AB
|
ON Semiconductor
|
SED60KB100 |
60 AMP 100 VOLTS SCHOTTKY RECTIFIER 60 A, 100 V, SILICON, RECTIFIER DIODE
|
Solid State Devices, Inc.
|
MUR405 MUR40511 MUR420 MUR460 MUR4100 MUR440 MUR48 |
4 Amp Ultra Fast Recovery Rectifier 50 to 1000 Volts 4 A, 100 V, SILICON, RECTIFIER DIODE, DO-201AD 4 A, 400 V, SILICON, RECTIFIER DIODE, DO-201AD 4 A, 200 V, SILICON, RECTIFIER DIODE, DO-201AD
|
Micro Commercial Components http://
|
SDR1004UF |
100 AMPS ULTRA FAST RECOVERY RECTIFIER 400- 1000 VOLTS 100 A, 400 V, SILICON, RECTIFIER DIODE
|
Solid State Devices, Inc. Solid States Devices, Inc
|
UFM301L UFM302L |
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 3.0 Amperes 3 A, 100 V, SILICON, RECTIFIER DIODE
|
Rectron Semiconductor RECTRON LTD
|
BYP35A0506 BYP35A05 BYP35A1 BYP35A2 BYP35A3 BYP35A |
35 A, 300 V, SILICON, RECTIFIER DIODE METAL PACKAGE-1 35 A, 50 V, SILICON, RECTIFIER DIODE METAL PACKAGE-1 35 A, 100 V, SILICON, RECTIFIER DIODE METAL PACKAGE-1 35 A, 600 V, SILICON, RECTIFIER DIODE METAL PACKAGE-1 35 A, 200 V, SILICON, RECTIFIER DIODE METAL PACKAGE-1 35 A, 400 V, SILICON, RECTIFIER DIODE METAL PACKAGE-1 Silicon Press-Fit-Diodes
|
Semikron International
|
CR16-010R CR16-020R CR16-040R CR16-120R |
16 A, 100 V, SILICON, RECTIFIER DIODE, DO-4 16 A, 200 V, SILICON, RECTIFIER DIODE, DO-4 16 A, 400 V, SILICON, RECTIFIER DIODE, DO-4 16 A, 1200 V, SILICON, RECTIFIER DIODE, DO-4
|
CENTRAL SEMICONDUCTOR CORP
|
|