PART |
Description |
Maker |
CMLD2004 CMLD2004S CMLD2004A CMLD2004C CMLD2004DO |
SMD Switching Diode Dual: Common Cathode SMD Switching Diode Dual: Opposing Polarity SURFACE MOUNT DUAL, HIGH VOLTAGE SILICON SWITCHING DIODES
|
CENTRAL[Central Semiconductor Corp]
|
LT3510IFETRPBF LT3510IFEPBF |
Monolithic Dual Tracking 2A Step-Down Switching Regulator; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 85°C 2 A DUAL SWITCHING CONTROLLER, 1800 kHz SWITCHING FREQ-MAX, PDSO20
|
Linear Technology, Corp.
|
LTC3728EGTRPBF |
Dual, 550kHz, 2-Phase Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C 3 A DUAL SWITCHING CONTROLLER, 590 kHz SWITCHING FREQ-MAX, PDSO28
|
Linear Technology, Corp.
|
CMPD2838E CMPD2836E |
SMD Switching Diode Dual: Common Anode ENHANCED SPECIFICATION SURFACE MOUNT DUAL, SILICON SWITCHING DIODES
|
CENTRAL[Central Semiconductor Corp]
|
CMLD4448 |
SMD Switching Diode Dual SURFACE MOUNT PICOmini DUAL, ISOLATED HIGH SPEED SILICON SWITCHING DIODES
|
CENTRAL[Central Semiconductor Corp]
|
LTC3546EFEPBF LTC3546IFEPBF LTC3546EUFDPBF LTC3546 |
Dual Synchronous, 3A/1A or 2A/2A Confi gurable Step-Down DC/DC Regulator DUAL SWITCHING CONTROLLER, 4000 kHz SWITCHING FREQ-MAX, PDSO28
|
LINEAR TECHNOLOGY CORP
|
MB3778P |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 0.075 A DUAL SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDIP16 Switching Regulator Controller
|
Fujitsu, Ltd. Fujitsu Component Limited.
|
HA17451 HA17451AFP HA17451AP |
0.05 A DUAL SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDIP16 Switching Regulator Controllers for DC/DC Converters
|
HITACHI[Hitachi Semiconductor]
|
ADP1877ACPZ-R7 |
Dual Output Synchronous Buck PWM Controller With Tracking; No of Pins: 32; Temperature Range: Ind 20 A DUAL SWITCHING CONTROLLER, 1725 kHz SWITCHING FREQ-MAX, QCC32
|
Analog Devices, Inc.
|
LX1672-05CPW LX1672-03CLQTR LX1672-03CPWTR |
1 A DUAL SWITCHING CONTROLLER, 345 kHz SWITCHING FREQ-MAX, PDSO28 1 A DUAL SWITCHING CONTROLLER, 345 kHz SWITCHING FREQ-MAX, PQCC38 Multiple Output LoadSHARE PWM 多路输出的PWM LoadSHARE
|
http:// MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi, Corp. 稳压
|
LTC3548-1 LTC3548EDD-1-PBF LTC3548EDD-1-TRPBF LTC3 |
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology, Corp.
|
LTC3811EG-PBF LTC3811 LTC3811EG-TRPBF LTC3811EUHFP |
High Speed Dual, Multiphase Step-Down DC/DC Controller; Package: QFN; No of Pins: 38; Temperature Range: -40°C to 125°C DUAL SWITCHING CONTROLLER, 750 kHz SWITCHING FREQ-MAX, PQCC38
|
Linear Technology, Corp.
|