PART |
Description |
Maker |
LC0402FC05C-LF-T75-1 LC0402FC36C-LF-T75-1 LC0402FC |
200 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
PROTEK DEVICES
|
LC0408FC3.3C-T710-2 |
200 W, BIDIRECTIONAL, 7 ELEMENT, SILICON, TVS DIODE, DO-201 FLIP CHIP-8
|
ProTek Devices
|
ULLC0402FC05C-T75-1 |
UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY 200 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
ProTek Devices
|
JANTX1N6145A JAN1N6112A JANTX1N6148A |
BIDIRECTIONAL TRANSIENT SUPPRESSORS 500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
TVS二极- 瞬态电压抑 Microsemi, Corp. MICROSEMI CORP-LAWRENCE
|
PESD5V0U1BA PESD5V0U1BB PESD5V0U1BL PESD5V0U1BB115 |
Ultra low capacitance bidirectional ESD protection diodes; Package: SOD523 (SC-79); Container: Tape reel smd BIDIRECTIONAL, 2 ELEMENT, SILICON, TVS DIODE
|
NXP Semiconductors N.V. Philips Semiconductors
|
SMCJ6036 SMCJ6036A SMCJ6037 SMCJ6037A SMCJ6038 SMC |
CMOS Triple 3-Input NAND Gate 14-PDIP -55 to 125 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB CMOS Dual 4-Input OR Gate 14-TSSOP -55 to 125 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-215AB CMOS Triple 3-Input NAND Gate 14-CDIP -55 to 125 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB 5.5 thru 185 Volts 1500 Watts Transient Voltage Suppressors 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-215AB From old datasheet system
|
MICROSEMI CORP-SCOTTSDALE Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
DTC10G-N DTC10C-N DTC10E-N DTC10-N |
200 V, 10 A, TRIAC, TO-220 10A Bidirectional Thyristor
|
SANYO[Sanyo Semicon Device] Sanyo Electric Co.,Ltd.
|
P6SMB7.5CA P6SMB9.1CA P6SMB6.8CA P6SMB8.2CA P6SMB1 |
BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS/ 6.8 THRU 200 VOLTS BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS 600 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
Central Semiconductor C... Central Semiconductor Corp. Central Semiconductor, Corp. http://
|
MJL3281A MJL1302 MJL1302A MJL3281 |
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 200 WATTS
|
MOTOROLA[Motorola, Inc]
|
2DEA-2-Q24RLF 2DEA-2-Q24T |
ININET DIODE BIDIRECTIONAL, 20 ELEMENT, SILICON, TVS DIODE Integrated ESD Protection Diode Array BIDIRECTIONAL, 20 ELEMENT, SILICON, TVS DIODE, MO-137
|
Bourns, Inc.
|
P6KE39A P6KE9.1CA P6KE51CA P6KE300A P6KE300CA P6KE |
16-Bit Bus Transceivers and Registers with 3-State Outputs 56-SSOP -40 to 85 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 RF Down-Converter 20-QFN 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Presettable Synchronous 4-Bit Up/Down Binary Counters 16-SOIC -40 to 85 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP 0 to 70 600 Watt Transient Voltage Suppressors
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] Microsemi
|
|