PART |
Description |
Maker |
170M3171 170M4066 170M3216 170M3214 170M3019 170M6 |
ELECTRIC FUSE, 500A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 630A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 250A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 160A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 400A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 800A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 200A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 350A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 125A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 80A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 40A, 700VAC, 200000A (IR), INLINE/HOLDER
|
COOPER INDUSTRIES
|
FWP-63A22F |
ELECTRIC FUSE, 63A, 700VAC, 500VDC, 200000A (IR), INLINE/HOLDER
|
COOPER INDUSTRIES
|
A070UD30KI450 MERSEN-A070UD32KI450 |
ELECTRIC FUSE, 450A, 700VAC, 200000A (IR), INLINE/HOLDER
|
MERSEN
|
A70Q350-4 |
FAST BLOW ELECTRIC FUSE, 350A, 700VAC, 650VDC, 100000A (IR), INLINE/HOLDER
|
MERSEN
|
BAO63 |
ELECTRIC FUSE, 63A, 550VAC, 80000A (IR), INLINE/HOLDER
|
COOPER INDUSTRIES
|
3413.0221.11 |
VERY FAST BLOW ELECTRIC FUSE, 3.15A, 32VAC, 63VDC, 63A (IR), SURFACE MOUNT
|
SCHURTER INC
|
0218.032MRET1P 021806.3HXP 0218004.MXEP 0218004.MX |
TIME LAG BLOW ELECTRIC FUSE, 0.032A, 250VAC, 35A (IR), THROUGH HOLE TIME LAG BLOW ELECTRIC FUSE, 6.3A, 250VAC, 63A (IR), INLINE/HOLDER TIME LAG BLOW ELECTRIC FUSE, 4A, 250VAC, 40A (IR), THROUGH HOLE TIME LAG BLOW ELECTRIC FUSE, 4A, 250VAC, 40A (IR), INLINE/HOLDER
|
|
A90UD73LI1400 A100UD73LI1100 MERSEN-A130UD73LI400 |
ELECTRIC FUSE, 1400A, 900VAC, 150000A (IR), INLINE/HOLDER ELECTRIC FUSE, 1100A, 1000VAC, 150000A (IR), INLINE/HOLDER ELECTRIC FUSE, 900A, 1100VAC, 150000A (IR), INLINE/HOLDER ELECTRIC FUSE, 200A, 1300VAC, 100000A (IR), INLINE/HOLDER
|
MERSEN
|
5HTP630-R 5HTP800-R |
TIME LAG BLOW ELECTRIC FUSE, 0.63A, 600VAC, 150A (IR), THROUGH HOLE TIME LAG BLOW ELECTRIC FUSE, 0.8A, 600VAC, 150A (IR), THROUGH HOLE
|
BEL FUSE INC
|
BK/PCB-2-1/2-R BK/PCC-3-R BK/PCB-3-R TR/PCD-5-R |
FUSE 2-1/2A 250V FAST PCTRON LNG FAST BLOW ELECTRIC FUSE, 2.5A, 250VAC, 450VDC, 50A (IR), THROUGH HOLE FUSE 3.00A 250V FAST PCTRON SHRT FAST BLOW ELECTRIC FUSE, 3A, 250VAC, 350VDC, 50A (IR), THROUGH HOLE FUSE 3.00A 250V FAST PCTRON LONG FAST BLOW ELECTRIC FUSE, 3A, 250VAC, 350VDC, 50A (IR), THROUGH HOLE Fuse; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes FAST BLOW ELECTRIC FUSE, 5A, 125VAC, 250VDC, 10000A (IR), THROUGH HOLE
|
Cooper Bussmann, Inc.
|
FLQ8_10 FLQ FLQ1_10 FLQ1_2 FLQ1_4 FLQ1_8 FLQ10 FLQ |
SLOW BLOW ELECTRIC FUSE, 1.5A, 500VAC, 10000A (IR), INLINE/HOLDER Axial Lead and Cartridge Fuses - Midget TNPW, 0603, 23.2 kOhm, 0.1%, 25 ppm Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:33pF/ft; Conductor Material:Copper RoHS Compliant: Yes COMPUTER ACCESSORY CONNECTOR ACCESSORY SLOW BLOW ELECTRIC FUSE, 10A, 500VAC, 10000A (IR), INLINE/HOLDER SLOW BLOW ELECTRIC FUSE, 7A, 500VAC, 10000A (IR), INLINE/HOLDER SLOW BLOW ELECTRIC FUSE, 3.2A, 500VAC, 10000A (IR), INLINE/HOLDER
|
LITTELFUSE[Littelfuse] Littelfuse, Inc.
|
12THLEJ80 3.6WDOSJ80 3.6ADOSJ6.3 |
ELECTRIC FUSE, 80A, 12000VAC, 12000VDC, 63000A (IR), INLINE/HOLDER ELECTRIC FUSE, 80A, 36000VAC, 36000VDC, 50000A (IR), INLINE/HOLDER ELECTRIC FUSE, 6.3A, 36000VAC, 36000VDC, 40000A (IR), INLINE/HOLDER
|
Cooper Bussmann, Inc. COOPER INDUSTRIES
|
|